Zakładka z wyszukiwarką danych komponentów |
|
BA3404FJ Arkusz danych(PDF) 1 Page - Rohm |
|
BA3404FJ Arkusz danych(HTML) 1 Page - Rohm |
1 / 22 page www.rohm.com TSZ02201-0RAR1G200140-1-2 © 2012 ROHM Co., Ltd. All rights reserved. 1/19 26.OCT.2012 Rev.001 TSZ22111・14・001 Datasheet Operational Amplifiers Series Ground Sense Operational Amplifiers BA3404xxx ●General Description BA3404 is a dual operational amplifier with input and output ground sense. Especially, BA3404 have wide operating voltage range +4V to +36V (single supply). BA3404 have a good performance of slew rate and cross over distortion compare with BA2904. ●Features Operable with a single power supply Wide operating supply voltage Input and output are operable GND sense Low supply current High open loop voltage gain Internal ESD protection circuit ●Packages W(Typ.)xD(Typ.) xH(Max.) SOP8 5.00mm x 6.20mm x 1.71mm SOP-J8 4.90mm x 6.00mm x 1.65mm MSOP8 2.90mm x 4.00mm x 0.90mm ●Key Specification Wide Operating Supply Voltage (single supply): +4.0V to +36.0V (split supply): ±2.0V to ±18.0V Slew Rate: 1.2V/µs(Typ.) Wide Temperature Range: -40°C to +85°C Input Offset Current: 5nA (Typ.) Input Offset Voltage: 5mV (Max.) ●Application Current sense application Buffer application amplifier Active filter Consumer electronics ●Block Diagrams ○Product structure:Silicon monolithic integrated circuit ○This product is not designed protection against radioactive rays. Figure 1. Simplified schematic OUT VCC VEE -IN +IN |
Podobny numer części - BA3404FJ |
|
Podobny opis - BA3404FJ |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |