Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI-8033S Arkusz danych(PDF) 2 Page - Sanken electric

Numer części SI-8033S
Szczegółowy opis  Full-Mold, Separate Excitation Step-down Switching Mode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANKEN [Sanken electric]
Strona internetowa  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-8033S Arkusz danych(HTML) 2 Page - Sanken electric

  SI-8033S Datasheet HTML 1Page - Sanken electric SI-8033S Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
47
ICs
SI-8000S Series
■External Dimensions (TO220F-5)
(Unit : mm)
■Block Diagram
■Typical Connection Diagram
■Ta-PD Characteristics
The efficiency depends on the input voltage and the output current.
Therefore, obtain the value from the efficiency graph and substi-
tute the percentage in the formula above.
VO : Output voltage
VIN : Input voltage
IO
: Output current
ηx: Efficiency (%)
VF : Diode D1 forward voltage
0.5V(RK46)
Thermal design for D1 must be considered separately.
Pin Assignment
q VIN
w SWOUT
e GND
r VOS
t S.S
Plastic Mold Package Type
Flammability: UL94V-0
Product Mass: Approx. 2.3g
Forming No. 1101
10.0
±0.2
4.2
±0.2
0.95
±0.15
8.2±0.7
2.6±0.1
3.9±0.7
(4.3)
0.85
+0.2
–0.1
0.45
+0.2
–0.1
12 3 4 5
P1.7±0.7×4=6.8±0.7
2.8
±0.2
2
Reg.
OCP
OSC
Reset
Amp.
TSD
VREF
Comp.
Drive
1
4 VOS
VIN
SWOUT
GND
S.S.
53
VIN
C1
D1
L1
VIN
VO
GND
S.S
GND
GND
SI-8000S
SWOUT
VOS
1
2
3
+
C2
+
5
4
C1,2 : 1000µF
L1
: 150µH
D1
: RK46(Sanken)
15
20
10
5
0
–25
0
25
50
Operating Ambient Temperature Ta (°C)
75
125
100
200×200×2mm
(2.3°C/W)
100×100×2mm
(5.2°C/W)
75×75×2mm
(7.6°C/W)
Infinite heatsink
Without heatsink
With Silicone Grease
Heatsink: Aluminum
PD=VO•IO
100
–1
–VF•IO 1–
VO
ηχ
VIN


Podobny numer części - SI-8033S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanken electric
SI-8033S SANKEN-SI-8033S Datasheet
63Kb / 6P
   Full-Mold, Separate Excitation Switching Type
SI-8033SD SANKEN-SI-8033SD Datasheet
455Kb / 5P
   Surface Mount Separate Excitation Step-down Switching Mode Regulator ICs
SI-8033SD SANKEN-SI-8033SD Datasheet
55Kb / 2P
   Surface Mount, Separate Excitation Step-down Switching Mode
More results

Podobny opis - SI-8033S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanken electric
SI-8015JF SANKEN-SI-8015JF Datasheet
83Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8050JF SANKEN-SI-8050JF Datasheet
83Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8090S SANKEN-SI-8090S Datasheet
61Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8000JF SANKEN-SI-8000JF_11 Datasheet
83Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8050S SANKEN-SI-8050S Datasheet
61Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8120JF SANKEN-SI-8120JF Datasheet
83Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8120S SANKEN-SI-8120S Datasheet
61Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8050E SANKEN-SI-8050E Datasheet
49Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8000TFE SANKEN-SI-8000TFE_11 Datasheet
78Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8050HFE SANKEN-SI-8050HFE Datasheet
59Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com