Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BU2JTH5WNVX-TL Arkusz danych(PDF) 4 Page - Rohm

Numer części BU2JTH5WNVX-TL
Szczegółowy opis  High Ripple Rejection, Low Current Consumption, Versatile Package FULL CMOS LDO Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BU2JTH5WNVX-TL Arkusz danych(HTML) 4 Page - Rohm

  BU2JTH5WNVX-TL Datasheet HTML 1Page - Rohm BU2JTH5WNVX-TL Datasheet HTML 2Page - Rohm BU2JTH5WNVX-TL Datasheet HTML 3Page - Rohm BU2JTH5WNVX-TL Datasheet HTML 4Page - Rohm BU2JTH5WNVX-TL Datasheet HTML 5Page - Rohm BU2JTH5WNVX-TL Datasheet HTML 6Page - Rohm BU2JTH5WNVX-TL Datasheet HTML 7Page - Rohm BU2JTH5WNVX-TL Datasheet HTML 8Page - Rohm BU2JTH5WNVX-TL Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4/10
07.Jan.2014.Rev.001
BU2JTH5WNVX
Datasheet
TSZ02201-0RBR0A300190-1-2
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
Reference data
(Ta=25ºC unless otherwise specified.)
Figure 3.
Figure 4.
Figure 5.
Figure 6.
Figure 8.
Figure 7.
LINE REGULATION
2.79
2.80
2.81
2.82
2.83
2.84
2.85
2.86
2.87
2.88
3.3
3.8
4.3
4.8
VIN[V]
-20℃
25℃
85℃
CE=VIN
Iout=10mA
Load Regulation
2.750
2.800
2.850
2.900
2.950
0
50
100
150
200
250
IOUT[mA]
-20℃
25℃
85℃
VIN=3.85V
CE=VIN
GROUND PIN CURRENT vs LOAD
0
100
200
300
0
100
200
300
400
500
IOUT [mA]
VIN=3.85V
CE=VIN
Ta=25℃
OUTPUT VOLTAGE vs TEMPERATURE
2.75
2.80
2.85
2.90
2.95
-20
0
20
406080
Temperature[℃]
VIN=3.85V
CE=VIN
IOUT=10uA
GROUND PIN CURRENT vs TEMPERATURE
0
2
4
6
8
10
12
14
16
18
20
-200
20
406080
Temperature[℃]
VIN=3.85V
CE=VIN
IOUT=0mA
GROUND PIN CURRENT vs INPUT VOLTAGE
0
5
10
15
20
3.9
4.4
4.9
5.4
VIN[V]
-20℃
25℃
85℃
CE=VIN
IOUT=0mA


Podobny numer części - BU2JTH5WNVX-TL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BU2JTH5WNVX ROHM-BU2JTH5WNVX Datasheet
2Mb / 24P
   FULL CMOS LDO Regulator (500mA)
More results

Podobny opis - BU2JTH5WNVX-TL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BU18TD3WG ROHM-BU18TD3WG Datasheet
567Kb / 12P
   Versatile Package FULL CMOS LDO Regulator High ripple rejection
BU30TD3WG-TR ROHM-BU30TD3WG-TR Datasheet
562Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU10UA3WNVX-TL ROHM-BU10UA3WNVX-TL Datasheet
682Kb / 14P
   Versatile Package FULL CMOS LDO Regulator
BU33TD3WG ROHM-BU33TD3WG Datasheet
1,018Kb / 15P
   Versatile Package FULL CMOS LDO Regulator
BU28TD3WG-TR ROHM-BU28TD3WG-TR Datasheet
483Kb / 10P
   Versatile Package FULL CMOS LDO Regulator
BU10UB3WG-GTR ROHM-BU10UB3WG-GTR Datasheet
685Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU21TD3WG-TR ROHM-BU21TD3WG-TR Datasheet
562Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU18TD3WG-TR ROHM-BU18TD3WG-TR Datasheet
567Kb / 12P
   Versatile Package FULL CMOS LDO Regulator
BU33TD3WG-TR ROHM-BU33TD3WG-TR Datasheet
567Kb / 12P
   Versatile Package FULL CMOS LDO Regulator
BU25TD3WG-TR ROHM-BU25TD3WG-TR Datasheet
615Kb / 14P
   Versatile Package FULL CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com