Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2N2369AU Arkusz danych(PDF) 1 Page - Microsemi Corporation

Numer części 2N2369AU
Szczegółowy opis  TECHNICAL DATA SHEET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROSEMI [Microsemi Corporation]
Strona internetowa  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N2369AU Arkusz danych(HTML) 1 Page - Microsemi Corporation

  2N2369AU Datasheet HTML 1Page - Microsemi Corporation 2N2369AU Datasheet HTML 2Page - Microsemi Corporation 2N2369AU Datasheet HTML 3Page - Microsemi Corporation 2N2369AU Datasheet HTML 4Page - Microsemi Corporation 2N2369AU Datasheet HTML 5Page - Microsemi Corporation 2N2369AU Datasheet HTML 6Page - Microsemi Corporation 2N2369AU Datasheet HTML 7Page - Microsemi Corporation 2N2369AU Datasheet HTML 8Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
Gort Road Business Park, Ennis, Co. Clare, Ireland
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Tel: +353 (0) 65 6840044 Fax: +353 (0) 65 6822298
Website: http://www.microsemi.com
NPN SILICON TRANSISTOR
Qualified per MIL-PRF-19500/317
T4-LDS-0057 Rev. 3 (110213)
Page 1 of 8
DEVICES
LEVELS
2N2369A
2N2369AUB
2N4449
JAN
2N2369AU
2N2369AUBC *
JANTX
2N2369AUA
JANTXV
JANS
* Available to JANS quality level only.
ABSOLUTE MAXIMUM RATINGS (TC = +25°C unless otherwise noted)
Parameters / Test Conditions
Symbol
Value
Unit
Collector-Emitter Voltage
VCEO
15
Vdc
Emitter-Base Voltage
VEBO
4.5
Vdc
Collector-Base Voltage
VCBO
40
Vdc
Collector-Emitter Voltage
ICES
40
Vdc
Total Power Dissipation @
T
A = +25°C
2N2369A; 2N4449
UA, UB, UBC
U
PT
0.36 (1)
0.36 (1, 3)
0.50 (2)
W
Operating & Storage Junction Temperature Range
Top, Tstg
-65 to +200
°C
THERMAL CHARACTERISTICS
Parameters / Test Conditions
Symbol
Value
Unit
Thermal Resistance, Ambient-to-Case
RJA
°C/W
2N2369A; 2N4449
UA, UB, UBC
U
400
486 (3)
350
Note:
1. Derate linearly 2.06 mW°/C above T
A = +25°C.
2. Derate linearly 3.44 mW°/C above T
A = +54.5°C.
3. Mounted on FR-4 PCB (1Oz. Cu) with contacts 20 mils larger than package pads.
ELECTRICAL CHARACTERISTICS (TA = +25°C, unless otherwise noted)
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
OFF CHARACTERTICS
Collector-Emitter Breakdown Voltage
IC = 10mAdc
V(BR)CEO
15
Vdc
Collector-Base Cutoff Current
VCE = 20Vdc
ICES
0.4
Adc
TO-18 (TO-206AA)
2N2369A
TO-46 (TO-206AB)
2N4449
SURFACE MOUNT
UA
SURFACE MOUNT
UB & UBC
(UBC = Ceramic Lid Version)
SURFACE MOUNT
U (Dual Transistor)


Podobny numer części - 2N2369AU

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microsemi Corporation
2N2369AU MICROSEMI-2N2369AU Datasheet
66Kb / 2P
   NPN SILICON SWITCHING TRANSISTOR
2N2369AU MICROSEMI-2N2369AU Datasheet
54Kb / 2P
   NPN SILICON TRANSISTOR
2N2369AU MICROSEMI-2N2369AU Datasheet
54Kb / 2P
   NPN SILICON TRANSISTOR
2N2369AUA MICROSEMI-2N2369AUA Datasheet
66Kb / 2P
   NPN SILICON SWITCHING TRANSISTOR
2N2369AUA MICROSEMI-2N2369AUA Datasheet
54Kb / 2P
   NPN SILICON TRANSISTOR
More results

Podobny opis - 2N2369AU

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pasternack Enterprises,...
PE15A3595 PASTERNACK-PE15A3595_17 Datasheet
450Kb / 6P
   TECHNICAL DATA SHEET
PE15A3900 PASTERNACK-PE15A3900_17 Datasheet
421Kb / 6P
   TECHNICAL DATA SHEET
PE-020SR PASTERNACK-PE-020SR Datasheet
305Kb / 3P
   TECHNICAL DATA SHEET
PE70A5005 PASTERNACK-PE70A5005 Datasheet
560Kb / 6P
   TECHNICAL DATA SHEET
PE70A5011 PASTERNACK-PE70A5011 Datasheet
561Kb / 6P
   TECHNICAL DATA SHEET
PE70A5012 PASTERNACK-PE70A5012 Datasheet
557Kb / 6P
   TECHNICAL DATA SHEET
PE15A4029 PASTERNACK-PE15A4029 Datasheet
490Kb / 7P
   TECHNICAL DATA SHEET
PE15A4040 PASTERNACK-PE15A4040 Datasheet
442Kb / 6P
   TECHNICAL DATA SHEET
PE15A8007 PASTERNACK-PE15A8007 Datasheet
435Kb / 5P
   TECHNICAL DATA SHEET
PE15A3270 PASTERNACK-PE15A3270 Datasheet
465Kb / 9P
   TECHNICAL DATA SHEET
PE15A3295 PASTERNACK-PE15A3295 Datasheet
447Kb / 6P
   TECHNICAL DATA SHEET
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com