Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BU16501KS2-E2 Arkusz danych(PDF) 5 Page - Rohm

Numer części BU16501KS2-E2
Szczegółowy opis  LED Driver with I2C Compatible and 3-wire Serial Interface for 8횞16 LEDs in Dot Matrix
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BU16501KS2-E2 Arkusz danych(HTML) 5 Page - Rohm

  BU16501KS2-E2 Datasheet HTML 1Page - Rohm BU16501KS2-E2 Datasheet HTML 2Page - Rohm BU16501KS2-E2 Datasheet HTML 3Page - Rohm BU16501KS2-E2 Datasheet HTML 4Page - Rohm BU16501KS2-E2 Datasheet HTML 5Page - Rohm BU16501KS2-E2 Datasheet HTML 6Page - Rohm BU16501KS2-E2 Datasheet HTML 7Page - Rohm BU16501KS2-E2 Datasheet HTML 8Page - Rohm BU16501KS2-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
5/29
Datasheet
Datasheet
BU16501KS2
© 2013 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
TSZ02201-0G3G0CZ00250-1-2
01.Oct.2013 Rev.001
Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
Limits
Unit
Terminal voltage
VMAX
-0.3 to +7
V
Power Dissipation
(note1)
Pd
1.30
W
Operating Temperature Range
Topr
-40 to +85
Storage Temperature Range
Tstg
-55 to +125
(Note1)
Power dissipation deleting is 13mW/°C, when it’s used in over 25°C
(ROHM’s standard one layer board has been mounted.)
The power dissipation of the IC has to be less than the one of the package.
Caution: Operating the IC over the absolute maximum ratings may damage the IC. The damage can either be a short circuit between pins or an open circuit
between pins and the internal circuitry. Therefore, it is important to consider circuit protection measures, such as adding a fuse, in case the IC is operated over
the absolute maximum ratings.
Recommended Operating Ratings (Ta=-40 to 85℃)
Parameter
Symbol
Limits
Unit
VBAT input voltage
VBAT
2.7 to 5.5
V
VINSW input voltage
VINSW
2.7 to 5.5
V
VIO pin voltage
VIO
1.65 to 5.5
V
Electrical Characteristics
(Unless otherwise specified, Ta=25℃, VBAT=5.0V, VINSW=5.0V, VIO=5.0V)
Parameter
Symbol
Limit
Unit
Condition
Min
Typ
Max
[ Circuit Current ]
VBAT Circuit current 1
IBAT1
-
0
3.0
μA
RESETB=0V, VIO=0V
VBAT Circuit current 2
IBAT2
-
0.7
5.0
μA
RESETB=0V, VIO=5.0V
VBAT Circuit current 3
IBAT3
-
2.1
3.5
mA
When LED1-16 are active with 10.67mA settings.
[ UVLO ]
UVLO Threshold
VUVLO
-
2.1
2.5
V
VBAT falling
UVLO Hysteresis
VHYUVLO
50
-
-
mV
[ LED Driver ] (LED1-16)
Maximum output current
ILEDMax1
-
20.00
-
mA
LED1-16 ,ISET=100k
ILEDMax2
-
42.50
-
mA
LED1-16 ,ISET=47k
Output current
ILED
-7.0
-
+7.0
%
I=10.67mA setting, VLED=1V
ISET=100k
LED current Matching
ILEDMT
-
-
5
%
ILEDMT=
(ILEDMax-ILEDMin)/(ILEDMax+ILEDMin)
I=10.67mA setting, VLED=1V, ISET=100k
Driver pin voltage range
VLED1
0.2
-
VBAT
- 1.4
V
LED1-16 ,ISET=100k
LED OFF Leak current
ILKLED
-
-
1.0
μA
[ PMOS switch ]
Leak current at OFF
ILEAKP
-
-
1.0
μA
Resistor at ON
RonP
-
1.0
-
Isw=160mA, VINSW=5.0V
[ OSC ]
OSC frequency
fosc
0.96
1.2
1.44
MHz
[ CE, SYNC, IFMODE ]
L level input voltage
VIL1
-0.3
-
0.25 x
VIO
V
H level input voltage
VIH1
0.75 x
VIO
-
VIO
+0.3
V
input current
Iin1
-
0
1
μA
Input voltage = from (0.1 x VIO) to (0.9 x VIO)


Podobny numer części - BU16501KS2-E2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Frontier Electronics.
BU16-005 FRONTIER-BU16-005 Datasheet
121Kb / 2P
   16A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
BU16-01 FRONTIER-BU16-01 Datasheet
121Kb / 2P
   16A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
BU16-02 FRONTIER-BU16-02 Datasheet
121Kb / 2P
   16A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
BU16-04 FRONTIER-BU16-04 Datasheet
121Kb / 2P
   16A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
BU16-06 FRONTIER-BU16-06 Datasheet
121Kb / 2P
   16A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
More results

Podobny opis - BU16501KS2-E2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD7844AEFV-LB ROHM-BD7844AEFV-LB Datasheet
676Kb / 18P
   16-Channel, 8-Bit PWM LED Driver with I2C Compatible and 2-wire Serial Interface
logo
Shanghai awinic technol...
AW2013 AWINIC-AW2013 Datasheet
886Kb / 19P
   AW2013 3-channel LED Driver with I2C Compatible Interface
logo
National Semiconductor ...
LM27966 NSC-LM27966 Datasheet
674Kb / 13P
   White LED Driver with I2C Compatible Interface
logo
Analog Devices
ADP1655ACBZ-R7 AD-ADP1655ACBZ-R7 Datasheet
664Kb / 24P
   Dual LED Flash Driver with I2C-Compatible Interface
REV. 0
logo
Texas Instruments
LM27966 TI1-LM27966 Datasheet
927Kb / 20P
[Old version datasheet]   LM27966 White LED Driver with I2C Compatible Interface
logo
Sanyo Semicon Device
LV5230LG SANYO-LV5230LG Datasheet
163Kb / 27P
   Dot-matrix LED Driver
logo
Analog Devices
ADP1650ACPZ-R7 AD-ADP1650ACPZ-R7 Datasheet
1Mb / 32P
   1.5 A LED Flash Driver with I2C-Compatible Interface
REV. C
ADP1650 AD-ADP1650_1 Datasheet
74Kb / 2P
   1.5 A LED Fiash Driver with I2C-Compatible Interface
REV. A
ADP1649 AD-ADP1649 Datasheet
591Kb / 28P
   1.0 A LED Flash Driver with I2C-Compatible Interface
Rev. 0
ADP1650 AD-ADP1650 Datasheet
1Mb / 32P
   1.5 A LED Flash Driver with I2C-Compatible Interface
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com