Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD421BRZRL Arkusz danych(PDF) 4 Page - Analog Devices

Numer części AD421BRZRL
Szczegółowy opis  Loop-Powered 4 mA to 20 mA DAC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD421BRZRL Arkusz danych(HTML) 4 Page - Analog Devices

  AD421BRZRL Datasheet HTML 1Page - Analog Devices AD421BRZRL Datasheet HTML 2Page - Analog Devices AD421BRZRL Datasheet HTML 3Page - Analog Devices AD421BRZRL Datasheet HTML 4Page - Analog Devices AD421BRZRL Datasheet HTML 5Page - Analog Devices AD421BRZRL Datasheet HTML 6Page - Analog Devices AD421BRZRL Datasheet HTML 7Page - Analog Devices AD421BRZRL Datasheet HTML 8Page - Analog Devices AD421BRZRL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
AD421
–4–
REV. C
ORDERING GUIDE
Temperature
Package
Model
Range
Option
*
AD421BN
–40
°C to +85°C
N-16
AD421BR
–40
°C to +85°C
R-16
AD421BRRL
–40
°C to +85°C
R-16; Reeled SOIC
EVAL-AD421EB
Evaluation Board
*N = Plastic DIP, R = SOIC.
ABSOLUTE MAXIMUM RATINGS*
(TA = +25
°C unless otherwise noted)
DRIVE, BOOST, COMP to COM . . . –0.5 V to VCC + 0.5 V
LOOP RTN to COM . . . . . . . . . . . . . . . . . . . –2 V to + 0.5 V
Digital Input Voltage to COM . . . . . . . –0.5 V to VCC + 0.5 V
Operating Temperature Range
Commercial (B Version) . . . . . . . . . . . . . . – 40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . +150
°C
Plastic DIP Package, Power Dissipation . . . . . . . . . . 670 mW
θ
JA Thermal Impedance
. . . . . . . . . . . . . . . . . . . . 116
°C/W
Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . . 260
°C
SOIC Package, Power Dissipation . . . . . . . . . . . . . . . 450 mW
θ
JA Thermal Impedance
. . . . . . . . . . . . . . . . . . . . 110
°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . +215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . +220
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
PIN CONFIGURATION
DIP and SOIC
14
13
12
11
16
15
10
9
8
1
2
3
4
7
6
5
AD421
TOP VIEW
(NOT TO SCALE)
REF OUT1
DRIVE
COMP
BOOST
VCC
REF OUT2
REF IN
LV
C3
C2
C1
LATCH
CLOCK
DATA
LOOP RTN
COM
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although these devices feature proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE


Podobny numer części - AD421BRZRL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD421BRZ AD-AD421BRZ Datasheet
171Kb / 14P
   Loop-Powered 4 mA to 20 mA DAC
REV. C
More results

Podobny opis - AD421BRZRL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD421BNZ AD-AD421BNZ Datasheet
173Kb / 14P
   Loop-Powered 4 mA to 20 mA DAC
REV. C
AD421 AD-AD421 Datasheet
171Kb / 14P
   Loop-Powered 4 mA to 20 mA DAC
REV. C
AD421 AD-AD421_15 Datasheet
173Kb / 14P
   Loop-Powered 4 mA to 20 mA DAC
REV. C
AD5421 AD-AD5421_13 Datasheet
726Kb / 36P
   16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
Rev. F
AD5421 AD-AD5421_11 Datasheet
757Kb / 32P
   16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
REV. 0
UG-250 AD-UG-250 Datasheet
562Kb / 12P
   Evaluation Board for 16-Bit, Serial Input, Loop-Powered 4 mA to 20 mA DAC
REV. A
AD693 AD-AD693_15 Datasheet
499Kb / 12P
   Loop-Powered 4-20 mA Sensor Transmitter
REV. A
CN-0267 AD-CN-0267 Datasheet
407Kb / 8P
   Complete 4 mA to 20 mA Loop Powered Field Instrument with HART Interface
REV. A
AD693BQ AD-AD693BQ Datasheet
462Kb / 12P
   Loop-Powered 4??0 mA Sensor Transmitter
REV. A
AD420 AD-AD420 Datasheet
144Kb / 11P
   Serial Input 16-Bit 4 mA-20 mA, 0 mA-20 mA DAC
REV. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com