Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7091RBRMZ-RL7 Arkusz danych(PDF) 9 Page - Analog Devices

Numer części AD7091RBRMZ-RL7
Szczegółowy opis  1 MSPS, Ultralow Power, 12-Bit ADC in 10-Lead LFCSP and MSOP
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7091RBRMZ-RL7 Arkusz danych(HTML) 9 Page - Analog Devices

Back Button AD7091RBRMZ-RL7 Datasheet HTML 5Page - Analog Devices AD7091RBRMZ-RL7 Datasheet HTML 6Page - Analog Devices AD7091RBRMZ-RL7 Datasheet HTML 7Page - Analog Devices AD7091RBRMZ-RL7 Datasheet HTML 8Page - Analog Devices AD7091RBRMZ-RL7 Datasheet HTML 9Page - Analog Devices AD7091RBRMZ-RL7 Datasheet HTML 10Page - Analog Devices AD7091RBRMZ-RL7 Datasheet HTML 11Page - Analog Devices AD7091RBRMZ-RL7 Datasheet HTML 12Page - Analog Devices AD7091RBRMZ-RL7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Data Sheet
AD7091R
Rev. 0 | Page 9 of 20
Figure 11. SINAD vs. Analog Input Frequency
for Various Supply Voltages
Figure 12. Histogram of Codes at Code Center (VREF/2)
Figure 13. tSDO Delay vs. SDO Capacitance Load and VDRIVE
Figure 14. Reference Voltage Output vs. Current Load
for Various Temperatures
Figure 15. Operational IDD Supply Current vs. VDD Supply Voltage
for Various Temperatures
Figure 16. Operational IDRIVE Supply Current vs. VDRIVE Supply Voltage
for Various Temperatures
60
62
64
66
68
70
72
1
10
100
INPUT FREQUENCY (kHz)
TA = 25°C
2.7V
3.0V
5.0V
60
50
10
20
30
40
0
2046
2050
2049
2048
2047
CODE
VDD = VDRIVE = 3V
65k SAMPLES
TA = 25°C
53423
5655
6458
0
2
4
6
8
10
12
10
20
30
40
50
SDO CAPACITANCE LOAD (pF)
VDRIVE = 3V, –40°C
VDRIVE = 3V, +25°C
VDRIVE = 3V, +125°C
VDRIVE = 1.8V, +125°C
VDRIVE = 1.8V, +25°C
VDRIVE = 1.8V, –40°C
2.484
2.486
2.488
2.490
2.492
2.494
2.496
2.498
2.500
2.502
0
20
40
60
80
100
CURRENT LOAD (µA)
+25°C
–40°C
+85°C
+125°C
VDD = VDRIVE = 3V
450
250
2.7
VDD SUPPLY VOLTAGE (V)
270
290
310
330
350
370
390
410
430
3.2
3.7
4.2
4.7
5.2
fSAMPLE = 1MSPS
–40°C
+25°C
+85°C
+125°C
90
0
1.65
2.65
3.65
4.65
VDRIVE SUPPLY VOLTAGE (V)
10
20
30
40
50
60
70
80
fSAMPLE = 1MSPS
VIN = 0V
–40°C
+25°C
+85°C
+125°C


Podobny numer części - AD7091RBRMZ-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7091RBRMZ-RL7 AD-AD7091RBRMZ-RL7 Datasheet
454Kb / 20P
   1 MSPS, Ultralow Power, 12-Bit ADC in 10-Lead LFCSP and MSOP
REV. 0
More results

Podobny opis - AD7091RBRMZ-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7091R AD-AD7091R Datasheet
454Kb / 20P
   1 MSPS, Ultralow Power, 12-Bit ADC in 10-Lead LFCSP and MSOP
REV. 0
AD7091 AD-AD7091 Datasheet
448Kb / 20P
   1 MSPS, Ultralow Power, 12-Bit ADC in 8-Lead LFCSP
REV. A
AD7980 AD-AD7980_17 Datasheet
772Kb / 28P
   16-Bit, 1 MSPS, PulSAR ADC in MSOP/LFCSP
AD7980 AD-AD7980_15 Datasheet
862Kb / 29P
   16-Bit, 1 MSPS PulSAR ADC in MSOP/LFCSP
REV. D
AD7982 AD-AD7982_17 Datasheet
804Kb / 26P
   18-Bit, 1 MSPS PulSAR 7 mW ADC in MSOP/LFCSP
AD7946 AD-AD7946_17 Datasheet
597Kb / 25P
   PulSAR ADC in MSOP and LFCSP
AD7984 AD-AD7984_17 Datasheet
657Kb / 25P
   18-Bit, 1.33 MSPS PulSAR 10.5 mW ADC in MSOP/LFCSP
AD7984 AD-AD7984_15 Datasheet
594Kb / 24P
   18-Bit, 1.33 MSPS PulSAR 10.5 mW ADC in MSOP/LFCSP
REV. B
AD7091R-5 AD-AD7091R-5 Datasheet
699Kb / 34P
   4-Channel, I2C, Ultralow Power, 12-Bit ADC in 20-Lead LFCSP/TSSOP
AD7693 AD-AD7693_15 Datasheet
665Kb / 24P
   Differential ADC in MSOP/LFCSP
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com