Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9051BRSZRL Arkusz danych(PDF) 4 Page - Analog Devices

Numer części AD9051BRSZRL
Szczegółowy opis  10-Bit, 60 MSPS A-D Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9051BRSZRL Arkusz danych(HTML) 4 Page - Analog Devices

  AD9051BRSZRL Datasheet HTML 1Page - Analog Devices AD9051BRSZRL Datasheet HTML 2Page - Analog Devices AD9051BRSZRL Datasheet HTML 3Page - Analog Devices AD9051BRSZRL Datasheet HTML 4Page - Analog Devices AD9051BRSZRL Datasheet HTML 5Page - Analog Devices AD9051BRSZRL Datasheet HTML 6Page - Analog Devices AD9051BRSZRL Datasheet HTML 7Page - Analog Devices AD9051BRSZRL Datasheet HTML 8Page - Analog Devices AD9051BRSZRL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
REV.
AD9051
–4–
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD9051 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ABSOLUTE MAXIMUM RATINGS
*
VD, VDD
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 V
Analog Inputs . . . . . . . . . . . . . . . . . . . . –0.5 V to VD + 0.5 V
Digital Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.5 V to VD
VREF Input . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.5 V to VD
Digital Output Current . . . . . . . . . . . . . . . . . . . . . . . . 20 mA
Operating Temperature . . . . . . . . . . . . . . . . –55
°C to +125°C
Storage Temperature . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Maximum Junction Temperature . . . . . . . . . . . . . . . . . 150
°C
Maximum Case Temperature . . . . . . . . . . . . . . . . . . . . 150
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum ratings
for extended periods may effect device reliability.
EXPLANATION OF TEST LEVELS
Test Level
I.
100% production tested.
II.
100% production tested at 25
°C and sample tested at
specified temperatures.
III. Sample tested only.
IV. Parameter is guaranteed by design and characterization
testing.
V.
Parameter is a typical value only.
VI. 100% production tested at 25
°C; guaranteed by design and
characterization testing for industrial temperature range.
Table I. Digital Coding (Single-Ended Input with AIN, AINB Bypassed to GND)
OR
Digital Output
Analog Input
Voltage Level
(Out of Range)
MSB... LSB
3.126 (3.50)
*
Positive Full Scale + 1 LSB
1
1111111111
2.5
Midscale
0
0111111111
1.874 (1.50)
*
Negative Full Scale – 1 LSB
1
0000000000
*(BRS-2V Version)
C


Podobny numer części - AD9051BRSZRL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9051BRSZRL AD-AD9051BRSZRL Datasheet
686Kb / 12P
   A/D Converter
AD9051BRSZRL-2V AD-AD9051BRSZRL-2V Datasheet
686Kb / 12P
   A/D Converter
More results

Podobny opis - AD9051BRSZRL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9051 AD-AD9051_15 Datasheet
644Kb / 11P
   10-Bit, 60 MSPS A/D Converter
REV. C
logo
Cadeka Microcircuits LL...
SPT7866 CADEKA-SPT7866 Datasheet
148Kb / 8P
   10-BIT, 60 MSPS A/D CONVERTER
logo
Intersil Corporation
HI5766 INTERSIL-HI5766 Datasheet
155Kb / 14P
   10-Bit, 60 MSPS A/D Converter
logo
Analog Devices
AD9020 AD-AD9020_15 Datasheet
245Kb / 12P
   10-Bit 60 MSPS A/D Converter
REV. C
AD9020 AD-AD9020 Datasheet
204Kb / 12P
   10-Bit 60 MSPS A/D Converter
REV. A
AD9051 AD-AD9051 Datasheet
142Kb / 12P
   10-Bit, 60 MSPS A/D Converter
REV. A
AD9050 AD-AD9050 Datasheet
151Kb / 12P
   10-Bit, 40 MSPS/60 MSPS A/D Converter
REV. B
AD9050 AD-AD9050_15 Datasheet
154Kb / 12P
   10-Bit, 40 MSPS/60 MSPS A/D Converter
REV. B
AD9057 AD-AD9057 Datasheet
184Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. B
AD9057BRSZ-40 AD-AD9057BRSZ-40 Datasheet
286Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com