Zakładka z wyszukiwarką danych komponentów |
|
AD9051BRSRL-2V Arkusz danych(PDF) 1 Page - Analog Devices |
|
AD9051BRSRL-2V Arkusz danych(HTML) 1 Page - Analog Devices |
1 / 11 page REV. Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. a AD9051 One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781/329-4700 www.analog.com Fax: © Analog Devices, Inc., 10-Bit, 60 MSPS A/D Converter FUNCTIONAL BLOCK DIAGRAM ENCODE AD9051 T/H SUM AMP DAC ADC 5V DECODE LOGIC TIMING AIN AINB 5V GND REFERENCE CIRCUITS 10 BWSEL ADC IN OUT FEATURES 60 MSPS Sampling Rate 9.3 Effective Number of Bits at fIN = 10.3 MHz 250 mW Total Power at 60 MSPS Selectable Input Bandwidth of 50 MHz or 130 MHz On-Chip T/H and Voltage Reference Single 5 V Supply Voltage 5 V or 3 V Logic I/O Compatible Input Range and Output Coding Options Available APPLICATIONS Medical Imaging Digital Communications Professional Video Instrumentation Set-Top Box GENERAL DESCRIPTION The AD9051 is a complete 10-bit monolithic sampling analog- to-digital converter (ADC) with an onboard track-and-hold and reference. The unit is designed for low cost, high performance applications and requires only 5 V and an encode clock to achieve 60 MSPS sample rates with 10-bit resolution. The encode clock is TTL compatible and the digital outputs are CMOS; both can operate with 5 V/3 V logic. The two-step architecture used in the AD9051 is optimized to provide the best dynamic performance available while maintaining low power consumption. A 2.5 V reference is included onboard, or the user can provide an external reference voltage for gain control or matching of multiple devices. Fabricated on a state-of-the-art BiCMOS process, the AD9051 is packaged in a space saving surface mount package (SSOP) and is specified over the industrial tem- perature range (–40 °C to +85°C). 2010 781/461-3113 C |
Podobny numer części - AD9051BRSRL-2V |
|
Podobny opis - AD9051BRSRL-2V |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |