Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9051BRSZ-2V Arkusz danych(PDF) 5 Page - Analog Devices

Numer części AD9051BRSZ-2V
Szczegółowy opis  10-Bit, 60 MSPS A-D Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9051BRSZ-2V Arkusz danych(HTML) 5 Page - Analog Devices

  AD9051BRSZ-2V Datasheet HTML 1Page - Analog Devices AD9051BRSZ-2V Datasheet HTML 2Page - Analog Devices AD9051BRSZ-2V Datasheet HTML 3Page - Analog Devices AD9051BRSZ-2V Datasheet HTML 4Page - Analog Devices AD9051BRSZ-2V Datasheet HTML 5Page - Analog Devices AD9051BRSZ-2V Datasheet HTML 6Page - Analog Devices AD9051BRSZ-2V Datasheet HTML 7Page - Analog Devices AD9051BRSZ-2V Datasheet HTML 8Page - Analog Devices AD9051BRSZ-2V Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
REV.
–5–
AD9051
PIN FUNCTION DESCRIPTIONS
Pin No.
Mnemonic
Description
1, 6, 7, 12, 21, 23
GND
Ground
2, 8, 11
VD
Analog 5 V Power Supply
3
VREFOUT
Internal Bandgap Voltage Reference (Nominally 2.5 V)
4
VREFIN
Input to Reference Amplifier. Voltage reference for ADC is connected here.
5
BWSEL
Bandwidth Select. NC = 130 MHz nominal. +VD = 50 MHz nominal.
9
AINB
Complementary Analog Input Pin (Analog Input Bar)
10
AIN
Analog Input Pin
13
ENCODE
Encode Clock Input to ADC. Internal T/H is placed in hold mode (ADC is encoding)
on rising edge of encode signal.
14
OR
Out of Range Signal. Logic “0” when analog input is in nominal range. Logic “1” when
analog input is out of nominal range.
15
D9 (MSB)
Most Significant Bit of ADC Output
16–19
D8–D5
Digital Output Bits of ADC
20, 22
VDD
Digital Output Power Supply (Only Used by Digital Outputs)
24–27
D4–D1
Digital Output Bits of ADC
28
D0 (LSB)
Least Significant Bit of ADC Output
PIN CONFIGURATION
14
13
12
11
10
9
8
1
2
3
4
7
6
5
17
16
20
28
27
26
25
24
23
22
21
19
18
15
TOP VIEW
(Not to Scale)
AD9051
GND
D3
D2
D1
D0 (LSB)
VD
VREFOUT
VREFIN
VDD
GND
D4
BWSEL
GND
GND
VD
AINB
AIN
D5
VDD
GND
VD
GND
ENCODE
OR
D6
D9 (MSB)
D8
D7
N
N + 1
N + 2
N + 3
N + 4
N + 5
AIN
ENCODE
DIGITAL
OUTPUTS
tA
tEH tEL
tPD
N – 5
N – 4
N – 3
N – 2
N – 1
N
Figure 1. Timing Diagram
12k
12k
12k
12k
AINB (PIN 9)
AIN (PIN 10)
INPUT
BUFFER
VD
VDD (PINS 20, 22)
+3V TO +5V
D0–D9, OR
VD
ENCODE
(PIN 13)
VD
VREFOUT
(PIN 3)
Figure 2. Equivalent Circuits
Analog Input
Encode
Output Stage
VREF
C


Podobny numer części - AD9051BRSZ-2V

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9051BRSZ-2V AD-AD9051BRSZ-2V Datasheet
686Kb / 12P
   A/D Converter
More results

Podobny opis - AD9051BRSZ-2V

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9051 AD-AD9051_15 Datasheet
644Kb / 11P
   10-Bit, 60 MSPS A/D Converter
REV. C
logo
Cadeka Microcircuits LL...
SPT7866 CADEKA-SPT7866 Datasheet
148Kb / 8P
   10-BIT, 60 MSPS A/D CONVERTER
logo
Intersil Corporation
HI5766 INTERSIL-HI5766 Datasheet
155Kb / 14P
   10-Bit, 60 MSPS A/D Converter
logo
Analog Devices
AD9020 AD-AD9020_15 Datasheet
245Kb / 12P
   10-Bit 60 MSPS A/D Converter
REV. C
AD9020 AD-AD9020 Datasheet
204Kb / 12P
   10-Bit 60 MSPS A/D Converter
REV. A
AD9051 AD-AD9051 Datasheet
142Kb / 12P
   10-Bit, 60 MSPS A/D Converter
REV. A
AD9050 AD-AD9050 Datasheet
151Kb / 12P
   10-Bit, 40 MSPS/60 MSPS A/D Converter
REV. B
AD9050 AD-AD9050_15 Datasheet
154Kb / 12P
   10-Bit, 40 MSPS/60 MSPS A/D Converter
REV. B
AD9057 AD-AD9057 Datasheet
184Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. B
AD9057BRSZ-40 AD-AD9057BRSZ-40 Datasheet
286Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com