Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9051BRSZ-2V Arkusz danych(PDF) 11 Page - Analog Devices

Numer części AD9051BRSZ-2V
Szczegółowy opis  10-Bit, 60 MSPS A-D Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9051BRSZ-2V Arkusz danych(HTML) 11 Page - Analog Devices

Back Button AD9051BRSZ-2V Datasheet HTML 3Page - Analog Devices AD9051BRSZ-2V Datasheet HTML 4Page - Analog Devices AD9051BRSZ-2V Datasheet HTML 5Page - Analog Devices AD9051BRSZ-2V Datasheet HTML 6Page - Analog Devices AD9051BRSZ-2V Datasheet HTML 7Page - Analog Devices AD9051BRSZ-2V Datasheet HTML 8Page - Analog Devices AD9051BRSZ-2V Datasheet HTML 9Page - Analog Devices AD9051BRSZ-2V Datasheet HTML 10Page - Analog Devices AD9051BRSZ-2V Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
AD9051
REV. C
–11–
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-150-AH
28
15
14
1
10.50
10.20
9.90
8.20
7.80
7.40
5.60
5.30
5.00
SEATING
PLANE
0.05 MIN
0.65 BSC
2.00 MAX
0.38
0.22
COPLANARITY
0.10
1.85
1.75
1.65
0.25
0.09
0.95
0.75
0.55
Figure 7.28-Lead Shrink Small Outline Package [SSOP]
(RS-28)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
AD9051BRS
−40°C to +85°C
28-Lead Shrink Small Outline Package (SSOP)
RS-28
AD9051BRS-2V
−40°C to +85°C
28-Lead Shrink Small Outline Package (SSOP)
RS-28
AD9051BRSRL
−40°C to +85°C
28-Lead Shrink Small Outline Package (SSOP)
RS-28
AD9051BRSZ
−40°C to +85°C
28-Lead Shrink Small Outline Package (SSOP)
RS-28
AD9051BRSZRL
−40°C to +85°C
28-Lead Shrink Small Outline Package (SSOP)
RS-28
AD9051BRSRL-2V
−40°C to +85°C
28-Lead Shrink Small Outline Package (SSOP)
RS-28
AD9051BRSZ-2V
−40°C to +85°C
28-Lead Shrink Small Outline Package (SSOP)
RS-28
AD9051BRSZRL-2V
−40°C to +85°C
28-Lead Shrink Small Outline Package (SSOP)
RS-28
1 Z = RoHS Compliant Part.
REVISION HISTORY
11/10—Rev. B to Rev. C
Changes to Specifications Section...................................................2
Deleted Evaluation Board Section ................................................10
Updated Outline Dimensions........................................................11
Changes to Ordering Guide...........................................................11
7/01—Rev. A to Rev. B
Edits to ABSOLUTE MAXIMUM RATINGS ...............................4
©2010 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D00558-0-11/10(C)


Podobny numer części - AD9051BRSZ-2V

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9051BRSZ-2V AD-AD9051BRSZ-2V Datasheet
686Kb / 12P
   A/D Converter
More results

Podobny opis - AD9051BRSZ-2V

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9051 AD-AD9051_15 Datasheet
644Kb / 11P
   10-Bit, 60 MSPS A/D Converter
REV. C
logo
Cadeka Microcircuits LL...
SPT7866 CADEKA-SPT7866 Datasheet
148Kb / 8P
   10-BIT, 60 MSPS A/D CONVERTER
logo
Intersil Corporation
HI5766 INTERSIL-HI5766 Datasheet
155Kb / 14P
   10-Bit, 60 MSPS A/D Converter
logo
Analog Devices
AD9020 AD-AD9020_15 Datasheet
245Kb / 12P
   10-Bit 60 MSPS A/D Converter
REV. C
AD9020 AD-AD9020 Datasheet
204Kb / 12P
   10-Bit 60 MSPS A/D Converter
REV. A
AD9051 AD-AD9051 Datasheet
142Kb / 12P
   10-Bit, 60 MSPS A/D Converter
REV. A
AD9050 AD-AD9050 Datasheet
151Kb / 12P
   10-Bit, 40 MSPS/60 MSPS A/D Converter
REV. B
AD9050 AD-AD9050_15 Datasheet
154Kb / 12P
   10-Bit, 40 MSPS/60 MSPS A/D Converter
REV. B
AD9057 AD-AD9057 Datasheet
184Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. B
AD9057BRSZ-40 AD-AD9057BRSZ-40 Datasheet
286Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com