Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9051BRSZRL-2V Arkusz danych(PDF) 10 Page - Analog Devices

Numer części AD9051BRSZRL-2V
Szczegółowy opis  10-Bit, 60 MSPS A-D Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9051BRSZRL-2V Arkusz danych(HTML) 10 Page - Analog Devices

Back Button AD9051BRSZRL-2V Datasheet HTML 3Page - Analog Devices AD9051BRSZRL-2V Datasheet HTML 4Page - Analog Devices AD9051BRSZRL-2V Datasheet HTML 5Page - Analog Devices AD9051BRSZRL-2V Datasheet HTML 6Page - Analog Devices AD9051BRSZRL-2V Datasheet HTML 7Page - Analog Devices AD9051BRSZRL-2V Datasheet HTML 8Page - Analog Devices AD9051BRSZRL-2V Datasheet HTML 9Page - Analog Devices AD9051BRSZRL-2V Datasheet HTML 10Page - Analog Devices AD9051BRSZRL-2V Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
REV.
AD9051
–10–
Overdrive of the Analog Input
Special care was taken in the design of the analog input section
of the AD9051 to prevent damage and corruption of data when
the input is overdriven. The nominal input range is 1.875 V to
3.125 V (1.25 V p-p centered at 2.5 V). Out-of-range compara-
tors detect when the analog input signal is out of this range and
the input buffer is clamped. The digital outputs are locked at
their maximum or minimum value (i.e., all “0” or all “1”). This
precludes the digital outputs changing to an invalid value when
the analog input is out of range.
The input is protected to one volt outside the power supply
rails. For nominal power (5 V and ground), the analog input
will not be damaged with signals from +5.5 V to –0.5 V.
Timing
The performance of the AD9051 is very insensitive to the duty
cycle of the clock. Pulsewidth variations of as much as
±15% for
encode rates of 40 MSPS and
±10% for encode rates of 60 MSPS
will cause no degradation in performance. (See Figure 17, SNR vs.
Duty Cycle.)
The AD9051 provides latched data outputs, with five pipeline
delays. Data outputs are available one propagation delay (tPD)
after the rising edge of the encode command (refer to Figure 1,
Timing Diagram). The length of the output data lines and
loads placed on them should be minimized to reduce tran-
sients within the AD9051; these transients can detract from
the converter’s dynamic performance.
Power Dissipation
The power dissipation specification in the parameter table is
measured under the following conditions: encode is 60 MSPS,
analog input is –FS.
As shown in Figure 3, the actual power dissipation varies based
on these conditions. For instance, reducing the clock rate will
reduce power as expected for CMOS-type devices. The loading
determines the power dissipated in the output stages.
The analog input frequency and amplitude in conjunction with
the clock rate determine the switching rate of the output data
bits. Power dissipation increases as more data bits switch at
faster rates. For instance, if the input is a dc signal that is out of
range, no output bits will switch. This minimizes power in the
output stages, but is not realistic from a usage standpoint.
The dissipation in the output stages can be minimized by inter-
facing the outputs to 3 V logic (refer to Using the AD9051, 3 V
System). The lower output swings minimize power consumption
as follows: (1/2 CLOAD
× V
DD
2
× Update Rate).
Voltage Reference
A stable and accurate 2.5 V voltage reference is built into the
AD9051 (Pin 3, VREFOUT). In normal operation the internal
reference is used by strapping together Pins 3 and 4 of the
AD9051. The internal reference has 500
µA of extra drive cur-
rent that can be used for other circuits.
Some applications may require greater accuracy, improved
temperature performance, or adjustment of the gain of the
AD9051, which cannot be obtained by using the internal refer-
ence. For these applications, an external 2.5 V reference can be
used to connect to Pin 4 of the AD9051. The VREFIN requires
2
µA of drive current.
The input range can be adjusted by varying the reference
voltage applied to the AD9051. No appreciable degradation
in performance occurs when the reference is adjusted
± 5%.
The full-scale range of the ADC tracks reference voltage
changes linearly.
C


Podobny numer części - AD9051BRSZRL-2V

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9051BRSZRL-2V AD-AD9051BRSZRL-2V Datasheet
686Kb / 12P
   A/D Converter
More results

Podobny opis - AD9051BRSZRL-2V

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9051 AD-AD9051_15 Datasheet
644Kb / 11P
   10-Bit, 60 MSPS A/D Converter
REV. C
logo
Cadeka Microcircuits LL...
SPT7866 CADEKA-SPT7866 Datasheet
148Kb / 8P
   10-BIT, 60 MSPS A/D CONVERTER
logo
Intersil Corporation
HI5766 INTERSIL-HI5766 Datasheet
155Kb / 14P
   10-Bit, 60 MSPS A/D Converter
logo
Analog Devices
AD9020 AD-AD9020_15 Datasheet
245Kb / 12P
   10-Bit 60 MSPS A/D Converter
REV. C
AD9020 AD-AD9020 Datasheet
204Kb / 12P
   10-Bit 60 MSPS A/D Converter
REV. A
AD9051 AD-AD9051 Datasheet
142Kb / 12P
   10-Bit, 60 MSPS A/D Converter
REV. A
AD9050 AD-AD9050 Datasheet
151Kb / 12P
   10-Bit, 40 MSPS/60 MSPS A/D Converter
REV. B
AD9050 AD-AD9050_15 Datasheet
154Kb / 12P
   10-Bit, 40 MSPS/60 MSPS A/D Converter
REV. B
AD9057 AD-AD9057 Datasheet
184Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. B
AD9057BRSZ-40 AD-AD9057BRSZ-40 Datasheet
286Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com