Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM2120-015-G Arkusz danych(PDF) 2 Page - List of Unclassifed Manufacturers

Numer części SM2120-015-G
Szczegółowy opis  Harsh Environment Differential Pressure Die
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

SM2120-015-G Arkusz danych(HTML) 2 Page - List of Unclassifed Manufacturers

  SM2120-015-G Datasheet HTML 1Page - List of Unclassifed Manufacturers SM2120-015-G Datasheet HTML 2Page - List of Unclassifed Manufacturers SM2120-015-G Datasheet HTML 3Page - List of Unclassifed Manufacturers SM2120-015-G Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image


Podobny numer części - SM2120-015-G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AiT Semiconductor Inc.
SM2120A AITSEMI-SM2120A Datasheet
663Kb / 5P
   SCHOTTKY DIODE REVERSE VOLTAGE 20 TO 200V FORWARD CURRENT 2.0A
REV2.1
SM2120AF AITSEMI-SM2120AF Datasheet
312Kb / 5P
   SCHOTTKY DIODE REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 2.0A
REV1.0
SM2120BF AITSEMI-SM2120BF Datasheet
1Mb / 5P
   SCHOTTKY DIODES REVERSE VOLTAGE 20 TO 200V FORWARD CURRENT 2.0A
REV1.0
More results

Podobny opis - SM2120-015-G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SM5112 ETC2-SM5112 Datasheet
176Kb / 2P
   Harsh Environment Absolute Silicon Pressure Die
logo
Intersema Sensoric SA
MS7207-A2 INTERSEMA-MS7207-A2 Datasheet
204Kb / 5P
   PRESSURE SENSOR DIE (0-7 BAR) FOR HARSH ENVIRONMENT
MS7204-A2 INTERSEMA-MS7204-A2 Datasheet
202Kb / 5P
   PRESSURE SENSOR DIE (0-4 BAR) FOR HARSH ENVIRONMENT
MS7218-A2 INTERSEMA-MS7218-A2 Datasheet
235Kb / 4P
   PRESSURE SENSOR DIE (0-18 BAR) FOR HARSH ENVIRONMENT
MS7212-A2 INTERSEMA-MS7212-A2 Datasheet
204Kb / 5P
   PRESSURE SENSOR DIE (0-12 BAR) FOR HARSH ENVIRONMENT
MS7228 INTERSEMA-MS7228 Datasheet
229Kb / 4P
   PRESSURE SENSOR DIE (0-28 BAR) FOR HARSH ENVIRONMENT
MS7202-A2 INTERSEMA-MS7202-A2 Datasheet
202Kb / 5P
   PRESSURE SENSOR DIE (0-2 BAR) FOR HARSH ENVIRONMENT
MS7212 INTERSEMA-MS7212_08 Datasheet
228Kb / 4P
   PRESSURE SENSOR DIE (0-12 BAR) FOR HARSH ENVIRONMENT
MS7212 INTERSEMA-MS7212 Datasheet
256Kb / 4P
   PRESSURE SENSOR DIE (0-12 BAR) FOR HARSH ENVIRONMENT
MS7201-A2 INTERSEMA-MS7201-A2 Datasheet
232Kb / 4P
   PRESSURE SENSOR DIE (0-1 BAR) FOR HARSH ENVIRONMENT
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com