Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI-3011ZF Arkusz danych(PDF) 8 Page - Sanken electric

Numer części SI-3011ZF
Szczegółowy opis  High-Current, Low-Dropout, 1.1 to 5 V Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANKEN [Sanken electric]
Strona internetowa  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-3011ZF Arkusz danych(HTML) 8 Page - Sanken electric

  SI-3011ZF Datasheet HTML 1Page - Sanken electric SI-3011ZF Datasheet HTML 2Page - Sanken electric SI-3011ZF Datasheet HTML 3Page - Sanken electric SI-3011ZF Datasheet HTML 4Page - Sanken electric SI-3011ZF Datasheet HTML 5Page - Sanken electric SI-3011ZF Datasheet HTML 6Page - Sanken electric SI-3011ZF Datasheet HTML 7Page - Sanken electric SI-3011ZF Datasheet HTML 8Page - Sanken electric SI-3011ZF Datasheet HTML 9Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
SANKEN ELECTRIC CO., LTD.
SI-3011ZF
High-Current, Low-Dropout, 1.1 to 5 V Regulator
SI-3011ZF
Because reliability can be affected adversely by improper
storage environments and handling methods, please observe
the following cautions.
Cautions for Storage
Ensure that storage conditions comply with the standard
temperature (5°C to 35°C) and the standard relative
humidity (around 40% to 75%); avoid storage locations
that experience extreme changes in temperature or
humidity.
Avoid locations where dust or harmful gases are present
and avoid direct sunlight.
Reinspect for rust on leads and solderability of the
products that have been stored for a long time.
Cautions for Testing and Handling
When tests are carried out during inspection testing and
other standard test periods, protect the product from
power surges from the testing device, shorts between
adjacent product packages, and shorts to the heatsink.
The screwing torque for attaching a heatsink shall be
58.8 to 68.6 N•cm (6.0 to 7.0 kgf•cm).
Ensure there are no foreign objects between the heatsink
and thermal pad; only silicone thermal grease is allowed.
Remarks About Using Silicone Grease with a Heatsink
When silicone grease is used in mounting this product
with a heatsink, grease shall be applied evenly and thinly.
If more silicone grease than required is applied, it may
produce stress.
Volatile-type silicone greases may permeate the product
and produce cracks after long periods of time, resulting in
reduced heat radiation effect, and possibly shortening the
lifetime of the product.
Hard silicone greases may cause cracks in the product
when screwing the product to a heatsink.
Our recommended silicone greases for heat radiation
purposes, which will not cause any adverse effect on the
product life, are indicated below:
Type
Suppliers
G746
Shin-Etsu Chemical Co., Ltd.
YG6260
Momentive Performance Materials LLC
SC102
Dow Corning Toray Co., Ltd.
Soldering
When soldering the products, please be sure to minimize
the working time, within the following limits:
260±5°C
10 s
380±5°C
5 s
Soldering should be at a distance of at least 1.5 mm from
the body of the product.
Electrostatic Discharge
When handling the products, the operator must be
grounded. Grounded wrist straps worn should have at
least 1 MΩ of resistance from the operator to ground to
prevent shock hazard, and it should be placed near the
operator.
Workbenches where the products are handled should be
grounded and be provided with conductive table and floor
mats.
When using measuring equipment such as a curve tracer,
the equipment should be grounded.
When soldering the products, the head of soldering irons
or the solder bath must be grounded in order to prevent
leak voltages generated by them from being applied to the
product.
The product should always be stored and transported in
Sanken shipping containers or conductive containers, or
be wrapped in aluminum foil.


Podobny numer części - SI-3011ZF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Allegro MicroSystems
SI-3011ZF ALLEGRO-SI-3011ZF Datasheet
208Kb / 8P
   HIgh-Current, Low-Dropout, 1.1~5V Regulator
SI-3011ZF ALLEGRO-SI-3011ZF Datasheet
209Kb / 8P
   High-Current, Low-Dropout, 1.1~5 V Regulato
SI-3011ZFE ALLEGRO-SI-3011ZFE Datasheet
443Kb / 2P
   5-Terminal, Low Dropout Voltage Linear Regulator ICs
logo
Sanken electric
SI-3011ZFE SANKEN-SI-3011ZFE Datasheet
443Kb / 2P
   5-Terminal Low Dropout Voltage Linear Regulator ICs
More results

Podobny opis - SI-3011ZF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Allegro MicroSystems
SI-3011ZF ALLEGRO-SI-3011ZF Datasheet
209Kb / 8P
   High-Current, Low-Dropout, 1.1~5 V Regulato
SI-3011ZF ALLEGRO-SI-3011ZF Datasheet
208Kb / 8P
   HIgh-Current, Low-Dropout, 1.1~5V Regulator
8181 ALLEGRO-8181 Datasheet
103Kb / 8P
   LOW-DROPOUT, 5 V REGULATOR . HIGH EFFICIENCY
SI-3033ZD ALLEGRO-SI-3033ZD Datasheet
429Kb / 9P
   High-Current, Low-Dropout, 3.3 V Regulator
SI-3025ZD ALLEGRO-SI-3025ZD Datasheet
404Kb / 9P
   High-Current, Low-Dropout, 2.5 V Regulator
SI-3033ZF ALLEGRO-SI-3033ZF Datasheet
239Kb / 8P
   High-Current, Low-Dropout, 3.3 V Regulator
SI-3025ZF ALLEGRO-SI-3025ZF Datasheet
213Kb / 8P
   High-Current, Low-Dropout, 2.5 V Regulator
logo
ON Semiconductor
NCV47700 ONSEMI-NCV47700_17 Datasheet
129Kb / 12P
   5 V to 20 V Adjustable Low Dropout Regulator
July, 2017 ??Rev. 3
NCV47701 ONSEMI-NCV47701_17 Datasheet
129Kb / 12P
   5 V to 20 V Adjustable Low Dropout Regulator
July, 2017 ??Rev. 3
NCV47700 ONSEMI-NCV47700 Datasheet
174Kb / 12P
   5 V to 20 V Adjustable Low Dropout Regulator with Adjustable Current Limit
November, 2012 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com