Zakładka z wyszukiwarką danych komponentów |
|
7-535542-5 Arkusz danych(PDF) 2 Page - Tyco Electronics |
|
7-535542-5 Arkusz danych(HTML) 2 Page - Tyco Electronics |
2 / 98 page 182 Catalog 1307819 Dimensions are in inches and Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 8-08 millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com are metric equivalents. to change. C. America: 52-55-1106-0803 UK: 44-8706-080-208 Mod IV Receptacle Assemblies, Double-Row, Outrigger Design, .100 x .100 [2.54 x 2.54] Centerline, End to End Stackable AMPMODU Interconnection System Note: All part numbers are RoHS compliant. 5 No. of Dimensions Contact Plating/Part Nos. Pos. A B Plating A Plating B Plating C 2 .100 [2.54] — 6-534267-3 5-147099-1 8-147100-9 4 .200 [5.08] .100 [2.54] 6-534267-7 5-147099-2 9-147100-0 6 .300 [7.62] .200 [5.08] 6-534267-4 5-147099-3 5-147100-1 8 .400 [10.16] .300 [7.62] 5-534267-5 5-147099-4 5-147100-2 14 .700 [17.78] .600 [15.24] 5-534267-1 5-147099-7 5-147100-5 18 .900 [22.86] .800 [20.32] 6-534267-0 5-147099-9 5-147100-7 20 1.000 [25.40] .900 [22.86] 5-534267-2 6-147099-0 5-147100-8 24 1.200 [30.48] 1.100 [27.94] 5-534267-9 6-147099-2 6-147100-0 30 1.500 [38.10] 1.400 [35.56] 6-534267-2 6-147099-5 6-147100-3 36 1.800 [45.72] 1.700 [43.18] 6-534267-5 6-147099-8 6-147100-6 40 2.000 [50.80] 1.900 [48.26] 5-534267-7 7-147099-0 6-147100-8 48 2.400 [60.96] 2.300 [58.42] 6-534267-1 7-147099-4 7-147100-2 50 2.500 [63.50] 2.400 [60.96] 6-534267-8 7-147099-5 7-147100-3 60 3.000 [76.20] 2.900 [73.66] 5-534267-8 8-147099-0 7-147100-8 76 3.800 [96.52] 3.700 [93.98] 6-534267-6 8-147099-8 8-147100-6 80 4.000 [101.60] 3.900 [99.06] 5-534267-4 9-147099-0 8-147100-8 Notes: 1. Tyco Electronics recommends mating gold or duplex plated headers with duplex plated receptacle assemblies. 2. To obtain the minimum mating post length, add .020 [0.51] (not including the post lead in chamfer) to the maximum point-of-contact dimension and .062 for recommended board thickness if used in bottom entry application. Material and Finish Housing — Glass-filled thermoplastic, black, 94V-0 rated Contacts — Phosphor bronze, plated as follows: Plating A — Duplex .000030 [0.00076] gold on contact area, .000150-.000300 [0.00381-0.00762] matte tin on solder area all over .000050 [0.00127] nickel Plating B — Duplex .000010 [0.000254] gold on contact area, .000150-.000300 [0.00381-0.00762] matte tin on solder area all over .000050 [0.00127] nickel Plating C — .000150-.000300 [0.00381-0.00762] matte tin on solder leads, all over .000050 [0.00127] nickel Related Product Data Mateable Headers — Refer to the Mating Post Selection Guide — page 90 Performance Characteristics — page 174 Technical Documents — page 276 Product Specification 108-25022 Application Specification 114-25018 Additional receptacle assembly sizes are available; minimum order quantities may apply. Consult Tyco Electronics. Part No. 86286-1 (Plugs into receptacle contact) Material — Natural color nylon Dual Entry, End Stackable, Low Profile, .100 x .100 [2.54 x 2.54] Centerline, .300 [7.62] Tine Spacing .245 [6.22] Typ. .300 [7.62] Typ. A .100±.003 [2.54±0.08] .125±.010 [3.17±0.25] .050 [1.27] Max. Typ. Recommended PC Board Hole Layout .035±.003 [0.89±0.08] .020 [0.51] (Standoffs) B Dia. Typ. .100 [2.54] Typ. .100 [2.54] Typ. .100 [2.54] Typ. .148 [3.77] Typ. .100 [2.54] Typ. .100 [2.54] Typ. .198 [5.03] Dia. Typ. .075 +.005 .060 -0.00 1.90 +0.13 -0.00 [ ] Keying Plug .107 [2.72] Typ. (Localized Gold Plate Area) Point of Contact |
Podobny numer części - 7-535542-5 |
|
Podobny opis - 7-535542-5 |