Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMBG17A Arkusz danych(PDF) 1 Page - Digitron Semiconductors

Numer części SMBG17A
Szczegółowy opis  SURFACE MOUNT 600W TVS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIGITRON [Digitron Semiconductors]
Strona internetowa  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

SMBG17A Arkusz danych(HTML) 1 Page - Digitron Semiconductors

  SMBG17A Datasheet HTML 1Page - Digitron Semiconductors SMBG17A Datasheet HTML 2Page - Digitron Semiconductors SMBG17A Datasheet HTML 3Page - Digitron Semiconductors SMBG17A Datasheet HTML 4Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
SMBJ5.0 – SMBJ170CA
SURFACE MOUNT 600W TVS
SMBG5.0 – SMBG170CA
MAXIMUM RATINGS
Ratings
Value
Peak pulse power dissipation @ 25°c
600w @ 10/1000 µs
tclamping (0 volts to V(BR) min:
< 100 ps theoretical for unidirectional and < 5 ns for bidirectional
Impulse repetition rate (dutyfactor)
0.01%
Operating and storage temperature:
-65° to +150°C
Thermal resistance:
25°C/W junction to lead, or 90°C/W junction to ambient when mounted on FR4
PC board with recommended footprint
Steady state power dissipation
5 watts at TL = 25°C, or 1.38 watts at TA = 25°C when mounted on FR4 PC board
with recommended footprint
Forward surge @ 25°C:
50 Amps peak impulse of 8.3 ms half sine wave (unidirectional only)
Solder temperatures:
260°C for 10 s (maximum)
ELECTRICAL CHARACTERISTICS
Reverse
stand-off
voltage
Breakdown voltage
Peak pulse
current
Maximum
standby
current @ VWM
VWM
V(BR)
@I(BR)
Maximum
clamping
voltage @ Ipp
IPP
ID
Volts
Part number
Part number
Volts
Min
Max
mA
Volts
Amps
µA
SMBG5.0
SMBJ5.0
5.0
6.40
7.30
10
9.6
62.5
800
SMBG5.0A
SMBJ5.0A
5.0
6.40
7.00
10
9.2
65.2
800
SMBG6.0
SMBJ6.0
6.0
6.67
8.15
10
11.4
52.6
800
SMBG6.0A
SMBJ6.0A
6.0
6.67
7.37
10
10.3
58.3
800
SMBG6.5
SMBJ6.5
6.5
7.22
8.82
10
12.3
48.7
500
SMBG6.5A
SMBJ6.5A
6.5
7.22
7.98
10
11.2
53.6
500
SMBG7.0
SMBJ7.0
7.0
7.78
9.51
10
13.3
45.1
200
SMBG7.0A
SMBJ7.0A
7.0
7.78
8.60
10
12.0
50.0
200
SMBG7.5
SMBJ7.5
7.5
8.33
10.2
1
14.3
42.0
100
SMBG7.5A
SMBJ7.5A
7.5
8.33
9.21
1
12.9
46.5
100
SMBG8.0
SMBJ8.0
8.0
8.89
10.9
1
15.0
40.0
50
SMBG8.0A
SMBJ8.0A
8.0
8.89
9.83
1
13.6
44.1
50
SMBG8.5
SMBJ8.5
8.5
9.44
11.5
1
15.9
37.7
10
SMBG8.5A
SMBJ8.5A
8.5
9.44
10.4
1
14.4
41.7
10
SMBG9.0
SMBJ9.0
9.0
10.0
12.2
1
16.9
35.5
5
SMBG9.0A
SMBJ9.0A
9.0
10.0
11.1
1
15.4
39.0
5
SMBG10
SMBJ10
10
11.1
13.6
1
18.8
31.9
5
SMBG10A
SMBJ10A
10
11.1
12.3
1
17.0
35.3
5
SMBG11
SMBJ11
11
12.2
14.9
1
20.1
29.9
5
SMBG11A
SMBJ11A
11
12.2
13.5
1
18.2
33.0
5
SMBG12
SMBJ12
12
13.3
16.3
1
22.0
27.3
5
SMBG12A
SMBJ12A
12
13.3
14.7
1
19.9
30.2
5
SMBG13
SMBJ13
13
14.4
17.6
1
23.8
25.2
5
SMBG13A
SMBJ13A
13
14.4
15.9
1
21.5
27.9
5
SMBG14
SMBJ14
14
15.6
19.1
1
25.8
23.3
5
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20120706


Podobny numer części - SMBG17A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
General Semiconductor
SMBG17A GE-SMBG17A Datasheet
77Kb / 4P
   SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
SMBG17A MICROSEMI-SMBG17A Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBG17A MICROSEMI-SMBG17A Datasheet
139Kb / 3P
   UNI- AMD BI-DIRECTIONAL SURFACE MOUNT
SMBG17A MICROSEMI-SMBG17A Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBG17A MICROSEMI-SMBG17A Datasheet
209Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
More results

Podobny opis - SMBG17A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SeCoS Halbleitertechnol...
SMBJ SECOS-SMBJ Datasheet
422Kb / 4P
   600W Peak Power Surface Mount TVS
SMBJ SECOS-SMBJ_15 Datasheet
79Kb / 4P
   600W Peak Power Surface Mount TVS
SMA6J SECOS-SMA6J Datasheet
315Kb / 4P
   5V ~ 85V, 600W Peak Power Surface Mount TVS
logo
UN Semiconducctor INC
SMBJ UNSEMI-SMBJ Datasheet
4Mb / 8P
   3.3 To 440V 600W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
6.0SMAJ UNSEMI-6.0SMAJ Datasheet
3Mb / 6P
   5.0 To 200V 600W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
P6SMB UNSEMI-P6SMB Datasheet
3Mb / 7P
   6.8 To 600V 600W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Shindengen Electric Mfg...
ST06-39CE SHINDENGEN-ST06-39CE Datasheet
1Mb / 6P
   TVS 11A, 600W
ST06-27CE SHINDENGEN-ST06-27CE Datasheet
1Mb / 6P
   TVS 17.3A, 600W
ST06-30CE SHINDENGEN-ST06-30CE Datasheet
1Mb / 6P
   TVS 15A, 600W
ST06-33CE SHINDENGEN-ST06-33CE Datasheet
1Mb / 6P
   TVS 14A, 600W
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com