Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM2058 Arkusz danych(PDF) 1 Page - Unisonic Technologies

Numer części LM2058
Szczegółowy opis  QUAD OPERATIONAL AMPLIFIERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  UTC [Unisonic Technologies]
Strona internetowa  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM2058 Arkusz danych(HTML) 1 Page - Unisonic Technologies

  LM2058 Datasheet HTML 1Page - Unisonic Technologies LM2058 Datasheet HTML 2Page - Unisonic Technologies LM2058 Datasheet HTML 3Page - Unisonic Technologies LM2058 Datasheet HTML 4Page - Unisonic Technologies LM2058 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LM2058
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 5
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R105-046, A
QUAD OPERATIONAL
AMPLIFIERS
DESCRIPTION
The UTC LM2054 consists of four independent, high gain
internally frequency compensated operational amplifiers which are
designed specifically to operated from a single power supply over a
wide voltage range. Operation from split power supplies is also
possible. Application areas include transducer amplifier, DC gain
blocks and all the conventional OP amp circuits which now can be
easily implemented in single power supply system.
FEATURES
*Internally frequency compensated for unity gain.
*Large DC voltage gain :100dB.
*Wide operating supply range (Vcc=3V~40V).
*Input common-mode voltage includes ground.
*Large output voltage swing: From 0V to Vcc-1.5V.
*Power drain suitable for battery operation.
TSSOP-14
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen-Free
LM2054L-P14-R
LM2054G-P14-R
TSSOP-14
Tape Reel
LM2054L-P14-T
LM2054G-P14-T
TSSOP-14
Tube


Podobny numer części - LM2058

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM205 NSC-LM205 Datasheet
154Kb / 8P
   Voltage Regulators
logo
Texas Instruments
LM20502SILR TI1-LM20502SILR Datasheet
1Mb / 37P
[Old version datasheet]   2A SIMPLE SWITCHER Nano Module
LM20502SILT TI1-LM20502SILT Datasheet
1Mb / 37P
[Old version datasheet]   2A SIMPLE SWITCHER Nano Module
More results

Podobny opis - LM2058

ProducentNumer częściArkusz danychSzczegółowy opis
logo
HTC Korea TAEJIN Techno...
LM324 HTC-LM324 Datasheet
104Kb / 4P
   QUAD OPERATIONAL AMPLIFIERS
logo
Estek Electronics Co. L...
ET-LM324 ESTEK-ET-LM324 Datasheet
287Kb / 6P
   Quad Operational Amplifiers
Version 0.2 27 July 2011
logo
National Semiconductor ...
LM3303 NSC-LM3303 Datasheet
200Kb / 10P
   Quad Operational Amplifiers
logo
HTC Korea TAEJIN Techno...
LM324 HTC-LM324_08 Datasheet
114Kb / 4P
   QUAD OPERATIONAL AMPLIFIERS
2008 - Ver. 1.0
logo
Siemens Semiconductor G...
TAA4765 SIEMENS-TAA4765 Datasheet
155Kb / 4P
   QUAD OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
LM324 UTC-LM324_11 Datasheet
210Kb / 6P
   QUAD OPERATIONAL AMPLIFIERS
2011
LM324 UTC-LM324_15 Datasheet
247Kb / 5P
   QUAD OPERATIONAL AMPLIFIERS
2014
logo
GTM CORPORATION
GHLM324 GTM-GHLM324 Datasheet
421Kb / 4P
   QUAD OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
LM324 UTC-LM324 Datasheet
111Kb / 6P
   QUAD OPERATIONAL AMPLIFIERS
2005
LM324_1111 UTC-LM324_1111 Datasheet
208Kb / 6P
   QUAD OPERATIONAL AMPLIFIERS
2011
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com