Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CSX325T Arkusz danych(PDF) 1 Page - CITIZEN ELECTRONICS CO., LTD.

Numer części CSX325T
Szczegółowy opis  TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Strona internetowa  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CSX325T Arkusz danych(HTML) 1 Page - CITIZEN ELECTRONICS CO., LTD.

  CSX325T Datasheet HTML 1Page - CITIZEN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
http://www.citizen.co.jp/english/crystal/index.html
29
Life-size
3.2±0.1
#4
#1
#3
#2
#4
#1
#3
#2
1.95
0.53
#1 pin marking
0.9
1.95
0.9
CSX-325T
f0
f/f0
TOPR
TSTR
Vdd
fVC
Idd
VOUT
TST
FA
13.0MHz , 16.0MHz
19.2MHz
52.0MHz
5.0 msec Max.
3.5 msec Max.
23.104MHz , 26.0MHz , 32.0MHz , 33.6MHz , 38.4MHz
1.5mA Max
2.0mA Max
2.5mA Max
±2.5ppm /(30℃∼75℃)
±8ppm Min. /(Vcont=Vdd/2±1.0V)
30℃∼75℃
40℃∼85℃
1.8V ∼ 3.0V
±1.0ppm / year Max.
0.8Vp-p Min.(10kΩ/ 10pF)
CSX-325T
Pin No.
#1
#2
#3
#4
Connection
VC or GND
GND
OUTPUT
Vcc
Pin Assignment
Connection
VC
GND
Function
VC-TCXO
TCXO
#1 Function
DIMENSION [mm]
SOLDER PAD LAYOUT [mm]
FEATURES
7High-density SMD type.
Ultra-light weight and ultra-miniature size.
7With the function of frequency and voltage control.
7Available in 1.8V ultralow voltage drive.
7Low current consumption.
7Automatic mounting and reflowable type.
7Most appropriate for cellular phone, GPS and other
equipment with telecommunication devices.
STANDARD SPECIFICATIONS
Nominal Frequency
Frequency Stability
Operating Temperature Range
Storage Temperature Range
Supply Voltage
Frequency adjustment range
Current consumption
Output Voltage
Start-up time
Aging (first year)
Item
Model
TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR (SMD•CeramicPackage)
2000pcs/reel


Podobny numer części - CSX325T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
CSX3 ETC2-CSX3 Datasheet
120Kb / 1P
   3.2X5 mm Ultra Miniature SMD Crystal
logo
Crystek Corporation
CSX3 CRYSTEKCRYSTAL-CSX3 Datasheet
120Kb / 1P
   Quartz Crystal 3.2X5 mm Ultra Miniature SMD Crystal
logo
List of Unclassifed Man...
CSX3-AA-10 ETC2-CSX3-AA-10 Datasheet
120Kb / 1P
   3.2X5 mm Ultra Miniature SMD Crystal
CSX3-AA-14 ETC2-CSX3-AA-14 Datasheet
120Kb / 1P
   3.2X5 mm Ultra Miniature SMD Crystal
CSX3-AA-16 ETC2-CSX3-AA-16 Datasheet
120Kb / 1P
   3.2X5 mm Ultra Miniature SMD Crystal
More results

Podobny opis - CSX325T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vectron International, ...
VT-840 VECTRON-VT-840 Datasheet
247Kb / 5P
   Temperature Compensated Crystal Oscillator, Voltage Controlled Temperature Compensated Crystal Oscillator
TX_500 VECTRON-TX_500_14 Datasheet
777Kb / 6P
   Temperature Compensated Crystal Oscillator
TX-801 VECTRON-TX-801_14 Datasheet
370Kb / 5P
   Temperature Compensated Crystal Oscillator
VT-704 VECTRON-VT-704_14 Datasheet
927Kb / 8P
   Temperature Compensated Crystal Oscillator
VT-803 VECTRON-VT-803_14 Datasheet
1Mb / 9P
   Temperature Compensated Crystal Oscillator
VT-706 VECTRON-VT-706 Datasheet
732Kb / 7P
   Temperature Compensated Crystal Oscillator
logo
Crystek Corporation
CXOHD5 CRYSTEKCRYSTAL-CXOHD5 Datasheet
70Kb / 1P
   Temperature Compensated Crystal Oscillator
CXOSD6 CRYSTEKCRYSTAL-CXOSD6_15 Datasheet
114Kb / 1P
   Temperature Compensated Crystal Oscillator
CXOSD4 CRYSTEKCRYSTAL-CXOSD4_15 Datasheet
122Kb / 1P
   Temperature Compensated Crystal Oscillator
logo
Advanced XTAL Products
AXLE3225 AXTAL-AXLE3225 Datasheet
246Kb / 1P
   Temperature Compensated Crystal Oscillator
AXLE7050 AXTAL-AXLE7050 Datasheet
265Kb / 1P
   Temperature Compensated Crystal Oscillator
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com