Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

U03 Arkusz danych(PDF) 11 Page - List of Unclassifed Manufacturers

Numer części U03
Szczegółowy opis  TO CHANGE WITHOUT NOTICE ACCESSORIES
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

U03 Arkusz danych(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button U03 Datasheet HTML 7Page - List of Unclassifed Manufacturers U03 Datasheet HTML 8Page - List of Unclassifed Manufacturers U03 Datasheet HTML 9Page - List of Unclassifed Manufacturers U03 Datasheet HTML 10Page - List of Unclassifed Manufacturers U03 Datasheet HTML 11Page - List of Unclassifed Manufacturers U03 Datasheet HTML 12Page - List of Unclassifed Manufacturers U03 Datasheet HTML 13Page - List of Unclassifed Manufacturers U03 Datasheet HTML 14Page - List of Unclassifed Manufacturers U03 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
D
D11
APEM, PO BOX 8288, HAVERHILL, MA USA 01835-0788 TOLL FREE: (877) 246-7890 FAX: (781) 245-4531 E-mail: info@apem.com
SEALING BOOTS FOR SWITCHES
For toggle bushing 6,35-40NS (1/4-40NS) - 5000 and 11000 series
For toggle bushing 11,9-32 (15/32-32NS) - 12000, 3500 and 6000 series
For toggle bushing 10 x 0.75 (.393 x 0.75) - 10600 series
For toggle bushing 6,35-40NS (1/4-40NS) - 5000 and 11000 series
NUT
FULL TOGGLE SILICONE BOOTS
Black
Red
Green
White
Knurled
Nickel plated
U1331
U1331-6
U1331-3
U1331-7
Knurled
Matte black
U1333
U1333-6
U1333-3
U1333-7
Hex
Nickel plated
U1229
U1229-6
U1229-3
U1229-7
Hex
Matte black
U1231
U1231-6
U1231-3
U1231-7
NUT
SILICONE BOOTS (supplied as 2 separate parts)
Black
Red
Green
White
U5149
U5149-6
U5149-3
U5149-7
When boot is mounted onto panel, metal parts of switch are
completely covered by insulation.
KNURLED
FULL TOGGLE SILICONE BOOTS
NUT
Black
Red
Green
White
Nickel plated
U1612
U1612-6
U1612-3
U1612-7
Matte black
U1614
U1614-6
U1614-3
U1614-7
HEX NUT
FULL TOGGLE SILICONE BOOTS
Black
Red
Green
White
Nickel plated
U1031
U1031-6
U1031-3
U1031-7
Matte black
U1024
U1024-6
U1024-3
U1024-7


Podobny numer części - U03

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
U03 ETC2-U03 Datasheet
654Kb / 16P
   MISCELLANEOUS HARDWARE-ACCESSORIES
logo
Tripp Lite. All Rights ...
U030-003 TRIPPLITE-U030-003 Datasheet
156Kb / 2P
   USB 2.0 A to Mini-B Cable (A to 5Pin Mini-B, M/M), 3-ft.
U030-003-COIL TRIPPLITE-U030-003-COIL Datasheet
159Kb / 2P
   USB 2.0 A to Mini-B Coiled Cable (M/M), 3 ft.
U030-006 TRIPPLITE-U030-006 Datasheet
156Kb / 2P
   USB 2.0 A to Mini-B Cable (A to 5Pin Mini-B M/M), 6-ft.
U030-006-COIL TRIPPLITE-U030-006-COIL Datasheet
165Kb / 2P
   USB 2.0 A to Mini-B Coiled Cable (M/M), 6 ft.
More results

Podobny opis - U03

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hammond Manufacturing L...
1418JF9 HAMMOND-1418JF9 Datasheet
150Kb / 1P
   Data subject to change without notice
1418JL9 HAMMOND-1418JL9 Datasheet
155Kb / 1P
   Data subject to change without notice
1436A HAMMOND-1436A Datasheet
138Kb / 1P
   Data subject to change without notice
1438B HAMMOND-1438B Datasheet
153Kb / 1P
   Data subject to change without notice
1438S HAMMOND-1438S Datasheet
152Kb / 1P
   Data subject to change without notice
1418JC7 HAMMOND-1418JC7 Datasheet
154Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTICE
1418JD9 HAMMOND-1418JD9 Datasheet
147Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTICE
EJ444 HAMMOND-EJ444 Datasheet
134Kb / 1P
   Data subject to change without notice
1418JJ9 HAMMOND-1418JJ9 Datasheet
147Kb / 1P
   Data subject to change without notice
1418JK9 HAMMOND-1418JK9 Datasheet
149Kb / 1P
   Data subject to change without notice
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com