Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LMZ8-SW27 Arkusz danych(PDF) 5 Page - Lumileds Lighting Company

Numer części LMZ8-SW27
Szczegółowy opis  Best combination of brightness, uniformity and luminance enabling precision light control
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LUMILEDS [Lumileds Lighting Company]
Strona internetowa  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LMZ8-SW27 Arkusz danych(HTML) 5 Page - Lumileds Lighting Company

  LMZ8-SW27 Datasheet HTML 1Page - Lumileds Lighting Company LMZ8-SW27 Datasheet HTML 2Page - Lumileds Lighting Company LMZ8-SW27 Datasheet HTML 3Page - Lumileds Lighting Company LMZ8-SW27 Datasheet HTML 4Page - Lumileds Lighting Company LMZ8-SW27 Datasheet HTML 5Page - Lumileds Lighting Company LMZ8-SW27 Datasheet HTML 6Page - Lumileds Lighting Company LMZ8-SW27 Datasheet HTML 7Page - Lumileds Lighting Company LMZ8-SW27 Datasheet HTML 8Page - Lumileds Lighting Company LMZ8-SW27 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
LUXEON MZ Datasheet DS136 20140218 ©2014 Philips Lumileds Lighting Company.
4
Electrical Characteristics for LUXEON MZ at Test Current [1]
Junction Temperature = 85°C
Table 3.
Part Number
Forward Voltage V
f
[1] [2]
(V)
I
f = 700 mA, 1400 mA and 2800 mA
Typical
Temperature Coefficient
of Forward Voltage [3]
(mV/°C)
DV
F / DTJ
Typical
Thermal Resistance
Junction to Thermal Pad
(°C/W)
Ru
J-C
Minimum
Typical
Maximum
LMZx-Sxxx
10.5
11.2
11.7
-7.0
1.25
Notes for Table 3:
1. Test current is 700 mA for LMZx-SWxx.
2. Philips Lumileds maintains a tolerance of ± 0.06V on forward voltage measurements.
3. Measured between T
J = 25°C and TJ = 135°C.
Absolute Maximum Ratings
Table 4.
Parameter
Maximum Performance
DC Forward Current (mA) [1] [2]
1050 mA for LMZx-Sxxx
Peak Pulsed Forward Current (mA) [1] [3]
1200 mA for LMZx-Sxxx
ESD Sensitivity
≤ 8000V Human Body Model (HBM)Class 3B JESD22-A114-E< 400V
Machine Model (MM) Class B JESD22-A115-B
LED Junction Temperature [1]
135°C
Operating Case Temperature at Test Current
-40°C - 120°C
Storage Temperature
-40°C - 120°C
Lead Soldering Temperature
JEDEC 020c 260°C
Allowable Reflow Cycles
3
Reverse Voltage (V
r )
LUXEON MZ LEDs are not designed to be driven in reverse bias.
Notes for Table 4:
1. Proper current derating must be observed to maintain junction temperature below the maximum.
2. Residual periodic variations due to power conversion from alternating current (AC) to direct current (DC), also called “ripple”, with frequencies
≥ 100Hz and amplitude ≤ 1200 mA for LMZx-Sxxx,
products are acceptable, assuming the average current throughout each cycle does not exceed 1050 mA for LMZx-Sxxx.
3. Pulsed operation with a peak drive current of 1200 mA for LMZx-Sxxx, are acceptable if the pulse on time is
≤ 5ms per cycle and the duty cycle is ≤ 50%.
JEDEC Moisture Sensitivity
Table 5.
Level
Floor Life
Soak Requirements
Standard
Time
Conditions
Time
Conditions
1
unlimited
[ 30°C / 85% RH
168 Hrs. + 5 / 0 Hrs.
85°C / 85% RH


Podobny numer części - LMZ8-SW27

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Lumileds Lighting Compa...
LMZ8-SW27 LUMILEDS-LMZ8-SW27 Datasheet
2Mb / 21P
   Best combination of brightness, uniformity and luminance enabling precision light control
LMZ8-SW27 LUMILEDS-LMZ8-SW27 Datasheet
1Mb / 2P
   Best combination of brightness, uniformity and luminance enabling precision light control
More results

Podobny opis - LMZ8-SW27

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Lumileds Lighting Compa...
PB136 LUMILEDS-PB136 Datasheet
1Mb / 2P
   Best combination of brightness, uniformity and luminance enabling precision light control
DS136 LUMILEDS-DS136 Datasheet
2Mb / 21P
   Best combination of brightness, uniformity and luminance enabling precision light control
logo
List of Unclassifed Man...
TBA560C ETC1-TBA560C Datasheet
252Kb / 4P
   LUMINANCE AND CHROMINANCE CONTROL COMBINATION
logo
National Semiconductor ...
TBA560C NSC-TBA560C Datasheet
294Kb / 4P
   LUMINANCE AND CHROMINANCE CONTROL COMBINATION
logo
Fairchild Semiconductor
TDA2560 FAIRCHILD-TDA2560 Datasheet
442Kb / 8P
   LUMINANCE AND CHROMINANCE CONTROL COMBINATION
TBA560C FAIRCHILD-TBA560C Datasheet
334Kb / 5P
   LUMINANCE AND CHROMINANCE CONTROL COMBINATION
logo
Ledil, Inc.
C14165 LEDIL-C14165 Datasheet
4Mb / 17P
   Beam with excellent longitudinal luminance uniformity
logo
NXP Semiconductors
TCA660B PHILIPS-TCA660B Datasheet
391Kb / 9P
   CONTRAST, SATURATION AND BRIGHTNESS CONTROL CIRCUIT FOR COLOUR DIFFERENCE AND LUMINANCE SIGNALS
November 1976
logo
Lumileds Lighting Compa...
LHC1-3590-1203 LUMILEDS-LHC1-3590-1203 Datasheet
3Mb / 23P
   High-efficacy LED with a small light emitting surface and greater uniformity of light
logo
Ledil, Inc.
CA13837 LEDIL-CA13837 Datasheet
4Mb / 5P
   Universal road lighting beam with excellent mixed illuminance and luminance uniformity.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com