Zakładka z wyszukiwarką danych komponentów |
|
LF230VM Arkusz danych(PDF) 6 Page - List of Unclassifed Manufacturers |
|
LF230VM Arkusz danych(HTML) 6 Page - List of Unclassifed Manufacturers |
6 / 6 page Spec-00581 H ElEctrical accEssoriEs Lighting Packages PH 763.422.2211 • FAX 763.422.2600 • HOFFMANONLINE.COM EQUIPMENT PROTECTION SOLUTIONS accEssoriEs 6 rEmotE Door switchEs • Remote door switch activates the light when the enclosure door is opened • Mounts on enclosure frame and includes mounting hardware • Mounting plate is 14 gauge steel with a plated finish • Can be hard-wired to the PANELITE LED or Fluorescent light or connected via the PANELITE Door Switch Cable Bulletin: A80lt, p20 Catalog Number Description ALFSWD Door switch assembly (order connection cable separately) PLFSWD Door switch assembly for PROLINE™ (order connection cable separately) touch-saFE ul light switch aPPlicatioN The Touch-Safe light switch is designed to be used with Hoffman™ light kits (AC and DC). It provides a UL listed touch-safe switch that can be used on many enclosure types and includes hardware for most applications. The light switch maintains enclosure overall rating up to UL 508A Type 4X or 12. FEaturEs • UL listed for a touch-safe wire connection • Easily mounted to various enclosure types; common bracket and hardware included for many enclosure types (NEMA, CONCEPT™ /FUSION™ G7, PROLINE™ , Freestanding Type 12) • Cable PG compression hub • Wide operating temperature range: -49°F to +158°F (-45°C to 70°C) • Rugged die-cast anodized zinc construction • Connection 3 cage clamps for solid and stranded wire AWG 20-14 (0.5-2.5mm²) • Protection class I (grounded) Bulletin: A80lt Catalog Number Max. Cable Dia. Max. Voltage LDSWITCH .375 in. 250 AC / 48 DC mouNtiNg bracKEt Kit For light PacKagE Kit simplifies mounting light package in Hoffman PROLINE™ disconnect enclosures. Includes brackets, all mounting hardware and complete instructions. Bulletin: A80lt Catalog Number Description PDLFBRKT Mounting Bracket Kit Ø.25 [6] Ø.25 [6] .88 [22] 1.08 [27] 5.70 [145] 7.25 [184] 87574479 lED PucK light The LED Puck Light is ideal for remote and darkened applications. This versatile light provides mounting flexibility; it can be magnetically attached to flat steel surfaces or can be hung with a swivel hook. This small form factor, light-weight LED light provides superior lighting performance with minimal power consumption. It can be used as a three-LED flashlight or as a 24-LED work light with operating temperature of 40 F to 120 F (4 C to 48 C). An on/off switch is incorporated in the light and three AAA batteries are included. Bulletin: A80lt Catalog Number AxBxC in./mm Product Weight LEDPUCK 2.25 x 3.75 x 1.38 57 x 95 x 35 0.22 lbs. |
Podobny numer części - LF230VM |
|
Podobny opis - LF230VM |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |