Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LF230VD Arkusz danych(PDF) 6 Page - List of Unclassifed Manufacturers

Numer części LF230VD
Szczegółowy opis  PANELITE Enclosure Lights Overview
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

LF230VD Arkusz danych(HTML) 6 Page - List of Unclassifed Manufacturers

  LF230VD Datasheet HTML 1Page - List of Unclassifed Manufacturers LF230VD Datasheet HTML 2Page - List of Unclassifed Manufacturers LF230VD Datasheet HTML 3Page - List of Unclassifed Manufacturers LF230VD Datasheet HTML 4Page - List of Unclassifed Manufacturers LF230VD Datasheet HTML 5Page - List of Unclassifed Manufacturers LF230VD Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Spec-00581 H
ElEctrical accEssoriEs Lighting Packages
PH 763.422.2211 • FAX 763.422.2600 • HOFFMANONLINE.COM
EQUIPMENT PROTECTION SOLUTIONS
accEssoriEs
6
rEmotE Door switchEs
Remote door switch activates the
light when the enclosure door is
opened
Mounts on enclosure frame and
includes mounting hardware
Mounting plate is 14 gauge steel
with a plated finish
Can be hard-wired to the
PANELITE LED or Fluorescent
light or connected via the
PANELITE Door Switch Cable
Bulletin: A80lt, p20
Catalog Number
Description
ALFSWD
Door switch assembly (order connection cable separately)
PLFSWD
Door switch assembly for PROLINE™ (order connection cable separately)
touch-saFE ul light switch
aPPlicatioN
The Touch-Safe light switch is designed to be used with Hoffman™
light kits (AC and DC). It provides a UL listed touch-safe switch that
can be used on many enclosure types and includes hardware for
most applications. The light switch maintains enclosure overall
rating up to UL 508A Type 4X or 12.
FEaturEs
UL listed for a touch-safe wire connection
Easily mounted to various enclosure types; common bracket
and hardware included for many enclosure types (NEMA,
CONCEPT™ /FUSION™ G7, PROLINE™ , Freestanding Type 12)
Cable PG compression hub
Wide operating temperature range: -49°F to +158°F (-45°C to
70°C)
Rugged die-cast anodized zinc construction
Connection 3 cage clamps for solid and stranded wire AWG 20-14
(0.5-2.5mm²)
Protection class I (grounded)
Bulletin: A80lt
Catalog Number
Max. Cable Dia.
Max. Voltage
LDSWITCH
.375 in.
250 AC / 48 DC
mouNtiNg bracKEt Kit For light PacKagE
Kit simplifies mounting light package in Hoffman PROLINE™
disconnect enclosures. Includes brackets, all mounting hardware
and complete instructions.
Bulletin: A80lt
Catalog Number
Description
PDLFBRKT
Mounting Bracket Kit
Ø.25
[6]
Ø.25
[6]
.88
[22]
1.08
[27]
5.70
[145]
7.25
[184]
87574479
lED PucK light
The LED Puck Light is ideal for
remote and darkened applications.
This versatile light provides
mounting flexibility; it can be
magnetically attached to flat steel
surfaces or can be hung with a
swivel hook. This small form factor,
light-weight LED light provides
superior lighting performance with
minimal power consumption. It can
be used as a three-LED flashlight
or as a 24-LED work light with
operating temperature of 40 F to 120
F (4 C to 48 C). An on/off switch is
incorporated in the light and three
AAA batteries are included.
Bulletin: A80lt
Catalog Number
AxBxC in./mm
Product Weight
LEDPUCK
2.25 x 3.75 x 1.38
57 x 95 x 35
0.22 lbs.


Podobny numer części - LF230VD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
BELIMO AIRCONTROLS (USA...
LF230-SUS BELIMO-LF230-SUS Datasheet
628Kb / 3P
   On/Off, Spring Return, AC 230 V, Auxiliary Switch
logo
LOGIC Devices Incorpora...
LF2301 LODEV-LF2301 Datasheet
333Kb / 18P
   Image Resampling Sequencer
LF2301JC25 LODEV-LF2301JC25 Datasheet
333Kb / 18P
   Image Resampling Sequencer
LF2301JC55 LODEV-LF2301JC55 Datasheet
333Kb / 18P
   Image Resampling Sequencer
logo
BELIMO AIRCONTROLS (USA...
LF230US BELIMO-LF230US Datasheet
503Kb / 3P
   On/Off, Spring Return Fail-Safe, AC 230 V
More results

Podobny opis - LF230VD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Roithner LaserTechnik G...
QL86T4HD ROITHNER-QL86T4HD Datasheet
220Kb / 3P
   OVERVIEW
QL65E7S-A ROITHNER-QL65E7S-A Datasheet
180Kb / 3P
   OVERVIEW
QL85J6S-A-L ROITHNER-QL85J6S-A-L Datasheet
141Kb / 3P
   OVERVIEW
QL68I6S-A ROITHNER-QL68I6S-A Datasheet
250Kb / 3P
   OVERVIEW
logo
PHOENIX CONTACT
2702315 PHOENIX-2702315 Datasheet
45Kb / 2P
   Set for magnetic mounting of class 600 PLD enclosure lights
2702312 PHOENIX-2702312 Datasheet
48Kb / 1P
   Set for magnetic mounting of class 400 PLD enclosure lights
logo
Roithner LaserTechnik G...
QL85H6S-A ROITHNER-QL85H6S-A Datasheet
242Kb / 5P
   OVERVIEW
QL78J6S-A ROITHNER-QL78J6S-A Datasheet
243Kb / 3P
   OVERVIEW
logo
Xilinx, Inc
XC3S1000-4FGG320I XILINX-XC3S1000-4FGG320I Datasheet
5Mb / 272P
   Architectural Overview
DS099 XILINX-DS099 Datasheet
5Mb / 217P
   Architectural Overview
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com