Zakładka z wyszukiwarką danych komponentów |
|
LF230VD Arkusz danych(PDF) 1 Page - List of Unclassifed Manufacturers |
|
LF230VD Arkusz danych(HTML) 1 Page - List of Unclassifed Manufacturers |
1 / 6 page Spec-00581 H ElEctrical accEssoriEs Lighting Packages EQUIPMENT PROTECTION SOLUTIONS SUBJECT TO CHANGE WITHOUT NOTICE accEssoriEs 1 Spec-00581 H763.422.2211 763.422.2600 accEssoriEs ElEctrical accEssoriEs lighting PackagEs PaNElitE™ ENclosurE lights ovErviEw iNDustrY staNDarDs PaNElitE lED and Fluorescent Enclosure lights UL 508A Component Recognized; File No. E61997 cUL Component Recognized per CSA C22.2 No 14; File No. E61997 CSA File No. 42186 Maintains UL/CSA Type 4, 4X and 12 enclosure rating when properly installed in a Hoffman enclosure. 230 vac Fluorescent Enclosure light UL 508A Component Recognized; File No. E234324 cUL Component Recognized per CSA C22.2 No 14; File No. E61997 CE lED light UL 508A Component Recognized; File No. E234324 cUL Component Recognized per CSA C22.2 No 14; File No. E234324 CE Ingress protection : IP 20 Maintains enclosure type rating up to 4X when installed per instructions aPPlicatioN Versatile, slim-profile LED and fluorescent lights provide mounting flexibility and are easy to install in any enclosure. Terminal blocks allow for easy wiring. Accessories include ganging cables, power cords and door switches, all provided with plug-and-play connectors for easy connection to the terminal blocks with an innovative terminal connection system. LED version provides superior lighting performance with minimal power consumption. FEaturEs • Slim profile allows light to be tucked up out of the way for easy panel installation • Versatile mounting allows the light to be positioned horizontally or vertically; two-way mounting provides for ideal orientation • Includes mounting hardware for the following enclosure installations: PROLINE™ Frame, Enclosure Top, Panel Mount and Unistrut • On/off switch incorporated in light; optional remote door switch accessory available to activate light when enclosure door is opened (230 VAC Fluorescent Enclosure Light has switch or door- activated sensor) PaNElitE only: • Mounting tabs provide easy access point for attachment hardware; light does not need to be disassembled for installation • Up to five lights can be daisy-chained together • Plug-and-play terminal connection system: - Pre-wired connection sockets on both ends of light allow use of Hoffman cable accessories - Optional terminal blocks snap into the connection sockets allowing customers to use own wiring methods; two terminal blocks provided with each light kit - Power supply can be wired manually with Hoffman PANELITE Power Cable with Leads or with Hoffman optional PANELITE Power Cord - Ganging cables are available in 2-, 4- and 6-ft. lengths to easily join up to five lights together using one power supply - Remote door switch for easy door activation eliminates need to mount light in the exact location required to activate the light lED light only: • Mechanical screw- or magnetic mount (non-slip rubberized) • Protection Class II (double insulated) • Operating temperature -22 F to 140 F (-30 C to 60 C) • On / Off or motion-sensor activation • LED lights with 900 LM illumination; 120° angle of illumination • Low, 5-watt power requirement • Light-weight, all-composite construction • Input and output connectors included with light (16 AWG) sPEciFicatioNs PaNElitE: • Extruded aluminum center support • Black composite end caps • Black composite mounting tabs • Each light fixture includes two mounting tabs, two pre-wired connection sockets, two optional terminal blocks that snap into the connection sockets and enclosure attachment hardware (bulb not included with fluorescent light) 230 vac Fluorescent Enclosure light: • Light gray composite construction – UL 94V-O material • Hardware kit provides fasteners to mount to PROLINE, NEMA (4, 4X, 12, and 13), CONCEPT™ , FUSION™ and other cabinets • Easy-access terminal block that accommodates up to 16 AWG wires • Fluorescent light bulb included (2G7 Base) lED light: • LED (Light Emitting Diode) low-power light kit • Screw mounting using included hardware kit (maintains enclosure rating up to UL Type 4X) • No user-serviceable parts • Life expectancy of 60,000 hours at 68 F (20 C) under specifications • Operating temperature: -22 to +140 F (-30 to +60 C) under specifications • 5-watt power consumption • Transparent, composite construction |
Podobny numer części - LF230VD |
|
Podobny opis - LF230VD |