Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM4006 Arkusz danych(PDF) 1 Page - Shanghai Lunsure Electronic Tech

Numer części SM4006
Szczegółowy opis  SURFACE MOUNT GALSS PASSIVATED JUNCTION RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CHENYI [Shanghai Lunsure Electronic Tech]
Strona internetowa  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

SM4006 Arkusz danych(HTML) 1 Page - Shanghai Lunsure Electronic Tech

  SM4006 Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech SM4006 Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CE
SM4001 THRU SM4007
CHENYI ELECTRONICS
SURFACE MOUNT GALSS PASSIVATED JUNCTION RECTIFIER
Reverse Voltage - 50 to 1000 Volts
Forward Current - 1.0Ampere
FEATURES
. The plasitc package carries Underwrites Laboratory
MELF(DO-213AB)
Flammability Classification 94V-0
. For surface mounted applications
. Glass passivated junction
. High temperature soldering guaranteed: 250
/10 seconds, at terminals
MECHANICAL DATA
. Case: JEDEC SMA(DO-214AB) molded plastic
. Terminals: Lead solderable per MIL-STD-750,method 2026
. Polarity: Color band denotes cathode end
. Mounting Position: Any
Dimensions in inches and (millimeters)
. Weight: 0.0041 ounce, 0.116 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Ratings at 25
ambient temperature unless otherwise specified,Single phase,half wave 60Hz,resistive or inductive)
load. For capacitive load,derate current by 20%)
Symbols
SM
4001
SM
4002
SM
4003
SM
4004
SM
4005
SM
4006
SM
4007
Units
Maximum Recurrent peak reverse voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
100
Volts
Maximum average forward rectified current
0.375"(9.5mm) lead length at TA=75
Peak forward surge current (8.3ms
half sing wave superimposed on rated load
(JEDEC method)
Maximum instantaneous forward voltage at 1.0 A
VF
Volts
Maximum reverse
TA=25
current at rated DC Blocking Voltage
TA=125
(Note 2)
R
JA
(Note 3)
R
JL
Typical Junction Capacitance(Note 1)
CJ
pF
Maximum DC Blocking Voltage temperature
TA
Notes: 1.Measured at 1MHz and applied reverse voltage of 4.0V DC.
1.Thermal resistance from junction to ambient, 0.24 X 0.24"(6.0 X 6.0mm) copper pads to each terminals
1.Thermal resistance from junction to terminals, 0.24 X 0.24"(6.0 X 6.0mm) copper pads to each terminals
A
50.0
I(AV)
1.0
Amp
IFSM
Amps
30.0
5.0
1.1
IR
Typical Thermal Resistance
75.0
30.0
+150.0
15.0
Operating and storage temperature range
TJ
TSTG
-65 to +175
/W
Copyright @ 2000 SHANGHAI CHENYI ELECTRONICS CO.,LTD
Page 1 of 2


Podobny numer części - SM4006

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rectron Semiconductor
SM4006 RECTRON-SM4006 Datasheet
21Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
logo
UNIOHM CORPORATION
SM4006 UNIOHM-SM4006 Datasheet
63Kb / 2P
   1.0 AMP SURFACE MOUNT SILICON RECTIFIERS
logo
Diotec Semiconductor
SM4006 DIOTEC-SM4006 Datasheet
153Kb / 2P
   Standard Recovery SMD Rectifier Diodes
logo
Bytes
SM4006 BYTES-SM4006 Datasheet
149Kb / 2P
   1.0 AMP SURFACE MOUNT SILICON RECTIFIERS
logo
MIC GROUP RECTIFIERS
SM4006 MIC-SM4006 Datasheet
50Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED RECTIFIER
More results

Podobny opis - SM4006

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Shanghai Lunsure Electr...
S1A CHENYI-S1A Datasheet
200Kb / 2P
   SURFACE MOUNT GALSS PASSIVATED JUNCTION RECTIFIER
RS1A CHENYI-RS1A Datasheet
166Kb / 2P
   SURFACE MOUNT GALSS PASSIVATED JUNCTION RECTIFIER
SF11 CHENYI-SF11 Datasheet
153Kb / 2P
   SURFACE MOUNT GALSS PASSIVATED JUNCTION RECTIFIER
S2A CHENYI-S2A Datasheet
156Kb / 2P
   SURFACE MOUNT GALSS PASSIVATED JUNCTION RECTIFIER
logo
Shenzhen Yixinwei Techn...
S1A YIXIN-S1A Datasheet
278Kb / 2P
   SURFACE MOUNT GALSS PASSIVATED JUNCTION RECTIFIER
logo
MIC GROUP RECTIFIERS
MZ1.0PA6.2-41 MIC-MZ1.0PA6.2-41 Datasheet
49Kb / 2P
   SURFACE MOUNT GALSS PASSIVATED ZENER DIODE
MZ1.5PB11V-34.1 MIC-MZ1.5PB11V-34.1 Datasheet
58Kb / 4P
   SURFACE MOUNT GALSS PASSIVATED ZENER DIODE
MZ1.0PM6.2-41 MIC-MZ1.0PM6.2-41 Datasheet
40Kb / 2P
   SURFACE MOUNT GALSS PASSIVATED ZENER DIODE
logo
Jinan Jing Heng Electro...
DB151 JINGHENG-DB151 Datasheet
61Kb / 2P
   GALSS PASSIVATED BRIDGE RECTIFIER
logo
Zowie Technology Corpor...
GF10A ZOWIE-GF10A Datasheet
63Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com