Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

W04G Arkusz danych(PDF) 1 Page - Shanghai Lunsure Electronic Tech

Numer części W04G
Szczegółowy opis  SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CHENYI [Shanghai Lunsure Electronic Tech]
Strona internetowa  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

W04G Arkusz danych(HTML) 1 Page - Shanghai Lunsure Electronic Tech

  W04G Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech W04G Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CE
W005G THRU W10G
CHENYI ELECTRONICS
SINGLE PHASE GLASS
PASSIVATED BRIDGE RECTIFIER
Voltage: 50 TO 1000V CURRENT:1.5A
FEATURES
Ideal for printed circuit board
High surge capcability 60A peak
High case dielectric strength
MECHANICAL DATA
. Terminal: Plated leads solderable per
MIL-STD 202E, method 208C
. Case: UL-94 Class V-0 recognized Flame Retardant Epoxy
. Polarity: Polarity symbol marked on body
. Mounting position: any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Single-phase, half-wave, 60HZ, resistive or inductive load rating at 25
, unless otherwise stated,
for capacitive load, derate current by 20%)
SYMBOL W005G
W01G
W02G
W04G
W06G
W08G
W10G
units
Maximum Recurrent Peak Reverse Voltage
Vrrm
50
100
200
400
600
800
1000
v
Maximum RMS Voltage
Vrms
35
70
140
280
420
560
700
v
Maximum DC blocking Voltage
Vdc
50
100
200
400
600
800
1000
v
Maximum Average Forward Rectified
current at Ta=50
If(av)
A
Peak Forward Surge Current 8.3ms single
half sine-wave superimposed on rated load
Ifsm
A
Maximum Instantaneous Forward Voltage at
forward current 1.5A
Vf
V
Maximum DC Reverse Voltage Ta=25
A
at rated DC blocking voltage Ta=125
Ir
m A
Tyoical Junction Capacitance(Note 1)
Cj
24
pF
Operating Temperature Range
Tj
Storage and operation Junction Temperature
Tstg
Note:
1.Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc
1.0
-55 to +125
-55 to +150
1.5
50
1.0
10.0
Copyright @ 2000 SHANGHAI CHENYI ELECTRONICS CO.,LTD
Page 1 of 2


Podobny numer części - W04G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pan Jit International I...
W04G PANJIT-W04G Datasheet
49Kb / 2P
   1.5 AMPERE SILICON MINIATURE SINGLE- PHASE BRIDGES(VOLTAGE - 50 to 1000 Volts CURRENT - 1.5 Amperes)
logo
Taiwan Semiconductor Co...
W04G TSC-W04G Datasheet
73Kb / 2P
   Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers
logo
List of Unclassifed Man...
W04G ETC2-W04G Datasheet
75Kb / 2P
   Glass Passivated Single Phase Bridge Rectifiers
logo
Won-Top Electronics
W04G WTE-W04G Datasheet
52Kb / 3P
   1.5A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Pan Jit International I...
W04G PANJIT-W04G Datasheet
50Kb / 2P
   1.5 AMPERE SILICON MINIATURE SINGLE- PHASE BRIDGES VOLTAGE - 50 to 1000 Volts CURRENT - 1.5 Amperes
More results

Podobny opis - W04G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Shanghai Sunrise Electr...
GBPC35005 SSE-GBPC35005 Datasheet
18Kb / 1P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
G5SBA20 GE-G5SBA20 Datasheet
113Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
GBPC6 VISHAY-GBPC6 Datasheet
84Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
10-Dec-04
G2SB60 VISHAY-G2SB60 Datasheet
32Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifier
21-Mar-02
logo
Pan Jit International I...
GPJ8A PANJIT-GPJ8A Datasheet
42Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBJ8A PANJIT-GBJ8A_04 Datasheet
39Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
KBP005M VISHAY-KBP005M Datasheet
96Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
logo
Zowie Technology Corpor...
GBU6A ZOWIE-GBU6A Datasheet
54Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
W005 CHENYI-W005 Datasheet
140Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
W005M CHENYI-W005M Datasheet
144Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
2KBP005M GE-2KBP005M Datasheet
79Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com