Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1-1376387-2 Arkusz danych(PDF) 10 Page - Tyco Electronics

Numer części 1-1376387-2
Szczegółowy opis  5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MACOM [Tyco Electronics]
Strona internetowa  http://www.macom.com
Logo MACOM - Tyco Electronics

1-1376387-2 Arkusz danych(HTML) 10 Page - Tyco Electronics

Back Button 1-1376387-2 Datasheet HTML 6Page - Tyco Electronics 1-1376387-2 Datasheet HTML 7Page - Tyco Electronics 1-1376387-2 Datasheet HTML 8Page - Tyco Electronics 1-1376387-2 Datasheet HTML 9Page - Tyco Electronics 1-1376387-2 Datasheet HTML 10Page - Tyco Electronics 1-1376387-2 Datasheet HTML 11Page - Tyco Electronics 1-1376387-2 Datasheet HTML 12Page - Tyco Electronics 1-1376387-2 Datasheet HTML 13Page - Tyco Electronics 1-1376387-2 Datasheet HTML 14Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 98 page
background image
144
Catalog 82181
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 4-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
.093 [2.36] Commercial Pin and Socket Connectors (Continued)
AMP
Soft Shell
Pin and Socket Connectors
Performance
Characteristics (continued)
Maximum Current—Maximum cur-
rent rating of .093 Commercial Pin and
Socket Connectors is limited by the
maximum operating temperature of the
housings which is 105°C including the
temperature rise of the contacts which
is a maximum of 30°C. There are
several variables which have a direct
effect on this maximum current-carrying
capability for a given connector and
must be considered for each application.
These variables are:
Wire Size—Larger diameter wire will
carry more current since it has less
internal resistance to current flow and
thus generates less heat. Longer wire
lengths also enhance current-carrying
capabilities since the wire conducts
heat away from the connector.
Connector Size—In general, the more
circuits in a connector, the less current
can be carried.
Ambient Temperature—The higher
the ambient temperature, the less current
can be carried in any given connector.
Related Product Data
Product Specification — 108-1038
Termination
Contact
Wire Size
Crimp
Resistance
Tensile Force
Test
Resistance
Force (Min.)
AWG
mm2
Current
Milliohms
(Amps)
(Max. Init.)
lbs.
N
24
0.2
2.0
4.0
8
35.6
22
0.3–0.4
3.0
4.0
10
44.5
20
0.5–0.6
4.5
4.0
15
66.7
18
0.8–0.9
6.0
3.5
25
111.2
16
1.25–1.4
8.0
3.5
25
111.2
14
2
10.0
3.0
30
133.4
Note: This is the total resistance between wire crimps of a mated pin and
socket.
Current Rating Verification for 30°C Maximum Temperature Rise 100% Energized
Wire-to-Wire
.093 Commercial Pin and Socket Connectors — Calculated Current Table
Number of
Wire AWG
Circuits
14
16
18
20
22
24
2
13.00
12.00
11.00
8.00
6.00
6.00
3
13.00
11.00
10.00
8.00
6.00
5.00
4 In-Line
11.00
10.00
9.00
7.00
5.00
4.00
4 Matrix
11.00
10.00
9.00
7.00
5.00
4.00
5
10.00
9.00
8.00
6.00
5.00
4.00
6
10.00
9.00
8.00
6.00
4.00
4.00
9
9.00
7.00
6.00
5.00
4.00
3.00
12
8.00
7.00
6.00
4.00
3.00
3.00
15
7.00
6.00
5.00
4.00
3.00
3.00
Values are based on initial Temperature Rise versus Current Testing and are intended to be a guide in the selection
of a connector family. All applications should be tested by the end user. The values listed are per circuit for fully
loaded housings being 100% energized. Note: All combinations were not tested and this chart contains interpolated
and extrapolated values.
Termination Resistance/Contact Crimp Tensile Force
Minimum Wire Lengths for T-Rise vs. Current Testing
AWG
Min. Length (in.)
AWG
Min. Length (in.)
30
2.6
18
9.4
28
3.2
16
11.3
26
4.1
14
13.7
24
5.1
12
16.4
20
7.8
10
19.3
Note: If wire lengths used are less than those listed above, the current-
carrying ability of the system will be reduced due to less heat being
conducted away from the connector. The customer should fully test
all applications.


Podobny numer części - 1-1376387-2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
1-1376387-2 MACOM-1-1376387-2 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
1-1376387-2 MACOM-1-1376387-2 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
More results

Podobny opis - 1-1376387-2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
1-480318-0 ETC2-1-480318-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Tyco Electronics
1-480700-0 MACOM-1-480700-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376390-4 MACOM-3-1376390-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
350714-1 MACOM-350714-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
1-380999-0 MACOM-1-380999-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Lumberg
3602 LUMBERG-3602_18 Datasheet
466Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3614 LUMBERG-3614 Datasheet
569Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3618-2 LUMBERG-3618-2 Datasheet
545Kb / 3P
   RAST 5 connectors, pitch 5.0 mm
3627 LUMBERG-3627 Datasheet
222Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3676 LUMBERG-3676_18 Datasheet
516Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com