Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BCW68H Arkusz danych(PDF) 1 Page - Infineon Technologies AG

Numer części BCW68H
Szczegółowy opis  PNP Silicon AF Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INFINEON [Infineon Technologies AG]
Strona internetowa  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCW68H Arkusz danych(HTML) 1 Page - Infineon Technologies AG

  BCW68H Datasheet HTML 1Page - Infineon Technologies AG BCW68H Datasheet HTML 2Page - Infineon Technologies AG BCW68H Datasheet HTML 3Page - Infineon Technologies AG BCW68H Datasheet HTML 4Page - Infineon Technologies AG BCW68H Datasheet HTML 5Page - Infineon Technologies AG BCW68H Datasheet HTML 6Page - Infineon Technologies AG BCW68H Datasheet HTML 7Page - Infineon Technologies AG BCW68H Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
2011-09-15
1
BCW67, BCW68
1
2
3
PNP Silicon AF Transistors
• For general AF applications
• High current gain
• Low collector-emitter saturation voltage
• Complementary types: BCW66... (NPN)
• Pb-free (RoHS compliant) package
• Qualified according AEC Q101
Type
Marking
Pin Configuration
Package
BCW67A
BCW67B
BCW67C
BCW68F
BCW68G
BCW68H
DAs
DBs
DCs
DFs
DGs
DHs
1=B
1=B
1=B
1=B
1=B
1=B
2=E
2=E
2=E
2=E
2=E
2=E
3=C
3=C
3=C
3=C
3=C
3=C
SOT23
SOT23
SOT23
SOT23
SOT23
SOT23


Podobny numer części - BCW68H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Zetex Semiconductors
BCW68H ZETEX-BCW68H Datasheet
39Kb / 2P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Guangdong Kexin Industr...
BCW68H KEXIN-BCW68H Datasheet
1Mb / 3P
   PNP Transistors
logo
Siemens Semiconductor G...
BCW68H SIEMENS-BCW68H Datasheet
134Kb / 6P
   PNP Silicon AF Transistors (For general AF applications High current gain)
logo
Guangdong Kexin Industr...
BCW68H KEXIN-BCW68H Datasheet
1Mb / 3P
   PNP Transistors
logo
Micro Commercial Compon...
BCW68H MCC-BCW68H Datasheet
89Kb / 2P
   PNP Small Signal Transistor 330mW
More results

Podobny opis - BCW68H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Infineon Technologies A...
BCX69 INFINEON-BCX69 Datasheet
45Kb / 4P
   PNP Silicon AF Transistors
Jul-23-2001
logo
Siemens Semiconductor G...
BCX51BCX53 SIEMENS-BCX51BCX53 Datasheet
146Kb / 5P
   PNP Silicon AF Transistors
logo
Infineon Technologies A...
BC856 INFINEON-BC856 Datasheet
218Kb / 8P
   PNP Silicon AF Transistors
Dec-11-2001
BCW67 INFINEON-BCW67_07 Datasheet
79Kb / 8P
   PNP Silicon AF Transistors
2007-04-20
BCX69E6327 INFINEON-BCX69E6327 Datasheet
533Kb / 7P
   PNP Silicon AF Transistors
2011-10-05
BCX52-16-E6327 INFINEON-BCX52-16-E6327 Datasheet
526Kb / 8P
   PNP Silicon AF Transistors
2011-07-29
BCW67 INFINEON-BCW67 Datasheet
50Kb / 5P
   PNP Silicon AF Transistors
Jul-10-2001
logo
Bruckewell Technology L...
BCX51-BCX53 BWTECH-BCX51-BCX53 Datasheet
587Kb / 6P
   PNP Silicon AF Transistors
logo
Infineon Technologies A...
BCX53-16E6327 INFINEON-BCX53-16E6327 Datasheet
526Kb / 8P
   PNP Silicon AF Transistors
2011-07-29
logo
Guangdong Kexin Industr...
KC807A KEXIN-KC807A Datasheet
39Kb / 1P
   PNP Silicon AF Transistors
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com