Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BTB1580L3 Arkusz danych(PDF) 1 Page - Cystech Electonics Corp.

Numer części BTB1580L3
Szczegółowy opis  PNP Epitaxial Planar Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYSTEKEC [Cystech Electonics Corp.]
Strona internetowa  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTB1580L3 Arkusz danych(HTML) 1 Page - Cystech Electonics Corp.

  BTB1580L3 Datasheet HTML 1Page - Cystech Electonics Corp. BTB1580L3 Datasheet HTML 2Page - Cystech Electonics Corp. BTB1580L3 Datasheet HTML 3Page - Cystech Electonics Corp. BTB1580L3 Datasheet HTML 4Page - Cystech Electonics Corp. BTB1580L3 Datasheet HTML 5Page - Cystech Electonics Corp. BTB1580L3 Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C655L3
Issued Date : 2011.07.14
Revised Date :
Page No. : 1/6
BTB1580L3
CYStek Product Specification
PNP Epitaxial Planar Transistor
BTB1580L3
Description
The BTB1580L3 is a PNP Darlington transistor, designed for use in general purpose amplifier and low
speed switching application. Pb-free package process is adopted.
Equivalent Circuit
Outline
SOT-223
B
C
C
E
BTB1580L3
E:Emitter
C:Collector
B:Base
Absolute Maximum Ratings (Ta=25
°C)
Parameter
Symbol
Limits
Unit
Collector-Base Voltage
VCBO
-120
V
Collector-Emitter Voltage
VCEO
-120
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current (DC)
IC
-4
A
Collector Current (Pulse)
ICP
-6
A
Power Dissipation(TC=25℃)
PD
5
W
Thermal Resistance, Junction to Case
RθJC
25
°C/W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
-55~+150
°C
Note : Single Pulse Pw≦300μs, Duty≦2%.


Podobny numer części - BTB1580L3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cystech Electonics Corp...
BTB1580J3 CYSTEKEC-BTB1580J3 Datasheet
245Kb / 6P
   PNP Epitaxial Planar Transistor
BTB1580M3 CYSTEKEC-BTB1580M3 Datasheet
168Kb / 4P
   PNP Epitaxial Planar Transistor
BTB1580M3 CYSTEKEC-BTB1580M3 Datasheet
158Kb / 5P
   PNP Epitaxial Planar Transistor
BTB1580M3 CYSTEKEC-BTB1580M3_06 Datasheet
158Kb / 5P
   PNP Epitaxial Planar Transistor
BTB1580SM3 CYSTEKEC-BTB1580SM3 Datasheet
314Kb / 8P
   PNP Epitaxial Planar Transistor
More results

Podobny opis - BTB1580L3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hi-Sincerity Mocroelect...
HI350 HSMC-HI350 Datasheet
25Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HI42C HSMC-HI42C Datasheet
32Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ2584 HSMC-HJ2584 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ350 HSMC-HJ350 Datasheet
23Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ649A HSMC-HJ649A Datasheet
27Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM1426 HSMC-HM1426 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM2907A HSMC-HM2907A Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM3906 HSMC-HM3906 Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM64 HSMC-HM64 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM772 HSMC-HM772 Datasheet
46Kb / 5P
   PNP EPITAXIAL PLANAR TRANSISTOR
HA8550 HSMC-HA8550 Datasheet
36Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com