Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BTB9050N3 Arkusz danych(PDF) 4 Page - Cystech Electonics Corp.

Numer części BTB9050N3
Szczegółowy opis  High Voltage PNP Epitaxial Planar Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYSTEKEC [Cystech Electonics Corp.]
Strona internetowa  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTB9050N3 Arkusz danych(HTML) 4 Page - Cystech Electonics Corp.

  BTB9050N3 Datasheet HTML 1Page - Cystech Electonics Corp. BTB9050N3 Datasheet HTML 2Page - Cystech Electonics Corp. BTB9050N3 Datasheet HTML 3Page - Cystech Electonics Corp. BTB9050N3 Datasheet HTML 4Page - Cystech Electonics Corp. BTB9050N3 Datasheet HTML 5Page - Cystech Electonics Corp. BTB9050N3 Datasheet HTML 6Page - Cystech Electonics Corp. BTB9050N3 Datasheet HTML 7Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CYStech Electronics Corp.
Spec. No. : C619N3
Issued Date : 2012.08.21
Revised Date :
Page No. : 4/7
BTB9050N3
CYStek Product Specification
Typical Characteristics
Saturation Voltage vs Collector Current
10
100
1000
10000
1
10
100
-IC, Collector Current(mA)
125°C
75°C
25°C
VCESAT@IC=10IB
Saturation Voltage vs Collector Current
100
1000
10000
1
10
100
-IC, Collector Current(mA)
125°C
75°C
25°C
VCESAT@IC=20IB
Saturation Voltage vs Collector Current
100
1000
1
10
100
1000
-IC, Collector Current(mA)
VBESAT@IC=10IB
25°C
75°C
125°C
On Voltage vs Collector Current
100
1000
0.1
1
10
100
1000
-IC, Collector Current(mA)
VBEON@VCE=-10V
25°C
75°C
125°C
Power Derating Curve
0
50
100
150
200
250
300
350
0
50
100
150
200
TA, Ambient Temperature(℃)
Device mounted on FR-4
board of minimum pad size
Capacitance vs Reverse-biased Voltage
1
10
100
1000
0.1
1
10
100
VR, Reverse-biased Voltage(V)
Cib
Cob


Podobny numer części - BTB9050N3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cystech Electonics Corp...
BTB9435J3 CYSTEKEC-BTB9435J3 Datasheet
362Kb / 8P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB9435L3 CYSTEKEC-BTB9435L3 Datasheet
266Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
More results

Podobny opis - BTB9050N3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cystech Electonics Corp...
BTPA94A3 CYSTEKEC-BTPA94A3 Datasheet
156Kb / 4P
   High Voltage PNP Epitaxial Planar Transistor
BTP6520A3 CYSTEKEC-BTP6520A3 Datasheet
154Kb / 4P
   High Voltage PNP Epitaxial Planar Transistor
logo
KEC(Korea Electronics)
KTA1659 KEC-KTA1659 Datasheet
128Kb / 1P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH VOLTAGE)
KTA968A KEC-KTA968A Datasheet
120Kb / 1P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH VOLTAGE)
logo
Cystech Electonics Corp...
BTP9050N3 CYSTEKEC-BTP9050N3 Datasheet
281Kb / 7P
   High Voltage PNP Epitaxial Planar Transistor
BTP6520N3 CYSTEKEC-BTP6520N3 Datasheet
151Kb / 4P
   High Voltage PNP Epitaxial Planar Transistor
BTA1727J3 CYSTEKEC-BTA1727J3 Datasheet
433Kb / 7P
   High Voltage PNP Epitaxial Planar Transistor
BTA1727M3 CYSTEKEC-BTA1727M3 Datasheet
432Kb / 8P
   High Voltage PNP Epitaxial Planar Transistor
logo
KEC(Korea Electronics)
KTA1023 KEC-KTA1023 Datasheet
334Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH VOLTAGE)
KTA1700 KEC-KTA1700 Datasheet
128Kb / 1P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH VOLTAGE)
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com