Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1N3289 Arkusz danych(PDF) 1 Page - Digitron Semiconductors

Numer części 1N3289
Szczegółowy opis  HIGH POWER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIGITRON [Digitron Semiconductors]
Strona internetowa  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

1N3289 Arkusz danych(HTML) 1 Page - Digitron Semiconductors

  1N3289 Datasheet HTML 1Page - Digitron Semiconductors 1N3289 Datasheet HTML 2Page - Digitron Semiconductors 1N3289 Datasheet HTML 3Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
1N3288(A)-1N3297(A)
HIGH POWER RECTIFIER
MAXIMUM RATINGS
Maximum peak
repetitive reverse
voltage
Maximum non-
repetitive peak
reverse voltage
Maximum direct
reverse voltage
Maximum peak reverse
current
VRRM
VRSM
VR
IRRM
TC = -40° to +200°C
TC = 25° to 200°C
TC = -40° to +200
TC = 130°C
Part number
V
V
V
mA
1N3288
1N3288A
100
200
100
24
1N3289
1N3289A
200
300
200
24
1N3290
1N3290A
300
400
300
24
1N3291
1N3291A
400
525
400
24
1N3292
1N3292B
500
650
500
21
1N3293
1N3293A
600
800
600
17
1N3294
1N3294A
800
1050
800
13
1N3295
1N3295A
1000
1300
1000
11
1N3296
1N3296A
1200
1600
1200
9
ELECTRICAL CHARACTERISTICS
Characteristics
Symbol
Non-A
suffix
A suffix
Test Conditions
Average forward current
IF(AV)
100A
180° sinusoidal conduction, TC = 130°C
1500A
2200A
Half cycle, 50Hz
sine wave
1600A
2300A
Half cycle, 60Hz
sine wave
Following any rated
load condition and
with rated VRRM
applied
1800A
2600A
Half cycle, 50Hz
sine wave
Maximum surge current
IFSM
1900A
2700A
Half cycle, 60Hz
sine wave
Following any rated
load condition and
with VRRM applied
following surge = 0.
11500 A2s
24000 A2s
t = 10ms
Maximum I2t for fusing
10500 A2s
22000 A2s
t = 8.3ms
With rated VRRM
applied following
surge, initial
TJ = 200°C
16500 A2s
34000 A2s
t = 10ms
Maximum I2t for individual device fusing
I2t
15000 A2s
31000 A2s
t = 8.3ms
With VRRM = 0
following surge,
initial TJ = 200°C
Maximum I2√t for individual device fusing(4)
I2√t
165000 A2√s
340000 A2√s
t = 0.1 to 10ms, VRRM = 0 following surge
Maximum peak forward voltage
VFM
1.5V
IFAV = 100A, TC = 130°C
THERMAL CHARACTERISTICS
Characteristics
Symbol
Test Conditions
Operating junction and storage temperature range
TJ, Tstg
-40° to 200°C
Operating junction and storage temperature range
TJ, Tstg
1N3292B = -65° to +200°C
Maximum thermal resistance
R
ӨJC
0.4°C/W junction to case
Maximum thermal resistance
R
ӨCS
0.1°C/W case to sink
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20121217


Podobny numer części - 1N3289

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microsemi Corporation
1N3289 MICROSEMI-1N3289 Datasheet
120Kb / 3P
   Silicon Power Rectifier
1N3289 MICROSEMI-1N3289 Datasheet
141Kb / 2P
   SILICON POWER RECTIFIER
logo
TRANSYS Electronics Lim...
1N3289 TEL-1N3289 Datasheet
160Kb / 1P
   High Current Rectifier
logo
Naina Semiconductor ltd...
1N3289 NAINA-1N3289 Datasheet
87Kb / 1P
   SILICON POWER DIODE
logo
Microsemi Corporation
1N3289 MICROSEMI-1N3289 Datasheet
87Kb / 3P
   HIGH RELIABILITY SILICON POWER RECTIFIER
More results

Podobny opis - 1N3289

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Digitron Semiconductors
1N2054 DIGITRON-1N2054 Datasheet
123Kb / 2P
   HIGH POWER RECTIFIER
A180 DIGITRON-A180 Datasheet
426Kb / 2P
   HIGH POWER RECTIFIER
logo
Sensitron
SRS1150HE SENSITRON-SRS1150HE Datasheet
40Kb / 2P
   HIGH EFFICIENCY POWER RECTIFIER
SRS3120HE SENSITRON-SRS3120HE Datasheet
40Kb / 2P
   HIGH EFFICIENCY POWER RECTIFIER
SRS3140HE SENSITRON-SRS3140HE Datasheet
40Kb / 2P
   HIGH EFFICIENCY POWER RECTIFIER
logo
America Semiconductor, ...
MBR8045 AMERICASEMI-MBR8045 Datasheet
569Kb / 2P
   HIGH POWER-SCHOTTKY RECTIFIER
MBR8020 AMERICASEMI-MBR8020 Datasheet
569Kb / 2P
   HIGH POWER-SCHOTTKY RECTIFIER
logo
Sensitron
SRS3150HE SENSITRON-SRS3150HE Datasheet
40Kb / 2P
   HIGH EFFICIENCY POWER RECTIFIER
SRS3130HE SENSITRON-SRS3130HE Datasheet
40Kb / 2P
   HIGH EFFICIENCY POWER RECTIFIER
SRS1140HE SENSITRON-SRS1140HE Datasheet
40Kb / 2P
   HIGH EFFICIENCY POWER RECTIFIER
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com