Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

6N90 Arkusz danych(PDF) 6 Page - Nell Semiconductor Co., Ltd

Numer części 6N90
Szczegółowy opis  N-Channel Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NELLSEMI [Nell Semiconductor Co., Ltd]
Strona internetowa  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

6N90 Arkusz danych(HTML) 6 Page - Nell Semiconductor Co., Ltd

  6N90 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 6N90 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 6N90 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 6N90 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 6N90 Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 6N90 Datasheet HTML 6Page - Nell Semiconductor Co., Ltd 6N90 Datasheet HTML 7Page - Nell Semiconductor Co., Ltd 6N90 Datasheet HTML 8Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
SEMICONDUCTOR
Nell High Power Products
RoHS
RoHS
Junction temperature, T (°C)
J
www.nellsemi.com
Page 6 of 8
6N90 Series
-100
-50
0
50
100
Fig.7 Breakdown voltage variation
vs. Junction temperature
*Notes:
1.V
=0V
GS
2.I =250µA
D
-100
100
150
200
-50
0
50
1.1
1.2
1.0
0.9
0.8
*Notes:
1.V
=10V
GS
2.I =3.0A
D
150
200
1.5
1.0
0.5
0.0
2.0
3.0
2.5
Fig.8 On-resistance variation vs. Junction
temperature
Junction temperature, T (°C)
J
DC
10µs
10ms
100µs
1ms
*Notes:
1.T =25°C
J
2.T=150°C
3.Single pulse
Operation in This Area is Limited by RDS(on)
0
10
1
10
3
10
2
10
-2
10
-1
10
0
10
1
10
2
10
Fig.9 Maximum safe operating area for 6N90A
Drain-source voltage, V
(V)
DS
3
10
0
10
1
10
2
10
-1
10
1
10
-2
10
0
10
2
10
Operation in This Area is Limited by RDS(on)
DC
10ms
1ms
100µs
10µs
*Notes:
1.T =25°C
J
2.T =150°C
J
3.Single pulse
Fig.9-2 Maximum safe operating area
for 6N90AF
Drain-source voltage, V
(V)
DS
25
50
75
100
125
150
8
6
4
2
0
Fig.10 Maximum drain current vs.
Case temperature
Case temperature, T (°C)
C


Podobny numer części - 6N90

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
6N90 UTC-6N90 Datasheet
180Kb / 6P
   6.2 Amps, 900 Volts N-CHANNEL POWER MOSFET
6N90 UTC-6N90 Datasheet
203Kb / 5P
   6.2A, 900V N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
6N90C FAIRCHILD-6N90C Datasheet
789Kb / 9P
   900V N-Channel MOSFET
logo
Unisonic Technologies
6N90G-T2Q-T UTC-6N90G-T2Q-T Datasheet
283Kb / 8P
   N-CHANNEL POWER MOSFET
6N90G-TA3-T UTC-6N90G-TA3-T Datasheet
180Kb / 6P
   6.2 Amps, 900 Volts N-CHANNEL POWER MOSFET
More results

Podobny opis - 6N90

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com