Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LB135DS01 Arkusz danych(PDF) 3 Page - SIPAT Co,Ltd

Numer części LB135DS01
Szczegółowy opis  135.42MHz Low-Loss SAWF
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SIPAT [SIPAT Co,Ltd]
Strona internetowa  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LB135DS01 Arkusz danych(HTML) 3 Page - SIPAT Co,Ltd

  LB135DS01 Datasheet HTML 1Page - SIPAT Co,Ltd LB135DS01 Datasheet HTML 2Page - SIPAT Co,Ltd LB135DS01 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
SP LB LB135DS01
Rev. Date
2004-10-12
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.0
Page 3/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
135.42MHz Low-Loss SAWF
8MHz Bandwidth
Part Number: LB135DS01
Typical Performance
Frequency Respond
Passband Respond(1dB/div)
115.56
120.56
125.56
130.56
135.56
140.56
145.56
150.56
155.56
-93.922
-83.922
-73.922
-63.922
-53.922
-43.922
-33.922
-23.922
-13.922
Frequency(MHz)
Type Performance
115.56
120.56
125.56
130.56
135.56
140.56
145.56
150.56
155.56
-93.922
-83.922
-73.922
-63.922
-53.922
-43.922
-33.922
-23.922
-13.922
Frequency(MHz)
Type Performance
Wideband Respond
Phase Linearity
100.27
200.24
300.21
400.18
500.15
600.12
700.09
800.06
900.03
-96.574
-86.574
-76.574
-66.574
-56.574
-46.574
-36.574
-26.574
-16.574
Frequency(MHz)
Type Performance
Simth Chart S11
Simth Chart S22


Podobny numer części - LB135DS01

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SIPAT Co,Ltd
LB135DS01 SIPAT-LB135DS01 Datasheet
277Kb / 3P
   135.42MHz Low-Loss SAWF 8MHz Bandwidth
More results

Podobny opis - LB135DS01

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SIPAT Co,Ltd
LB135DS01 SIPAT-LB135DS01 Datasheet
277Kb / 3P
   135.42MHz Low-Loss SAWF 8MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TB0571A TAI-SAW-TB0571A Datasheet
275Kb / 8P
   SAW Filter 135.42MHz SMD 7.0횞5.0mm
logo
Anaren Microwave
1P503AS ANAREN-1P503AS Datasheet
713Kb / 10P
   Low Loss
logo
EPCOS
B3521 EPCOS-B3521 Datasheet
72Kb / 6P
   Low Loss Filter
logo
List of Unclassifed Man...
B3562 ETC1-B3562 Datasheet
73Kb / 6P
   LOW-LOSS FILTER
logo
EPCOS
B3677 EPCOS-B3677 Datasheet
103Kb / 7P
   Low-Loss Filter
B3574 EPCOS-B3574_1 Datasheet
78Kb / 6P
   Low Loss Filter
logo
Shenzhen Winsemi Microe...
WGW15G120W WINSEMI-WGW15G120W Datasheet
455Kb / 7P
   Low Loss IGBT
WGW15G120N WINSEMI-WGW15G120N Datasheet
446Kb / 7P
   Low Loss IGBT
logo
RF Monolithics, Inc
SF2059B-1 RFM-SF2059B-1 Datasheet
205Kb / 5P
   Low Insertion Loss
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com