Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

Z00607L-T92-K Arkusz danych(PDF) 2 Page - Unisonic Technologies

Numer części Z00607L-T92-K
Szczegółowy opis  0.8A TRIACS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  UTC [Unisonic Technologies]
Strona internetowa  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

Z00607L-T92-K Arkusz danych(HTML) 2 Page - Unisonic Technologies

  Z00607L-T92-K Datasheet HTML 1Page - Unisonic Technologies Z00607L-T92-K Datasheet HTML 2Page - Unisonic Technologies Z00607L-T92-K Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Z00607
Preliminary
TRIAC
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R401-025.a
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Repetitive Peak Off-State Voltage
VDRM
600
V
RMS On-State Current (Full Sine Wave) TMB=50°C
IT(RMS)
0.8
A
Non Repetitive Surge Peak
On-State Current (Full Cycle,
TJ initial=25°C)
F=50Hz
t=20ms
ITSM
9
A
F=60Hz
t=16.7ms
9.5
I
2t Value for Fusing
tP=10ms
I
2
t
0.45
A
2s
Critical Rate of Rise of
On-State Current IG=2×IGT,
tr≤100ns
F=120Hz
TJ=110°C
dl/dt
20
A/µs
Peak Gate Current
tP=20µs
TJ=110°C
IGM
1
A
Average Gate Power Dissipation
TJ=110°C
PG(AV)
0.1
W
Operating Junction Temperature Range
TJ
-40~+110
°C
Storage Junction Temperature Range
TSTG
-40~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Lead (AC)
θJLEAD
60
°C/W
Junction to Ambient
θJA
150
°C/W
ELECTRICAL CHARACTERISTICS (TJ=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Gate Trigger Current (Note 1)
IGT
VD=12V, RL=30Ω
I-II-III
5
mA
IV
7
Gate Trigger Voltage
VGT
ALL
1.3
V
Gate Non-Trigger Voltage
VGD
VD=VDRM, RL=3.3KΩ,
TJ=110°C
ALL
0.2
V
Holding Current (Note 2)
IH
IT=200mA
5
mA
Latching Current
IL
IG=1.2IGT
I-III-IV
10
mA
II
20
Critical Rate of Rise of Off-State
Voltage (Note 2)
dV/dt
VD=67%VDRM, Gate Open,
TJ=110°C
10
V/µs
Critical Rate of Rise of Off-State
Voltage at Commutation (Note 2)
(dV/dt)c
(dV/dt)c=0.35A/ms, TJ=110°C
1.5
V/µs
Peak On-State Voltage (Note 2)
VTM
ITM=1.1A, tp=380μs
TJ=25°C
1.5
V
Threshold Voltage (Note 2)
VTO
TJ=110°C
0.95
V
Dynamic Resistance (Note 2)
RD
TJ=110°C
420
mΩ
Repetitive Peak Off-State Current
IDRM
VDRM=VRRM=600V
TJ=25°C
5
μA
IRRM
TJ=110°C
0.1
mA
Notes: 1. Minimum IGT is guaranteed at 5% of IGT max.
2. For both polarities of MT2 referenced to MT1.


Podobny numer części - Z00607L-T92-K

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
Z00607L-T92-K UTC-Z00607L-T92-K Datasheet
127Kb / 3P
   0.8A TRIAC
More results

Podobny opis - Z00607L-T92-K

ProducentNumer częściArkusz danychSzczegółowy opis
logo
JIEJIE MICROELECTRONICS...
JST130 JIEJIE-JST130 Datasheet
349Kb / 5P
   0.8A TRIACs
Z00607 JIEJIE-Z00607 Datasheet
353Kb / 4P
   0.8A TRIACs
logo
Teccor Electronics
L4004L8 TECCOR-L4004L8 Datasheet
168Kb / 8P
   Sensitive Triacs (0.8A to 8A)
logo
GTM CORPORATION
GMAC97A6 GTM-GMAC97A6 Datasheet
283Kb / 4P
   SENSITIVE GATE TRIACS SILICON BIDIRECTIONAL THYRISTORS 0.8A ,400V
logo
STMicroelectronics
P0130AA STMICROELECTRONICS-P0130AA Datasheet
103Kb / 5P
   0.8A SCRs
logo
New Jersey Semi-Conduct...
X00602MA NJSEMI-X00602MA Datasheet
71Kb / 2P
   0.8A SCRs
logo
Kersemi Electronic Co.,...
P0102DA KERSEMI-P0102DA Datasheet
487Kb / 6P
   0.8A SCRs
P0130AA KERSEMI-P0130AA Datasheet
435Kb / 5P
   0.8A SCRs
logo
Shindengen Electric Mfg...
D1FK70-5063 SHINDENGEN-D1FK70-5063 Datasheet
475Kb / 3P
   700V 0.8A
logo
STMicroelectronics
Z00607MA STMICROELECTRONICS-Z00607MA Datasheet
56Kb / 6P
   0.8A TRIAC
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com