Zakładka z wyszukiwarką danych komponentów |
|
5-104505-2 Arkusz danych(PDF) 6 Page - Tyco Electronics |
|
5-104505-2 Arkusz danych(HTML) 6 Page - Tyco Electronics |
6 / 6 page FOR MORE inFORMATiOn TE Technical Support Center USA: +1 (800) 522-6752 Canada: +1 (905) 475-6222 Mexico +52 (0) 55-1106-0800 Latin/S. America: +54 (0) 11-4733-2200 Germany: +49 (0) 6251-133-1999 UK: +44 (0) 800-267666 France: +33 (0) 1-3420-8686 Netherlands: +31 (0) 73-6246-999 China: +86 (0) 400-820-6015 Part numbers in this brochure are RoHS Compliant*, unless marked otherwise. *as defined www.te.com/leadfree te.com © 2011 Tyco Electronics Corporation, a TE Connectivity Ltd. Company. All Rights Reserved. 4-1773458-0 CIS LUG FP 1M 03/2011 AMPMODU, TE Connectivity, TE connectivity (logo) and TE (logo) are trademarks. Other logos, product and/or company names might be trademarks of their respective owners. While TE has made every reasonable effort to ensure the accuracy of the information in this brochure, TE does not guarantee that it is error-free, nor does TE make any other representation, warranty or guarantee that the information is accurate, correct, reliable or current. TE reserves the right to make any adjustments to the information contained herein at any time without notice. TE expressly disclaims all implied warranties regarding the information contained herein, including, but not limited to, any implied warranties of merchantability or fitness for a particular purpose. The dimensions in this catalog are for reference purposes only and are subject to change without notice. Specifications are subject to change without notice. Consult TE for the latest dimensions and design specifications. What are the current rating (amps) and voltage requirements of AMPMODU MTE connectors? 3 amps for a single contact in free air, 267 V (operating voltage) What type and size requirements? #22-#30 AWG range for IDC configurations; #20-#32 AWG for crimp snap-in replacement contacts What are the number of postions needed? 2-25 positions, double row coupling shrouds allow 8-50 position configurations Questions that will help you better select the product that you need: Available space? .100 centerline and .100 x .100 centerline (coupling shrouds mating to PCB headers) Configuration/orientation? right angle, vertical, single/double row Operating temperature requirements? Will accommodate -65˚C to +105˚C range Environmental Considerations? Refer to TE product specifications 108-25034, 108-25034-2 (MTE surface mount product), 108-1472 and 108-1472-1 (Short Point) |
Podobny numer części - 5-104505-2 |
|
Podobny opis - 5-104505-2 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |