Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M-982-02P Arkusz danych(PDF) 7 Page - Clare, Inc.

Numer części M-982-02P
Szczegółowy opis  Precise Call Progress Tone Detector
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CLARE [Clare, Inc.]
Strona internetowa  http://www.clare.com
Logo CLARE - Clare, Inc.

M-982-02P Arkusz danych(HTML) 7 Page - Clare, Inc.

  M-982-02P Datasheet HTML 1Page - Clare, Inc. M-982-02P Datasheet HTML 2Page - Clare, Inc. M-982-02P Datasheet HTML 3Page - Clare, Inc. M-982-02P Datasheet HTML 4Page - Clare, Inc. M-982-02P Datasheet HTML 5Page - Clare, Inc. M-982-02P Datasheet HTML 6Page - Clare, Inc. M-982-02P Datasheet HTML 7Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Worldwide Sales Offices
CLARE LOCATIONS
Clare Headquarters
78 Cherry Hill Drive
Beverly, MA 01915
Tel: 1-978-524-6700
Fax: 1-978-524-4900
Toll Free: 1-800-27-CLARE
Clare Switch Division
4315 N. Earth City Expressway
Earth City, MO 63045
Tel: 1-314-770-1832
Fax: 1-314-770-1812
Clare Micronix Division
145 Columbia
Aliso Viejo, CA 92656-1490
Tel: 1-949-831-4622
Fax: 1-949-831-4628
SALES OFFICES
AMERICAS
Americas Headquarters
Clare
78 Cherry Hill Drive
Beverly, MA 01915
Tel: 1-978-524-6700
Fax: 1-978-524-4900
Toll Free: 1-800-27-CLARE
Eastern Region
Clare
603 Apache Court
Mahwah, NJ 07430
Tel: 1-201-236-0101
Fax: 1-201-236-8685
Toll Free: 1-800-27-CLARE
Central Region
Clare Canada Ltd.
3425 Harvester Road, Suite 202
Burlington, Ontario L7N 3N1
Tel: 1-905-333-9066
Fax: 1-905-333-1824
Western Region
Clare
1852 West 11th Street, #348
Tracy, CA 95376
Tel: 1-209-832-4367
Fax: 1-209-832-4732
Toll Free: 1-800-27-CLARE
Canada
Clare Canada Ltd.
3425 Harvester Road, Suite 202
Burlington, Ontario L7N 3N1
Tel: 1-905-333-9066
Fax: 1-905-333-1824
EUROPE
European Headquarters
CP Clare nv
Bampslaan 17
B-3500 Hasselt (Belgium)
Tel: 32-11-300868
Fax: 32-11-300890
France
Clare France Sales
Lead Rep
99 route de Versailles
91160 Champlan
France
Tel: 33 1 69 79 93 50
Fax: 33 1 69 79 93 59
Germany
Clare Germany Sales
ActiveComp Electronic GmbH
Mitterstrasse 12
85077 Manching
Germany
Tel: 49 8459 3214 10
Fax: 49 8459 3214 29
Italy
C.L.A.R.E.s.a.s.
Via C. Colombo 10/A
I-20066 Melzo (Milano)
Tel: 39-02-95737160
Fax: 39-02-95738829
Sweden
Clare Sales
Comptronic AB
Box 167
S-16329 Spånga
Tel: 46-862-10370
Fax: 46-862-10371
United Kingdom
Clare UK Sales
Marco Polo House
Cook Way
Bindon Road
Taunton
UK-Somerset TA2 6BG
Tel: 44-1-823 352541
Fax: 44-1-823 352797
ASIA/PACIFIC
Asian Headquarters
Clare
Room N1016, Chia-Hsin, Bldg II,
10F, No. 96, Sec. 2
Chung Shan North Road
Taipei, Taiwan R.O.C.
Tel: 886-2-2523-6368
Fax: 886-2-2523-6369
http://www.clare.com
Clare, Inc. makes no representations or warranties with respect to
the accuracy or completeness of the contents of this publication
and reserves the right to make changes to specifications and
product descriptions at any time without notice. Neither circuit
patent licenses nor indemnity are expressed or implied. Except as
set forth in Clare’s Standard Terms and Conditions of Sale, Clare,
Inc. assumes no liability whatsoever, and disclaims any express or
implied warranty, relating to its products including, but not limit-
ed to, the implied warranty of merchantability, fitness for a partic-
ular purpose, or infringement of any intellectual property right.
The products described in this document are not designed,
intended, authorized or warranted for use as components in sys-
tems intended for surgical implant into the body, or in other appli-
cations intended to support or sustain life, or where malfunction
of Clare’s product may result in direct physical harm, injury, or
death to a person or severe property or environmental damage.
Clare, Inc. reserves the right to discontinue or make changes to its
products at any time without notice.
Specification: DS-M982-02-R4
©Copyright 2001, Clare, Inc.
All rights reserved. Printed in USA.
7/24/01


Podobny numer części - M-982-02P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Clare, Inc.
M-980-02 CLARE-M-980-02 Datasheet
181Kb / 6P
   3V/5V General Purpose Call Progress Tone Detector
logo
IXYS Corporation
M-980-02 IXYS-M-980-02 Datasheet
206Kb / 7P
   3V/5V General Purpose Call Progress Tone Detector
logo
Clare, Inc.
M-980-02P CLARE-M-980-02P Datasheet
181Kb / 6P
   3V/5V General Purpose Call Progress Tone Detector
logo
IXYS Corporation
M-980-02P IXYS-M-980-02P Datasheet
206Kb / 7P
   3V/5V General Purpose Call Progress Tone Detector
logo
Clare, Inc.
M-980-02S CLARE-M-980-02S Datasheet
181Kb / 6P
   3V/5V General Purpose Call Progress Tone Detector
More results

Podobny opis - M-982-02P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
CML Microcircuits
FX643 CMLMICRO-FX643 Datasheet
274Kb / 14P
   Call Progress Tone Detector
FX633 CMLMICRO-FX633 Datasheet
299Kb / 13P
   Call Progress Tone Detector
logo
Holtek Semiconductor In...
HT9020B HOLTEK-HT9020B Datasheet
120Kb / 7P
   Call Progress Tone Detector
logo
List of Unclassifed Man...
FX633 ETC-FX633 Datasheet
331Kb / 12P
   Call Progress Tone Detector
MX623 ETC-MX623 Datasheet
59Kb / 6P
   Line-Powered Call Progress Tone Detector
logo
Clare, Inc.
M-985-01 CLARE-M-985-01 Datasheet
241Kb / 8P
   Precise Call Progress and Special Information Tone Generator
logo
List of Unclassifed Man...
FX623 ETC-FX623 Datasheet
49Kb / 6P
   Call Progress Tone Decoder
logo
CML Microcircuits
FX623 CMLMICRO-FX623 Datasheet
50Kb / 6P
   Call Progress Tone Decoder
logo
Clare, Inc.
M-991 CLARE-M-991 Datasheet
171Kb / 6P
   Call Progress Tone Generator
logo
IXYS Corporation
M-980-02 IXYS-M-980-02 Datasheet
206Kb / 7P
   3V/5V General Purpose Call Progress Tone Detector
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com