Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M-982-02S Arkusz danych(PDF) 6 Page - Clare, Inc.

Numer części M-982-02S
Szczegółowy opis  Precise Call Progress Tone Detector
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CLARE [Clare, Inc.]
Strona internetowa  http://www.clare.com
Logo CLARE - Clare, Inc.

M-982-02S Arkusz danych(HTML) 6 Page - Clare, Inc.

  M-982-02S Datasheet HTML 1Page - Clare, Inc. M-982-02S Datasheet HTML 2Page - Clare, Inc. M-982-02S Datasheet HTML 3Page - Clare, Inc. M-982-02S Datasheet HTML 4Page - Clare, Inc. M-982-02S Datasheet HTML 5Page - Clare, Inc. M-982-02S Datasheet HTML 6Page - Clare, Inc. M-982-02S Datasheet HTML 7Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Tolerances (mm)
SAE
approximation(inches)
Min
Max
Min
Max
A
2.35
2.65
.0926
.1043
A1
.10
.30
.0040
.0118
b
.33
.51
.013
.020
D
12.60
13.00
.4961
.5118
E
7.4
7.6
.2914
.2992
e
1.27 BSC
.050 BSC
H
10.00
10.65
.394
.419
L
.40
1.27
.016
.050
Tolerances (inches)
Metric
Approximation (mm)
Min
Nom
Max
Min
Nom
Max
A
-
-
.210
-
-
5.33
A1
.015
-
-
.38
-
-
b
.014
-
.022
.36
-
.56
b2
.045
.060
.065
1.1
1.5
1.7
C
.009
-
.015
.23
-
.38
D
1.065
1.085
1.120
27.1
27.6
28.4
E
.390
.415
.425
9.9
10.5
10.8
E1
.330
.360
.390
8.4
9.1
9.9
e
.100 BSC
2.54 BSC
ec
15°
15°
15°
L
.115
.130
.160
2.9
3.3
4.1
www.clare.com
6
M-982-02
Rev. 4
Package Dimensions
Dimensions
mm
(inches)


Podobny numer części - M-982-02S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Clare, Inc.
M-980-02 CLARE-M-980-02 Datasheet
181Kb / 6P
   3V/5V General Purpose Call Progress Tone Detector
logo
IXYS Corporation
M-980-02 IXYS-M-980-02 Datasheet
206Kb / 7P
   3V/5V General Purpose Call Progress Tone Detector
logo
Clare, Inc.
M-980-02P CLARE-M-980-02P Datasheet
181Kb / 6P
   3V/5V General Purpose Call Progress Tone Detector
logo
IXYS Corporation
M-980-02P IXYS-M-980-02P Datasheet
206Kb / 7P
   3V/5V General Purpose Call Progress Tone Detector
logo
Clare, Inc.
M-980-02S CLARE-M-980-02S Datasheet
181Kb / 6P
   3V/5V General Purpose Call Progress Tone Detector
More results

Podobny opis - M-982-02S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
CML Microcircuits
FX643 CMLMICRO-FX643 Datasheet
274Kb / 14P
   Call Progress Tone Detector
FX633 CMLMICRO-FX633 Datasheet
299Kb / 13P
   Call Progress Tone Detector
logo
Holtek Semiconductor In...
HT9020B HOLTEK-HT9020B Datasheet
120Kb / 7P
   Call Progress Tone Detector
logo
List of Unclassifed Man...
FX633 ETC-FX633 Datasheet
331Kb / 12P
   Call Progress Tone Detector
MX623 ETC-MX623 Datasheet
59Kb / 6P
   Line-Powered Call Progress Tone Detector
logo
Clare, Inc.
M-985-01 CLARE-M-985-01 Datasheet
241Kb / 8P
   Precise Call Progress and Special Information Tone Generator
logo
List of Unclassifed Man...
FX623 ETC-FX623 Datasheet
49Kb / 6P
   Call Progress Tone Decoder
logo
CML Microcircuits
FX623 CMLMICRO-FX623 Datasheet
50Kb / 6P
   Call Progress Tone Decoder
logo
Clare, Inc.
M-991 CLARE-M-991 Datasheet
171Kb / 6P
   Call Progress Tone Generator
logo
IXYS Corporation
M-980-02 IXYS-M-980-02 Datasheet
206Kb / 7P
   3V/5V General Purpose Call Progress Tone Detector
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com