Zakładka z wyszukiwarką danych komponentów |
|
P0080ECL Arkusz danych(PDF) 4 Page - HuaXinAn Electronics CO.,LTD |
|
P0080ECL Arkusz danych(HTML) 4 Page - HuaXinAn Electronics CO.,LTD |
4 / 7 page ShenZhen HuaXinAn Electronics Co.,Ltd (SIDACtor Protection Thyristors ) Surge Ratings Series Ipp 2x10µs Ipp 8x20µs Ipp 10x160µs Ipp 10x560µs Ipp 10x1000µs Ipp 5x320µs Ipp 5x310µs Ipp 10x360µs ITSM 50/60Hz di/dt Amps Amps Amps Amps Amps Amps Amps Amps Amps Amps/µs A 150 150 90 50 45 75 75 75 20 500 B 250 250 150 100 80 100 100 125 25 500 C 500 400 200 150 100 200 200 175 30 500 Thermal Considerations Package TO-92 Symbol Parameter Value Unit TJ Operating Junction Temperature Range -40 to +150 °C TS Storage Temperature Range -65 to +150 °C RθJA Junction to Ambient on prited circuit 90 °C /W Description of Part Number P XXX0 E B L LEAD FREE Ipp Rating(10x1000µs)A=45A B=80A C=100A Package Type(TO-92) Median Voltage P=SIDACtor Protection Thyristor 4 Revised:February 25,2014 www.huaandz.com |
Podobny numer części - P0080ECL |
|
Podobny opis - P0080ECL |