Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M-985-01T Arkusz danych(PDF) 5 Page - Clare, Inc.

Numer części M-985-01T
Szczegółowy opis  Precise Call Progress and Special Information Tone Generator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CLARE [Clare, Inc.]
Strona internetowa  http://www.clare.com
Logo CLARE - Clare, Inc.

M-985-01T Arkusz danych(HTML) 5 Page - Clare, Inc.

  M-985-01T Datasheet HTML 1Page - Clare, Inc. M-985-01T Datasheet HTML 2Page - Clare, Inc. M-985-01T Datasheet HTML 3Page - Clare, Inc. M-985-01T Datasheet HTML 4Page - Clare, Inc. M-985-01T Datasheet HTML 5Page - Clare, Inc. M-985-01T Datasheet HTML 6Page - Clare, Inc. M-985-01T Datasheet HTML 7Page - Clare, Inc. M-985-01T Datasheet HTML 8Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Detector Frequency Windows for SIT Tones
Detector
Low Reject
Low Accept
High Accept
High Reject
D950
835
885
1016
1070
D1400
1275
1328
1472
1527
D1800
1656
1722
1854
1924
Truth Table (Continued)
Signal Present (fo)
Mode
OUT 1
OUT 2
OUT 3
OUT 4
D425
Strobe
PD
OE
EN
Any
X
0
0
0
0
0
0
0
1
0
Any
X
High Impedance
X
0
0
1
Any
X
High Impedance
0
0
0
0
Any
X
High Impedance
X
1
0
X
Notes:
1. This output indicates 400 Hz detect when MODE is connected to V
SS.
2. This output indicates 620 Hz detect when MODE is open or connected to V
DD.
M-985-01
www.clare.com
5
Rev. 1
SIT Timing
Call Progress Tones
Frequency (HZ)
1
2
Use
350
440
Dial Tone
400
Off
Special
440
Off
Alert Tone
440
480
Audible Ring
440
620
Pre-empt
480
Off
Bell High Tone
480
620
Reorder (Bell Low)
350
Off
Special
620
Off
Special
425
Off
European


Podobny numer części - M-985-01T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Clare, Inc.
M-980-02 CLARE-M-980-02 Datasheet
181Kb / 6P
   3V/5V General Purpose Call Progress Tone Detector
logo
IXYS Corporation
M-980-02 IXYS-M-980-02 Datasheet
206Kb / 7P
   3V/5V General Purpose Call Progress Tone Detector
logo
Clare, Inc.
M-980-02P CLARE-M-980-02P Datasheet
181Kb / 6P
   3V/5V General Purpose Call Progress Tone Detector
logo
IXYS Corporation
M-980-02P IXYS-M-980-02P Datasheet
206Kb / 7P
   3V/5V General Purpose Call Progress Tone Detector
logo
Clare, Inc.
M-980-02S CLARE-M-980-02S Datasheet
181Kb / 6P
   3V/5V General Purpose Call Progress Tone Detector
More results

Podobny opis - M-985-01T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Clare, Inc.
M-982-02 CLARE-M-982-02 Datasheet
200Kb / 7P
   Precise Call Progress Tone Detector
M-991 CLARE-M-991 Datasheet
171Kb / 6P
   Call Progress Tone Generator
logo
CML Microcircuits
FX643 CMLMICRO-FX643 Datasheet
274Kb / 14P
   Call Progress Tone Detector
logo
List of Unclassifed Man...
FX623 ETC-FX623 Datasheet
49Kb / 6P
   Call Progress Tone Decoder
logo
CML Microcircuits
FX633 CMLMICRO-FX633 Datasheet
299Kb / 13P
   Call Progress Tone Detector
logo
Holtek Semiconductor In...
HT9020B HOLTEK-HT9020B Datasheet
120Kb / 7P
   Call Progress Tone Detector
logo
CML Microcircuits
FX623 CMLMICRO-FX623 Datasheet
50Kb / 6P
   Call Progress Tone Decoder
logo
List of Unclassifed Man...
FX633 ETC-FX633 Datasheet
331Kb / 12P
   Call Progress Tone Detector
BU8877 ETC-BU8877 Datasheet
102Kb / 3P
   Call Progress Tone Decoder for Telephone
logo
Holtek Semiconductor In...
HT9020 HOLTEK-HT9020 Datasheet
476Kb / 12P
   Call Progress Tone Decoder & ABR Controller
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com