Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M-986-1R2PL Arkusz danych(PDF) 7 Page - Clare, Inc.

Numer części M-986-1R2PL
Szczegółowy opis  MFC Transceivers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CLARE [Clare, Inc.]
Strona internetowa  http://www.clare.com
Logo CLARE - Clare, Inc.

M-986-1R2PL Arkusz danych(HTML) 7 Page - Clare, Inc.

Back Button M-986-1R2PL Datasheet HTML 3Page - Clare, Inc. M-986-1R2PL Datasheet HTML 4Page - Clare, Inc. M-986-1R2PL Datasheet HTML 5Page - Clare, Inc. M-986-1R2PL Datasheet HTML 6Page - Clare, Inc. M-986-1R2PL Datasheet HTML 7Page - Clare, Inc. M-986-1R2PL Datasheet HTML 8Page - Clare, Inc. M-986-1R2PL Datasheet HTML 9Page - Clare, Inc. M-986-1R2PL Datasheet HTML 10Page - Clare, Inc. M-986-1R2PL Datasheet HTML 11Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Coprocessor Interface Timing
Parameter
Min
Nom
Max
Unit
t
d(R-A)
RD low to TBLF high
-
-
75
ns
t
d(W-A)
WR low to RBLE high
-
-
75
ns
t
a(RD)
RD low to data valid
-
-
80
ns
t
h(RD)
Data hold time after RD high
25
-
-
ns
t
su(WR)
Data setup time prior to WR high
30
-
-
ns
t
h(WR)
Data hold time after WR high
25
-
-
ns
t
w(RDL)
RD low-pulse duration
80
-
-
ns
t
w(WRL)
WR low-pulse duration
60
-
-
ns
t
wr(RBLE)
RBLE
↑ to RBLE↓
--
1
ms
Recommended Operating Conditions
Parameter
Min
Nom
Max
Unit
V
CC
Supply voltage
4.75
5
5.25
V
V
SS
Supply voltage
-
0
-
V
V
IH
High-level input voltage
All inputs except CLKIN
2
-
-
V
CLKIN
3
-
-
V
MC/PM
2.2
-
-
V
V
IL
Low-level input voltage
All inputs except MC/MP
-
-
0.8
V
MC/MP
-
-
0.6
V
I
OH
High-level output current (all outputs)
-
-
-300
µA
I
OL
Low-level output current (all outputs)
-
-
2
mA
External Frequency Specifications
Parameter
Min
Nom
Max
Unit
t
C(MC)
Master clock cycle time
48.818
48.828
48.838
ns
t
r(MC)
Rise time master clock input
-
5
10
ns
t
f(MC)
Pulse duration master clock
20
-
-
ns
Electrical Characteristics/Temperature Range
Parameter
Test Conditions
Min
Typ
Max
Unit
I
CC
Supply current
f = 20.5 MHz, V
CC = 5.5V,
- 50
75
mA
T
A = 0˚ to 70 ˚C
V
OH
High-level output voltage
I
OH = MAX
2.4
3
-
V
I
OH = 20 µ A
V
CC -0.4
-
-
V
V
OL
Low-level output voltage
I
OL = MAX
-
0.3
0.6
V
I
OZ
Off-state output current
V
CC = MAX
VO = 2.4 V
-
-
20
µA
VO = 0.4 V
-
-
-20
µA
I
I
Input current
V
I = VSS to VCC
Except CLKIN
-
-
±20
µA
CLKIN
-
-
±50
µA
C
I
Input capacitance
Data bus
f = 1 MHz, all other pins 0 V
-
25
-
pF
All others
-
15
-
pF
C
O
Output capacitance
Data bus
-
25
-
pF
All others
-
10
-
pF
M-986-2R2
www.clare.com
7
Rev. 3


Podobny numer części - M-986-1R2PL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Clare, Inc.
M-986-2A1 CLARE-M-986-2A1 Datasheet
499Kb / 13P
   MF Transceiver
M-986-2A1P CLARE-M-986-2A1P Datasheet
499Kb / 13P
   MF Transceiver
M-986-2A1PL CLARE-M-986-2A1PL Datasheet
499Kb / 13P
   MF Transceiver
More results

Podobny opis - M-986-1R2PL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Qualiflow Therm
RS485 QUALIFLOW-RS485 Datasheet
1Mb / 4P
   MFC Accessories
logo
MKS Instruments.
MF1 MKS-MF1 Datasheet
587Kb / 4P
   Compact, General purpose MFC
logo
United Monolithic Semic...
CHR2297 UMS-CHR2297 Datasheet
315Kb / 6P
   36-44GHz Multifunction (MFC) Down-Converter
logo
Zarlink Semiconductor I...
MT9161B ZARLINK-MT9161B Datasheet
422Kb / 30P
   5 Volt Multi-Featured Codec (MFC)
MT91L61 ZARLINK-MT91L61 Datasheet
529Kb / 33P
   3 Volt Multi-Featured Codec (MFC)
logo
Mitel Networks Corporat...
MT91L60 MITEL-MT91L60 Datasheet
166Kb / 20P
   ISO2-CMOS 3 Volt Multi-Featured Codec (MFC)
MT9160B MITEL-MT9160B Datasheet
13Kb / 2P
   ISO2-CMOS 5 Volt Multi-Featured Codec (MFC)
MT9160 MITEL-MT9160 Datasheet
402Kb / 28P
   ISO2-CMOS 5 Volt Multi-Featured Codec (MFC)
MT91L61 MITEL-MT91L61 Datasheet
146Kb / 32P
   ISO2-CMOS 3 Volt Multi-Featured Codec (MFC)
MT9161B MITEL-MT9161B Datasheet
154Kb / 30P
   ISO2-CMOS 5 Volt Multi-Featured Codec (MFC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com