Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M-986-2R2PL Arkusz danych(PDF) 6 Page - Clare, Inc.

Numer części M-986-2R2PL
Szczegółowy opis  MFC Transceivers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CLARE [Clare, Inc.]
Strona internetowa  http://www.clare.com
Logo CLARE - Clare, Inc.

M-986-2R2PL Arkusz danych(HTML) 6 Page - Clare, Inc.

Back Button M-986-2R2PL Datasheet HTML 2Page - Clare, Inc. M-986-2R2PL Datasheet HTML 3Page - Clare, Inc. M-986-2R2PL Datasheet HTML 4Page - Clare, Inc. M-986-2R2PL Datasheet HTML 5Page - Clare, Inc. M-986-2R2PL Datasheet HTML 6Page - Clare, Inc. M-986-2R2PL Datasheet HTML 7Page - Clare, Inc. M-986-2R2PL Datasheet HTML 8Page - Clare, Inc. M-986-2R2PL Datasheet HTML 9Page - Clare, Inc. M-986-2R2PL Datasheet HTML 10Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Serial Port Timing
Parameter
Min
Nom
Max
Units
t
d (CH-FR)
Internal framing delay from SCLK rising edge
-
-
70
ns
t
d (DX1-CL)
DX bit 1 valid before SCLK falling edge
20
-
-
ns
t
d (DX2-CL)
DX bit 2 valid before SCLK falling edge
20
-
-
ns
t
h (DX)
DX hold time after SCLK falling edge
244
-
-
ns
t
su (DR)
DR setup time before SCLK falling edge
20
-
-
ns
t
h (DR)
DR hold time after SCLK falling edge
20
-
-
ns
t
c (SCLK)
Serial port clock cycle time
399
488.28
4770
ns
t
f (SCLK)
Serial port clock fall time
-
-
30
ns
t
r (SCLK)
Serial port clock rise time
-
-
30
ns
t
w (SCLKL)
Serial port clock low-pulse duration*
220
244.14
2500
ns
t
w (SCLKH)
Serial port clock high-pulse duration*
220
244.14
2500
ns
t
su (FS)
FSX/FSR setup time before SCLK falling edge
100
-
-
ns
* The duty cycle of the serial port clock must be within 45% to 55%.
Supply voltage range, V
CC
-0.3 V to 7 V
Input voltage range
-0.3 V to 15 V
Output voltage range
-0.3 V to 15 V
Ambient air temperature range
0°C to 70°C
Storage temperature range
-45°C to 150°C
Signal Description (continued)
Signal
DIP
PLCC
I/O/Z
Description
Pinout
Pinout
FR
37
41
O
8 kHz internal serial-port framing output. If internal clocking is
selected, serial-port transmit and receive operations occur
simultaneously on an active (high) FR framing pulse.
FSR
39
43
I
8 kHz external serial-port receive-framing input. If external clocking
is selected, data is received via the receive pins (DR1 and DR0) on
the active (low) FSR input. The falling edge of FSR initiates the
receive process, and the rising edge causes the M-986 to process
the data.
FSX
38
42
I
8 kHz external serial-port transmit-framing input. If external clocking
is enabled, data is transmitted on the transmit pins (DX1, DX0) on
the active (low) input. The falling edge of FSX initiates the transmit
process,and the rising edge causes the M-986 to internally load data
for the next cycle.
SCLK
34
38
I/O/Z
2.048 MHz serial-port clock. Master clock for transmitting and
receiving serial-port data. Configured as an input in external clocking
mode or output in internal clocking mode. Reset (RS) forces SCLK
to the high-impedance state.
www.clare.com
6
M-986-2R2
Rev. 3
Absolute Maximum Ratings Over Specified
Temperature
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at these or
any other conditions beyond those indicated in the opera-
tional sections of this data sheet is not implied. Exposure of
the device to the absolute maximum ratings for an extend-
ed period may degrade the device and effect its reliability.


Podobny numer części - M-986-2R2PL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Clare, Inc.
M-986-2A1 CLARE-M-986-2A1 Datasheet
499Kb / 13P
   MF Transceiver
M-986-2A1P CLARE-M-986-2A1P Datasheet
499Kb / 13P
   MF Transceiver
M-986-2A1PL CLARE-M-986-2A1PL Datasheet
499Kb / 13P
   MF Transceiver
More results

Podobny opis - M-986-2R2PL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Qualiflow Therm
RS485 QUALIFLOW-RS485 Datasheet
1Mb / 4P
   MFC Accessories
logo
MKS Instruments.
MF1 MKS-MF1 Datasheet
587Kb / 4P
   Compact, General purpose MFC
logo
United Monolithic Semic...
CHR2297 UMS-CHR2297 Datasheet
315Kb / 6P
   36-44GHz Multifunction (MFC) Down-Converter
logo
Zarlink Semiconductor I...
MT9161B ZARLINK-MT9161B Datasheet
422Kb / 30P
   5 Volt Multi-Featured Codec (MFC)
MT91L61 ZARLINK-MT91L61 Datasheet
529Kb / 33P
   3 Volt Multi-Featured Codec (MFC)
logo
Mitel Networks Corporat...
MT91L60 MITEL-MT91L60 Datasheet
166Kb / 20P
   ISO2-CMOS 3 Volt Multi-Featured Codec (MFC)
MT9160B MITEL-MT9160B Datasheet
13Kb / 2P
   ISO2-CMOS 5 Volt Multi-Featured Codec (MFC)
MT9160 MITEL-MT9160 Datasheet
402Kb / 28P
   ISO2-CMOS 5 Volt Multi-Featured Codec (MFC)
MT91L61 MITEL-MT91L61 Datasheet
146Kb / 32P
   ISO2-CMOS 3 Volt Multi-Featured Codec (MFC)
MT9161B MITEL-MT9161B Datasheet
154Kb / 30P
   ISO2-CMOS 5 Volt Multi-Featured Codec (MFC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com