Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M-991-02SM Arkusz danych(PDF) 1 Page - Clare, Inc.

Numer części M-991-02SM
Szczegółowy opis  Call Progress Tone Generator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CLARE [Clare, Inc.]
Strona internetowa  http://www.clare.com
Logo CLARE - Clare, Inc.

M-991-02SM Arkusz danych(HTML) 1 Page - Clare, Inc.

  M-991-02SM Datasheet HTML 1Page - Clare, Inc. M-991-02SM Datasheet HTML 2Page - Clare, Inc. M-991-02SM Datasheet HTML 3Page - Clare, Inc. M-991-02SM Datasheet HTML 4Page - Clare, Inc. M-991-02SM Datasheet HTML 5Page - Clare, Inc. M-991-02SM Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Part #
Description
M-991
14-pin plastic DIP
M-991-01SM
16-pin SOIC
M-991-01SMTR
16-pin SOIC Tape and Reel
M-991-02SM
16-pin SOIC, Extended
Temperature Range
M-991-02SMTR
16-pin SOIC, Extended
Temperature Range, Tape and
Reel
www.clare.com
DS-M991-R1
M-991
Call Progress Tone Generator
1
Block Diagram
Pin Assignments
Ordering Information
Features
Generates standard call progress tones
Digital input control
Linear (analog) output
Power output capable of driving standard line
14-pin DIP and 16-pin SOIC package types
Single supply 5V CMOS (low power)
Inexpensive 3.58 MHz time base
Temperature range from -25ºC to 70ºC (-01 ver-
sion)
Temperature range from -40ºC to 85ºC (-02 ver-
sion)
Applications
Telephone systems
Test equipment
Callback
Security systems
Billing systems
Description
The M-991 is a call progress tone generator integrated
circuit for use in telephone systems. The circuit uses
low-power CMOS techniques to generate tones which
are digitally controlled and highly linear. The M-991 is
designed to permit operation with almost any system.
The use of integrated circuit techniques allows the M-
991 to incorporate the control, tone generating, and
power output buffer into a single 14-pin DIP or a 16-pin
SOIC. A 3.58-MHz (color burst) crystal-controlled time
base guarantees accuracy and repeatability.


Podobny numer części - M-991-02SM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Clare, Inc.
M-993 CLARE-M-993 Datasheet
140Kb / 6P
   Region 1 MF Tone Generator
More results

Podobny opis - M-991-02SM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
CML Microcircuits
FX643 CMLMICRO-FX643 Datasheet
274Kb / 14P
   Call Progress Tone Detector
logo
List of Unclassifed Man...
FX623 ETC-FX623 Datasheet
49Kb / 6P
   Call Progress Tone Decoder
logo
CML Microcircuits
FX633 CMLMICRO-FX633 Datasheet
299Kb / 13P
   Call Progress Tone Detector
logo
Holtek Semiconductor In...
HT9020B HOLTEK-HT9020B Datasheet
120Kb / 7P
   Call Progress Tone Detector
logo
CML Microcircuits
FX623 CMLMICRO-FX623 Datasheet
50Kb / 6P
   Call Progress Tone Decoder
logo
List of Unclassifed Man...
FX633 ETC-FX633 Datasheet
331Kb / 12P
   Call Progress Tone Detector
logo
Clare, Inc.
M-985-01 CLARE-M-985-01 Datasheet
241Kb / 8P
   Precise Call Progress and Special Information Tone Generator
M-982-02 CLARE-M-982-02 Datasheet
200Kb / 7P
   Precise Call Progress Tone Detector
logo
List of Unclassifed Man...
BU8877 ETC-BU8877 Datasheet
102Kb / 3P
   Call Progress Tone Decoder for Telephone
logo
Holtek Semiconductor In...
HT9020 HOLTEK-HT9020 Datasheet
476Kb / 12P
   Call Progress Tone Decoder & ABR Controller
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com