Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FC100V5A Arkusz danych(PDF) 11 Page - Power-One

Numer części FC100V5A
Szczegółowy opis  F & FC Series DC-DC Converter Input Filters
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  POWER-ONE [Power-One]
Strona internetowa  http://www.power-one.com
Logo POWER-ONE - Power-One

FC100V5A Arkusz danych(HTML) 11 Page - Power-One

Back Button FC100V5A Datasheet HTML 7Page - Power-One FC100V5A Datasheet HTML 8Page - Power-One FC100V5A Datasheet HTML 9Page - Power-One FC100V5A Datasheet HTML 10Page - Power-One FC100V5A Datasheet HTML 11Page - Power-One FC100V5A Datasheet HTML 12Page - Power-One FC100V5A Datasheet HTML 13Page - Power-One FC100V5A Datasheet HTML 14Page - Power-One FC100V5A Datasheet HTML 15Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
MCD10059 Rev. 1.1, 21-Jan-10
Page 11 of 41
www.power-one.com
F & FC Series DC-DC Converter Input Filters
F2410 & F4810, 0-45V/0-80V, 10 Amps, SMT Mount
Thermal Considerations
Because of low series internal DC resistance, the
F4810/F2410 filters generally do not require airflow
and/or derating to ambient temperatures up to 85 ˚C,
if placed and interconnected as described below.
Good thermal design is consistent with appropriate
placement to gain additional heat exchange through
the I/O pins to the system board. For high
temperature operation in low airflow environments,
use of 1-2 oz copper for the external connection
pads and provision for some extra copper at all four
I/O pins is encouraged. Thermal derating data shown
were taken on special thermal board with each input
and output pin connected to 0.5 sq. in pad of 2 oz
copper.
To check filter thermal characteristic in an actual
system environment, attach a thermocouple to the
top of differential inductor, L2; it is the INDUCTOR
closest to OUT+ pin.
The maximum temperature at this test point should
not exceed 120 ˚C, and a minimum of 5-10 ˚C
headroom is suggested for better reliability.
A typical application schematic is shown in Fig. 5.
Either filter can be used to power one or more
converters. Maximum filter output current should be
limited 10 A - or less - depending upon system
thermal environment.
The required filter current drawn by the converter
loads, IREQ’d(Filter), will be the sum of the loads of all
connected converters:
IREQ’d(filter) = Σ[Pi,OUT/(VIN, min * ηi, min)]
[A]
where:
IREQ’d(filter)
maximum required filter current
Pi,OUT(converter)
converter output power, i=1, 2…
= Vi,OUT(converter) *
Ii,OUT(converter)
VIN, min
converter input voltage
ηi, min
converter minimum efficiency, i=1,
2,…
For applications requiring a filter current greater than
10 A, divide the converters into smaller groups and
use multiple filters. Do not connect filters in parallel.
Fig. 5: F4810 – Typical application
C6
C3
C7
Rload2
Vin (+)
Vin (-)
ON/OFF
Vout (+)
Vout (-)
TRIM
SENSE (+)
SENSE (-)
(Top View)
Converter
QmaXTMSeries
C9
C1
F4810
V
IN-
V
IN+
+48V
-48V
+Vout
-Vout
P3
P4
P1
P2
+
F1
12A
C2
C5
Rload1
Vin (+)
Vin (-)
ON/OFF
Vout (+)
Vout (-)
TRIM
SENSE (+)
SENSE (-)
(Top View)
Converter
QmaXTMSeries
C8
C4
(Top View)
Input Filter
For further information
regarding connection of CM
capacitors and other
pertinent layout and EMC
information, please refer to
the Layout Considerations
and EMI Considerations
Application notes.
DC-DC
Converter
(Top View)
DC-DC
Converter
(Top View)


Podobny numer części - FC100V5A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Power-One
FC100V5A POWER-ONE-FC100V5A Datasheet
357Kb / 2P
   FC SERIES - 5A, 10A, 20A, FILTER
logo
Bel Fuse Inc.
FC100V5A BEL-FC100V5A Datasheet
606Kb / 7P
   End of life (EOL) for certain part numbers with little or no activity
logo
Power-One
FC100V5A-G POWER-ONE-FC100V5A-G Datasheet
357Kb / 2P
   FC SERIES - 5A, 10A, 20A, FILTER
More results

Podobny opis - FC100V5A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
CUI INC
VED15 CUI-VED15 Datasheet
285Kb / 3P
   wide input DC/DC converter
logo
Bel Fuse Inc.
FRH100-00 BEL-FRH100-00_V01 Datasheet
810Kb / 6P
   DC-DC Converter Input Filter
14 December 2021
FRD6-00 BEL-FRD6-00 Datasheet
665Kb / 5P
   DC-DC Converter Input Filter
13 September 2022
logo
Power Systems GmbH+Co.K...
1WS-1205 POWER-SYSTEMS-1WS-1205 Datasheet
178Kb / 4P
   DC-DC Converter UNIT 1W WIDE INPUT RANGE DC-DC CONVERTER
FAWS-1203.3 POWER-SYSTEMS-FAWS-1203.3 Datasheet
221Kb / 6P
   DC-DC Converter UNIT 10W WIDE INPUT RANGE DC-DC CONVERTER
logo
Isahaya Electronics Cor...
VLA400-204 ISAHAYA-VLA400-204 Datasheet
310Kb / 6P
   HIGH VOLTAGE INPUT DC-DC CONVERTER
logo
Mitsubishi Electric Sem...
M57120L MITSUBISHI-M57120L Datasheet
63Kb / 4P
   HIGH VOLTAGE INPUT dc-dc CONVERTER
logo
Power Systems GmbH+Co.K...
FWS-1203.3 POWER-SYSTEMS-FWS-1203.3 Datasheet
181Kb / 5P
   DC-DC Converter UNIT 8 W WIDE INPUT RANGE DC-DC CONVERTER
KAWS-1205 POWER-SYSTEMS-KAWS-1205 Datasheet
199Kb / 6P
   DC-DC Converter UNIT 30 W WIDE INPUT RANGE DC-DC CONVERTER
KWS-1205 POWER-SYSTEMS-KWS-1205 Datasheet
209Kb / 6P
   DC-DC Converter UNIT 15 W WIDE INPUT RANGE DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com