Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDD8444LF085 Arkusz danych(PDF) 3 Page - Fairchild Semiconductor

Numer części FDD8444LF085
Szczegółowy opis  N-Channel PowerTrench짰 MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD8444LF085 Arkusz danych(HTML) 3 Page - Fairchild Semiconductor

  FDD8444LF085 Datasheet HTML 1Page - Fairchild Semiconductor FDD8444LF085 Datasheet HTML 2Page - Fairchild Semiconductor FDD8444LF085 Datasheet HTML 3Page - Fairchild Semiconductor FDD8444LF085 Datasheet HTML 4Page - Fairchild Semiconductor FDD8444LF085 Datasheet HTML 5Page - Fairchild Semiconductor FDD8444LF085 Datasheet HTML 6Page - Fairchild Semiconductor FDD8444LF085 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
FDD8444L_F085 Rev A (W)
www.fairchildsemi.com
3
Electrical Characteristics T
J = 25
oC unless otherwise noted
Switching Characteristics
Drain-Source Diode Characteristics
Notes:
1: Package current limitation is 50A.
2: Starting TJ = 25oC, L = 0.37mH, IAS = 40A.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
ton
Turn-On Time
VDD = 20V, ID = 50A
VGS = 5V, RGS = 2Ω
-
-
104
ns
td(on)
Turn-On Delay Time
-
18.7
-
ns
tr
Turn-On Rise Time
-
46
-
ns
td(off)
Turn-Off Delay Time
-
42
-
ns
tf
Turn-Off Fall Time
-
19.2
-
ns
toff
Turn-Off Time
-
-
96
ns
VSD
Source to Drain Diode Voltage
ISD = 50A
-
0.9
1.25
V
ISD = 25A
-
0.8
1.0
trr
Reverse Recovery Time
IF = 50A, dIF/dt = 100A/µs
-34
44
ns
Qrr
Reverse Recovery Charge
-
29
38
nC
This product has been designed to meet the extreme test conditions and environment demanded by the automotive industry. For a copy of the
requirements, see AEC Q101 at: http://www.aecouncil.com/
All Fairchild Semiconductor products are manufactured, assembled and tested under ISO9000 and QS9000 quality systems certification.


Podobny numer części - FDD8444LF085

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDD8444L FAIRCHILD-FDD8444L Datasheet
282Kb / 7P
   N-Channel PowerTrench짰 MOSFET
logo
ON Semiconductor
FDD8444L-F085 ONSEMI-FDD8444L-F085 Datasheet
511Kb / 8P
   N-Channel PowerTrench짰 MOSFET
September-2017, Rev. 1
logo
Fairchild Semiconductor
FDD8444L_F085 FAIRCHILD-FDD8444L_F085_09 Datasheet
394Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 6.0m廓
More results

Podobny opis - FDD8444LF085

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDS8978 FAIRCHILD-FDS8978_11 Datasheet
704Kb / 11P
   N-Channel PowerTrench짰 MOSFET
FDMS86350 FAIRCHILD-FDMS86350 Datasheet
253Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB8443_F085 FAIRCHILD-FDB8443_F085 Datasheet
621Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB8896_F085 FAIRCHILD-FDB8896_F085 Datasheet
216Kb / 11P
   N-Channel PowerTrench짰 MOSFET
FDBL9401_F085 FAIRCHILD-FDBL9401_F085 Datasheet
385Kb / 6P
   N-Channel PowerTrench짰 MOSFET
FDD770N15A FAIRCHILD-FDD770N15A Datasheet
639Kb / 10P
   N-Channel PowerTrench짰 MOSFET
FDMS7698 FAIRCHILD-FDMS7698 Datasheet
256Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB075N15A FAIRCHILD-FDB075N15A Datasheet
311Kb / 10P
   N-Channel PowerTrench짰 MOSFET
FDP100N10 FAIRCHILD-FDP100N10 Datasheet
454Kb / 8P
   N-Channel PowerTrench짰 MOSFET
FDD8444L FAIRCHILD-FDD8444L Datasheet
282Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDS8896 FAIRCHILD-FDS8896_07 Datasheet
622Kb / 12P
   N-Channel PowerTrench짰 MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com