Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TD-13 Arkusz danych(PDF) 3 Page - Clare, Inc.

Numer części TD-13
Szczegółowy opis  MICROWAVE NOISE TUBES & NOISE SOURCES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CLARE [Clare, Inc.]
Strona internetowa  http://www.clare.com
Logo CLARE - Clare, Inc.

TD-13 Arkusz danych(HTML) 3 Page - Clare, Inc.

  TD-13 Datasheet HTML 1Page - Clare, Inc. TD-13 Datasheet HTML 2Page - Clare, Inc. TD-13 Datasheet HTML 3Page - Clare, Inc. TD-13 Datasheet HTML 4Page - Clare, Inc. TD-13 Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MICROWAVE NOISE TUBES & NOISE SOURCES
573
www.cpclare.com
TD/TN Series
OUTLINE DRAWINGS (Noise Source Tubes with Filamentary or Hollow Cathodes)
TD SERIES GAS DISCHARGE NOISE SOURCE TUBES
with Indirectly-Heated Cathodes
All characteristics at 25˚C.
FREQUENCY
BAND
PART NUMBER/
MINIMUM
DC ANODE
TUBE
TUBE-IN-
USED IN
RANGE
EIA TYPE
STARTING
CURRENT
DROP
MOUNT
MOUNT
(GHZ)
NUMBER
VOLTAGE
(mA)
(VDC)
ENR
SPIKE (kV)
(dB)
3.4-3.6
S
TD-124
0.60
75
40
18.30
TN-65
2.9-3.1
TD-129
0.45
75
35
18.50
TN-71
2.7-2.9
TD-121
0.45
75
35
18.50
TN-72
8.2-12.4
X
TD-126
1.50
100
90
15.6
TN-130
F
A
EB
C
0.74
± 0.08
(0.292
± 0.032)
0.24 TYP.
(0.097)
D
D
A
EB
ALT. - A
C
0.74
± 0.08
(0.292
± 0.032)
0.24 TYP.
(0.097)
DIMENSION (INCHES)
OUTLINE NUMBER
A
B
C
D
E
F
1/1a(3)
various
0.500 max
14.625-15.000
1.350-1.435
1.475-1.550
0.188 max
2/2a(3)
16.937-17.437
0.310-0.360
17.625-18.000
0.990 max
0.975-1.050
0.305-0.325
3/3a(3)
13.875-14.375
0.270-0.320
14.375-15.000
0.555 max
0.547-0.579
0.245-0.265
A
D
1.27 MAX.
(0.500)
0.48 MAX. DIA.
(0.188)
C
0.74
± 0.08
(0.292
± 0.032)
6.98 MAX.
(2.750)
0.24 TYP.
(0.097)
1.41 DIA. MAX.
(0.555)
E
DIMENSION (INCHES)
OUTLINE NUMBER
A
B
C
D
E
F
4
8.625 min
1.500 max
11.937-12.250
0.370-0.380
0.550 max
0.3804
5
7.375 min
1.250 max
10.875-11.250
0.235-0.265
0.500 max
0.2654
6
6.187 min
1.250 max
9.687-10.000
0.160-0.194
0.500 max
0.1944
(3) The “a” suffix indicates using the bi-pin termination depicted in the inset labelled “ALT.-A”.
(4) The diameter of the tube shall not exceed this value over the length of the tube denoted in the figure by “B”.


Podobny numer części - TD-13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Transko Electronics, In...
TD-172501-S34 TRANSKO-TD-172501-S34 Datasheet
520Kb / 5P
   SAW Duplexer For 1725.0 MHz / 1820.0MHz
Revision 0: September 2013
TD-172502-S34 TRANSKO-TD-172502-S34 Datasheet
533Kb / 5P
   SAW Duplexer For 1725.0 MHz / 1820.0MHz
Revision 0: September 2013
logo
List of Unclassifed Man...
TD-175-12ZI ETC-TD-175-12ZI Datasheet
1Mb / 6P
   SELF-CLINCHING TY-D® CABLE TIE-MOUNTS
logo
Transko Electronics, In...
TD-188001-C43 TRANSKO-TD-188001-C43 Datasheet
762Kb / 9P
   BAW DUPLEXER For Band2
Revision 2: December 2013
More results

Podobny opis - TD-13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micronetics, Inc.
NSL2 MICRONETICS-NSL2 Datasheet
452Kb / 2P
   BROADBAND COAXIAL MICROWAVE NOISE SOURCES
RFN25L MICRONETICS-RFN25L Datasheet
517Kb / 2P
   FULLBAND CALIBRATED MICROWAVE NOISE SOURCES
RFN55L MICRONETICS-RFN55L Datasheet
91Kb / 3P
   FULLBAND HIGH ENR MICROWAVE NOISE SOURCES
logo
Fairchild Semiconductor
AN-6605 FAIRCHILD-AN-6605 Datasheet
703Kb / 5P
   Noise of Sources
logo
Micronetics, Inc.
RFN25L MICRONETICS-RFN25L Datasheet
115Kb / 2P
   Fullband Microwave Noise Sources 1 GHz to 2 GHz
RFN25S MICRONETICS-RFN25S Datasheet
92Kb / 2P
   Fullband Microwave Noise Sources 2 GHz to 4 GHz
RFN25K MICRONETICS-RFN25K Datasheet
497Kb / 2P
   Fullband Microwave Noise Sources 18 GHz to 26.5 GHz
logo
Keysight Technologies
N4000A KEYSIGHT-N4000A Datasheet
2Mb / 13P
   SNS Series Noise Sources
logo
Micronetics, Inc.
NZG-5-20K MICRONETICS-NZG-5-20K Datasheet
551Kb / 1P
   NOIZEG BASEBAND NOISE SOURCES
NSL2-B MICRONETICS-NSL2-B Datasheet
52Kb / 2P
   Broadband Microwave Coaxial Noise Sources 1 MHz to 1000 MHz
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com