Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TD-8031 Arkusz danych(PDF) 4 Page - Clare, Inc.

Numer części TD-8031
Szczegółowy opis  MICROWAVE NOISE TUBES & NOISE SOURCES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CLARE [Clare, Inc.]
Strona internetowa  http://www.clare.com
Logo CLARE - Clare, Inc.

TD-8031 Arkusz danych(HTML) 4 Page - Clare, Inc.

  TD-8031 Datasheet HTML 1Page - Clare, Inc. TD-8031 Datasheet HTML 2Page - Clare, Inc. TD-8031 Datasheet HTML 3Page - Clare, Inc. TD-8031 Datasheet HTML 4Page - Clare, Inc. TD-8031 Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MICROWAVE NOISE TUBES & NOISE SOURCES
574
North America: 1-800-CPCLARE
Europe: 32-11-300868
Asia: 886-2-2523-6368
Japan: 81-3-3980-2212
TD/TN Series
TD SERIES GAS DISCHARGE NOISE SOURCE TUBES
with Indirectly-Heated Cathodes(5)
All characteristics at 25˚C.
BAND
PART
FREQUENCY
ENR
TUBE
DC ANODE
MINIMUM
CIRCUIT
MOUNTING
CIRCUIT
NUMBER
RANGE
(dB)
DROP
CURRENT
STARTING
LENGTH
(GHz)
(VDC)
(mA)
VOLTAGE
(INCHES)
SPIKE (kV)
VHF
TN-46
0.2-0.25
18.5
200
30
1.5
15.50
Helical Coupling
7/8" coax
UHF
TN-47
0.56-0.64
20.3
325
50
2.0
16.5
Direct Coupling
7/8" coax
TN-48
0.34-0.51
18.5
75
2.0
10.0
Helical Coupling
Type N
L
TN-51
1.0-2.0
20.1
200
50
1.9
8.94
Direct Coupling
7/8" coax
TN-52
1.0-2.0
20.1
200
50
1.9
10.38
Direct Coupling
7/8" coax
TN-54
1.0-2.0
20.5
200
50
1.9
17.31
Direct Coupling
Type N
TN-55
1.25-1.55
20.1
200
50
1.9
9.56
Direct Coupling
7/8" coax
TN-57
1.28-1.35
20.5
225
50
1.9
12.56
Direct Coupling
7/8" coax
S
TN-60
2.0-4.0
18.5
200
50
1.9
10.38
Direct Coupling
7/8" coax
TN-64
2.7-2.9
18.5
35
60
0.45
3.75
90
°E
RG-75/U
TN-65
3.4-3.6
18.3
40
75
0.6
2.50
90
°E
RG-75/U
TN-71
2.9-3.1
18.5
35
75
0.45
3.63
90
°E
RG-75/U
TN-72
2.7-2.9
18.5
35
75
0.45
3.09
90
°E
RG-75/U
TN-73
2.7-2.9
18.5
35
75
0.45
3.09
90
°E
RG-75/U
TN-74
2.7-2.9
18.5
35
60
0.45
3.75
90
°E
RG-75/U
TN-75
3.1-3.5
18.3
40
75
0.6
2.63
90
°E
RG-75/U
C
TN-76
5.3-6.0
18.5
60
150
0.7
2.00
90
°E
RG-49/U
TN-77
5.3-6.0
13.5
60
150
0.7
3.50
90
°E
RG-49/U
TN-78
5.45-5.82
18.5
60
150
0.7
2.75
90
°E
RG-95/U
TN-82
5.3-6.0
13.5
60
150
0.7
3.56
90
°E
RG-49/U
H
TN-83
7.5-8.6
18.5
60
75
0.8
1.56
90
°E
RG-51/U
TN-84
7.5-8.6
15.0
55
100
0.8
2.50
90
°E
RG-51/U
X
TN-94
8.9-9.1
18.5
50
60
0.95
1.63
90
°E
RG-67/U
TN-95
8.5-9.6
14.5
50
100
0.95
2.50
90
°E
RG-67/U
TN-97
8.5-9.6
18.5
50
75
0.95
1.63
90
°E
RG-67/U
TN-101
8.5-9.6
14.5
50
100
0.95
2.25
90
°E
RG-52/U
TN-124
8.2-12.4
12.5
50
50
1.00
2.50
90
°E
RG-52/U
Ku(K)
TN-102
15.0-16.5
18.5
60
40
1.2
1.50
90
°E
RG-67/U
TN-103
12.4-18.0
18.5
140
50
2.0
7.50
0
°E
RG-107/U
TN-104
15.0-16.6
12.3
95
50
1.0
1.63
90
°E
RG-91/U
TN-128
12.0-14.0
13.5
50
50
1.0
2.00
90
°E
RG-91/U
K(P)
TN-106
18.0-26.5
18.5
175
50
1.9
6.44
0
°E
RG-66/U
TN-125
22.0-23.0
12.5
65
50
1.5
2.25
90
°E
RG-53/U
Ka(Q)
TN-107
26.5-40.0
18.0
140
40
2.5
5.13
0
°E
RG-96/U
TN-109
34.0-36.0
18.0
140
35
2.5
7.38
0
°E
RG-96/U
TN-126
31.0-32.0
13.3
75
50
1.5
2.25
90
°E
RG-96/U
R
TN-111
50.0-75.0
18.0
230
30
2.5
4.63
0
°E
RG-98/U
(5)
CP Clare can usually refurbish noise sources (depending on condition of waveguide) and install replacement tubes.


Podobny numer części - TD-8031

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TP-Link Technologies Co...
TD-8616 TP-LINK-TD-8616 Datasheet
956Kb / 3P
   150Mbps Wireless N Router
TD-8616 TP-LINK-TD-8616 Datasheet
1Mb / 3P
   300Mbps Wireless N Router
TD-8616 TP-LINK-TD-8616 Datasheet
1Mb / 2P
   150Mbps Wireless N Router
TD-8616 TP-LINK-TD-8616 Datasheet
1Mb / 3P
   300Mbps Wireless N Router
TD-8616 TP-LINK-TD-8616 Datasheet
656Kb / 3P
   300Mbps Wireless N Router
More results

Podobny opis - TD-8031

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micronetics, Inc.
NSL2 MICRONETICS-NSL2 Datasheet
452Kb / 2P
   BROADBAND COAXIAL MICROWAVE NOISE SOURCES
RFN25L MICRONETICS-RFN25L Datasheet
517Kb / 2P
   FULLBAND CALIBRATED MICROWAVE NOISE SOURCES
RFN55L MICRONETICS-RFN55L Datasheet
91Kb / 3P
   FULLBAND HIGH ENR MICROWAVE NOISE SOURCES
logo
Fairchild Semiconductor
AN-6605 FAIRCHILD-AN-6605 Datasheet
703Kb / 5P
   Noise of Sources
logo
Micronetics, Inc.
RFN25L MICRONETICS-RFN25L Datasheet
115Kb / 2P
   Fullband Microwave Noise Sources 1 GHz to 2 GHz
RFN25S MICRONETICS-RFN25S Datasheet
92Kb / 2P
   Fullband Microwave Noise Sources 2 GHz to 4 GHz
RFN25K MICRONETICS-RFN25K Datasheet
497Kb / 2P
   Fullband Microwave Noise Sources 18 GHz to 26.5 GHz
logo
Keysight Technologies
N4000A KEYSIGHT-N4000A Datasheet
2Mb / 13P
   SNS Series Noise Sources
logo
Micronetics, Inc.
NZG-5-20K MICRONETICS-NZG-5-20K Datasheet
551Kb / 1P
   NOIZEG BASEBAND NOISE SOURCES
NSL2-B MICRONETICS-NSL2-B Datasheet
52Kb / 2P
   Broadband Microwave Coaxial Noise Sources 1 MHz to 1000 MHz
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com