Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SL0902A90 Arkusz danych(PDF) 5 Page - Littelfuse

Numer części SL0902A90
Szczegółowy opis  Gas Discharge Tube (GDT) Products
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LITTELFUSE [Littelfuse]
Strona internetowa  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SL0902A90 Arkusz danych(HTML) 5 Page - Littelfuse

  SL0902A90 Datasheet HTML 1Page - Littelfuse SL0902A90 Datasheet HTML 2Page - Littelfuse SL0902A90 Datasheet HTML 3Page - Littelfuse SL0902A90 Datasheet HTML 4Page - Littelfuse SL0902A90 Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
©2009 Littelfuse, Inc.
Gas Discharge Tube (GDT) Products
17
Revised: November 30, 2009
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
Customer should verify actual device performance in their specific applications.
CG5 and SL0902A Series
CG5 and SL0902A Series
Packaging Dimensions
16 +0.3 / -0.1
[0.630 +0.012 / -0.004]
7.5 ± 0.1
[0.295 ± 0.004]
8.5 ± 0.1
[0.335 ± 0.004]
1.75 ± 0.1
[0.069 ± 0.004]
1.5 DIA. MAX.
[0.059]
1.5 DIA. MAX.
[0.059]
12 ± 0.1
[0.472 ± 0.004]
8.6 ± 0.1
[0.339 ± 0.004]
0.4 ± 0.05
[0.016 ± 0.002]
10x4 ± 0.1 = 40 ± 0.2
[10 x 0.157 ± 0.004 = 1.575 ± 0.008]
4 ± 0.1
[0.157 ± 0.004]
Direction of Feed
17.7
[0.697]
275.0
[10.83]
100.0
[3.94]
25.0
[0.98]
76.0
[2.99]
Core and 'MS' Type Items
Part Numbering System and Ordering Information
CG5 XXX X XX
Breakdown Voltage
90 = 90V
230 = 230V
350 = 350V
600 = 600V
Series
CG5
Lead Option Code
(Blank) = No Leads / Core
LS = Shaped Leads
MS = Surface Mount
Packaging Option Code
(Blank) = Bulk
TR = Tape & Reel
SL 0902 A XXX SM XX
Breakdown Voltage
90 = 90V
230 = 230V
350 = 350V
420 = 420V
Series
SL0902A
Lead Option Code
MS = Surface Mount
Packaging Option Code
(Blank) = Bulk
TR = Tape & Reel
Packaging
Device Type
Description
CG5LS (Outline 500),
CG5MS (Outline 505),
SL0902A SM
900pcs/reel in carrier and tape
CG5 core (Outline 501)
1000pcs/bag in bulk packaging
Axial Leaded
CG5L-03, CG5L and
CG5LTR (Outline 502)
1000pcs/reel in tape and reel
CG5L-02 (Outline 503)
50pcs/tray in tray and cover
* For tape and reel specifications, please contact factory.


Podobny numer części - SL0902A90

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Littelfuse
SL0902A90 LITTELFUSE-SL0902A90 Datasheet
1Mb / 5P
   Gas Discharge Tube (GDT) Products
More results

Podobny opis - SL0902A90

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Littelfuse
SG75 LITTELFUSE-SG75 Datasheet
652Kb / 3P
   Gas Discharge Tube (GDT) Products
SL1021B400R LITTELFUSE-SL1021B400R Datasheet
185Kb / 5P
   Gas Discharge Tube (GDT) Products
SL1011A230A LITTELFUSE-SL1011A230A Datasheet
420Kb / 6P
   Gas Discharge Tube (GDT) Products
SL1002A350SM LITTELFUSE-SL1002A350SM Datasheet
212Kb / 5P
   Gas Discharge Tube (GDT) Products
CG2230L LITTELFUSE-CG2230L Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products
SG350Q LITTELFUSE-SG350Q Datasheet
750Kb / 4P
   Gas Discharge Tube (GDT) Products
CG75L LITTELFUSE-CG75L Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products
SL0902A090SM LITTELFUSE-SL0902A090SM Datasheet
1Mb / 5P
   Gas Discharge Tube (GDT) Products
CG2.230L LITTELFUSE-CG2.230L Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products
CG2-350L LITTELFUSE-CG2-350L Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products
SL1003A090C LITTELFUSE-SL1003A090C Datasheet
740Kb / 5P
   Gas Discharge Tube (GDT) Products
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com