Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM02B-SRSS-TB Arkusz danych(PDF) 2 Page - Newhaven Display International, Inc.

Numer części SM02B-SRSS-TB
Szczegółowy opis  1.0mm pitch/Disconnectable Crimp style connectors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NEWHAVEN [Newhaven Display International, Inc.]
Strona internetowa  http://www.newhavendisplay.com
Logo NEWHAVEN - Newhaven Display International, Inc.

SM02B-SRSS-TB Arkusz danych(HTML) 2 Page - Newhaven Display International, Inc.

  SM02B-SRSS-TB Datasheet HTML 1Page - Newhaven Display International, Inc. SM02B-SRSS-TB Datasheet HTML 2Page - Newhaven Display International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
SH CONNECTOR
1.5
2.9
0.7
1.0
A
B
Circuit No.1
4.25
Circuit No.1
1.5
0.7
1.0
A
B
2
3
4
5
6
7
8
9
10
11
12
13
14
15
20
BM02B-SRSS-TB
BM03B-SRSS-TB
BM04B-SRSS-TB
BM05B-SRSS-TB
BM06B-SRSS-TB
BM07B-SRSS-TB
BM08B-SRSS-TB
BM09B-SRSS-TB
BM10B-SRSS-TB
BM11B-SRSS-TB
BM12B-SRSS-TB
BM13B-SRSS-TB
BM14B-SRSS-TB
BM15B-SRSS-TB
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
11.0
12.0
13.0
14.0
19.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
11.0
12.0
13.0
14.0
15.0
16.0
17.0
22.0
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
1,500
1,500
1,500
1,500
1,500
1,500
1,500
1,500
1,500
1,500
1,500
1,500
1,500
1,500
SM02B-SRSS-TB
SM03B-SRSS-TB
SM04B-SRSS-TB
SM05B-SRSS-TB
SM06B-SRSS-TB
SM07B-SRSS-TB
SM08B-SRSS-TB
SM09B-SRSS-TB
SM10B-SRSS-TB
SM11B-SRSS-TB
SM12B-SRSS-TB
SM13B-SRSS-TB
SM14B-SRSS-TB
SM15B-SRSS-TB
SM20B-SRSS-TB
B
A
Circuits
Top entry type
Q'ty / reel
Dimensions (mm)
Model No.
Side entry type
Side entry type
Top entry type
Material and Finish
Contact: Copper alloy, copper-undercoated, tin-plated (reflow treatment)
Housing: PA, UL94V-0, natural (ivory)
Solder tab: Brass, copper-undercoated, tin-plated (reflow treatment)
B
1.0
Circuit No.1
A
2.1
2.8
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
11.0
12.0
13.0
14.0
19.0
5.0
6.0
7.0
8.0
9.0
10.0
11.0
12.0
13.0
14.0
15.0
16.0
17.0
18.0
23.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
11.0
12.0
13.0
14.0
15.0
16.0
21.0
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
1,000
2
3
4
5
6
7
8
9
10
11
12
13
14
15
20
SHR-02V-S
SHR-03V-S
SHR-04V-S
SHR-05V-S
SHR-06V-S
SHR-07V-S
SHR-08V-S
SHR-09V-S
SHR-10V-S
SHR-11V-S
SHR-12V-S
SHR-13V-S
SHR-14V-S
SHR-15V-S
SHR-02V-S-B
SHR-03V-S-B
SHR-04V-S-B
SHR-05V-S-B
SHR-06V-S-B
SHR-07V-S-B
SHR-08V-S-B
SHR-09V-S-B
SHR-10V-S-B
SHR-11V-S-B
SHR-12V-S-B
SHR-13V-S-B
SHR-14V-S-B
SHR-15V-S-B
SHR-20V-S-B
Circuits
Model No.
With protrusions Without protrusions
With protrusions Without protrusions
Dimensions (mm)
A
B
Material
Q'ty /
box
PBT, UL94V-0, natural (white)
RoHS compliance
Shrouded header
RoHS compliance This product displays (LF)(SN) on a label.
Note: 1. The products listed above are supplied on embossed-tape.
2. Contact JST for the headers with gold-plated pins.
3. Contact JST for the top entry type headers with suction cap.
The shrouded headers are interchangeable with those of the SR insulation displacement connectors.
With protrusions
Top entry type
Side entry type
Without protrusions
1.0
Circuit No.1
2.1
2.8
B
A
Housing


Podobny numer części - SM02B-SRSS-TB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SM02B-SRSS-TB ETC1-SM02B-SRSS-TB Datasheet
71Kb / 3P
   Disconnectable Insulation displacement connectors
logo
Lightel Technologies IN...
SM02B-SRSS-TB LIGHTEL-SM02B-SRSS-TB Datasheet
151Kb / 2P
   1.0mm pitch/Disconnectable Crimp style connectors
logo
List of Unclassifed Man...
SM02B-SRSS-TB ETC2-SM02B-SRSS-TB Datasheet
161Kb / 2P
   1.0mm pitch/Disconnectable Crimp style connectors
More results

Podobny opis - SM02B-SRSS-TB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SHLP-10V-S-B ETC2-SHLP-10V-S-B Datasheet
94Kb / 2P
   1.0mm pitch/Disconnectable Crimp style connectors
SHDR-30V-S-B ETC2-SHDR-30V-S-B Datasheet
169Kb / 3P
   1.0mm pitch/Disconnectable Crimp style connectors
logo
Lightel Technologies IN...
BM05B-SRSS-TBLFSN LIGHTEL-BM05B-SRSS-TBLFSN Datasheet
151Kb / 2P
   1.0mm pitch/Disconnectable Crimp style connectors
logo
List of Unclassifed Man...
SHR-02V-S-B ETC2-SHR-02V-S-B Datasheet
161Kb / 2P
   1.0mm pitch/Disconnectable Crimp style connectors
H3P-SHF-AA ETC2-H3P-SHF-AA Datasheet
142Kb / 4P
   Disconnectable Crimp style connectors
B5P-VH ETC2-B5P-VH Datasheet
111Kb / 5P
   Disconnectable Crimp style connectors
B11B-ZR-SM3-TF ETC2-B11B-ZR-SM3-TF Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
SM02B-BHLS-1-TB ETC1-SM02B-BHLS-1-TB Datasheet
40Kb / 3P
   Disconnectable Crimp style connectors
B3P-VH ETC-B3P-VH Datasheet
111Kb / 5P
   Disconnectable Crimp style connectors
B3B-PH-SM3-TB ETC2-B3B-PH-SM3-TB Datasheet
182Kb / 7P
   Disconnectable Crimp style connectors
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com