Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BU-62-5 Arkusz danych(PDF) 1 Page - List of Unclassifed Manufacturers

Numer części BU-62-5
Szczegółowy opis  INSULATOR FOR BU-60 SERIES ALIGATOR CLIPS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

BU-62-5 Arkusz danych(HTML) 1 Page - List of Unclassifed Manufacturers

  BU-62-5 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BU-62-*
(INSULATOR FOR BU-60 SERIES ALIGATOR CLIPS)
DESCRIPTION:
The BU-62-* Insulators are field installable on a variety of Mueller brand 60 series alligator clips.
They are used to prevent alligator clips from shorting against other objects or each other.
Use with BU-60, BU-60C, BU-60S, BU-60CS, BU-60TBO, BU-60X and BU-61
MATERIALS:
Flexible PVC; Durometer 60-70
RATINGS:
Max Temp: +160˚F (71˚C)
Mueller Insulators are intended for hands free testing at potentials above 42 Volts. The Dielectric strength of
the BU-62 Insulator is 23kV.
STANDARD COLORS:
{-* Indicates color} -0 BLACK; -2 Red; -4 Yellow; -5 Green; -6 Blue; -9 White
RoHS Compliant: Reach Compliant


Podobny numer części - BU-62-5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
BU-60 ETC2-BU-60 Datasheet
518Kb / 1P
   Alligator Clip
BU-60C ETC2-BU-60C Datasheet
518Kb / 1P
   Alligator Clip
BU-60C ETC2-BU-60C Datasheet
518Kb / 1P
   Alligator Clip
BU-60CHS-0 ETC2-BU-60CHS-0 Datasheet
50Kb / 1P
   Alligator Clip with Acetate Handle and Screw
BU-60CHS-2 ETC2-BU-60CHS-2 Datasheet
50Kb / 1P
   Alligator Clip with Acetate Handle and Screw
More results

Podobny opis - BU-62-5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
BU-74 ETC2-BU-74 Datasheet
144Kb / 1P
   Insulator for BU??5 Series Clips
BU-90 ETC2-BU-90 Datasheet
147Kb / 1P
   Insulator for BU??7 Series Clips
BU-47 ETC2-BU-47 Datasheet
145Kb / 1P
   Insulator for BU??5 Series Clips
BU-87 ETC2-BU-87 Datasheet
151Kb / 1P
   Insulator for BU??5 Series Clips
BU-36-0 ETC2-BU-36-0 Datasheet
834Kb / 1P
   Insulator for BU-34 Clips
BU-47-0 ETC2-BU-47-0 Datasheet
1Mb / 1P
   Insulator for BU-45 Clips
BU-72 ETC2-BU-72 Datasheet
168Kb / 1P
   Insulator for BU??0 Series Alligator Clips
BU-43PR ETC2-BU-43PR Datasheet
135Kb / 1P
   Insulator Pair for BU??1 Series Clips
BU-36 ETC2-BU-36 Datasheet
149Kb / 1P
   Insulator for BU??4 Series Alligator Clips
BU-49 ETC2-BU-49 Datasheet
147Kb / 1P
   Insulator for BU??8, BU??0, BU??1 and BU??5 Series Clips
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com