Zakładka z wyszukiwarką danych komponentów |
|
V-163-1A5 Arkusz danych(PDF) 9 Page - Omron Electronics LLC |
|
V-163-1A5 Arkusz danych(HTML) 9 Page - Omron Electronics LLC |
9 / 16 page Snap Action Switch V 129 ■ Dimensions and Operating Characteristics Thermoplastic Case Models Note: 1. Unless otherwise specified, all units are in millimeters and a tolerance of ±0.4 mm applies to all dimensions 2. The following illustrations and drawings are for quick-connect terminals (#250) (terminals C). V models also incorporate terminals A and C2, which are omitted from the following drawings. Refer to Terminals section for the dimensions of these terminals. 3. The @ in the model number is for the terminal code. 4. The illustrations for V-21, V-16 and V-11 show a hole size of 3.1 mm. V-21, V-16 and V-11 models with a suffix “K” have a hole size of 2.9 mm. 5. The operating characteristics are for operation in the A direction ( ). Pin Plunger Models (Without Barrier) V-21-1 6 V-16-1 5 V-11-1 4 3.1 +0.13 –0.03 dia. holes 3.1 +0.13 –0.03 3.4 ±0.15 dia. t=0.8 Three, quick-connect terminals (#250) 20.2 ±0.25 2.8 1.6 2.8 10.3 ±0.1 PT OP 22.2 ±0.1 2.8 (12.0) 27.8 39.8 ±0.8 2.8 8.4 15.9 19.1 0.6 4.2 2.8 10.3 (With Right-hand Barrier) V-21-1 R6 V-16-1 R5 3.1 +0.13 –0.03 dia. holes 3.1 +0.13 –0.03 3.4 ±0.15 dia. t=0.8 Three, quick-connect terminals (#250) 20.2 ±0.25 2.8 1.6 2.8 10.3 ±0.1 PT OP 22.2 ±0.1 2.8 (12.0) 27.8 39.8 ±0.8 40.2 2.8 15.9 8.4 19.1 21.9 0.6 4.2 2.8 0.6 10.3 A A (With Left-hand Barrier) V-21-1 L6 V-16-1 L5 3.1 +0.13 –0.03 dia. holes 3.1 +0.13 –0.03 3.4 ±0.15 dia. t=0.8 Three, quick-connect terminals (#250) 2.8 0.6 4.2 0.6 10.3 2.8 19.1 15.9 8.4 21.9 1.6 20.2 ±0.25 2.8 2.8 (12.0) 2.8 27.8 39.8 ±0.8 22.2 ±0.1 40.2 10.3 ±0.1 PT OP A Characteristics V-21-1 @6 V-16-1 @5 OF max. 400 gf 200 gf RF min. 80 gf 50 gf PT max. 1.2 mm OT min. 1.0 mm MD max. 0.4 mm OP 14.7 ± 0.4 mm Characteristics V-11-1 @4 V-11-1 @5 OF max. 100 gf 200 gf RF min. 20 gf 50 gf PT max. 1.2 mm OT min. 1.0 mm MD max. 0.4 mm OP 14.7 ± 0.4 mm |
Podobny numer części - V-163-1A5 |
|
Podobny opis - V-163-1A5 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |