Zakładka z wyszukiwarką danych komponentów |
|
V-16-3AR5 Arkusz danych(PDF) 5 Page - Omron Electronics LLC |
|
V-16-3AR5 Arkusz danych(HTML) 5 Page - Omron Electronics LLC |
5 / 16 page Snap Action Switch V 125 Specifications ■ Ratings (reference values) Note: 1. The above current values are the normal current values of models with a contact gap of 1 mm (gap F), which vary with the normal current values of models with a contact gap of 0.5 mm (gap G). 2. Inductive load has a power factor of 0.4 min. (AC) and a time constant of 7 ms max. (DC). 3. Lamp load has an inrush current of 10 times the steady-state current. 4. Motor load has an inrush current of 6 times the steady-state current. 5. The ratings values apply under the following test conditions: Ambient temperature: 20 ±2°C, Ambient humidity: 65±5%, Operating frequency: 30 operations/min ■ Approved Standards UL1054 (File No. E41515) CSA C22.2 No.55 (File No. LR21642) EN 61058-1 (File No. 129608, VDE approval) Testing conditions: 5E4 (50,000 operations), T105 (0 °C to 105°C) EN 61058-1 (File No. T9451451, TÜV Rheinland approval) Testing conditions: 5E4 (50,000 operations), T85 (0 °C to 85°C) Type Rated voltage Non-inductive load Inductive load Resistive load Lamp load Inductive load Motor load NC NO NC NO NC NO NC NO V-21 250 VAC 21 A 3 A 12 A 4 A 8 VDC 30 VDC 125 VDC 250 VDC 21 A 14 A 0.6 A 0.3 A 5 A 5 A 0.1 A 0.05 A 12 A 12 A 0.6 A 0.3 A 7 A 5 A 0.1 A 0.05 A V-16 250 VAC 16 A 2 A 10 A 3 A 8 VDC 30 VDC 125 VDC 250 VDC 16 A 10 A 0.6 A 0.3 A 4 A 4 A 0.1 A 0.05 A 10 A 10 A 0.6 A 0.3 A 6 A 4 A 0.1 A 0.05 A V-15 250 VAC 15 A 2 A 10 A 3 A 8 VDC 30 VDC 125 VDC 250 VDC 15 A 10 A 0.6 A 0.3 A 4 A 4 A 0.1 A 0.05 A 10 A 10 A 0.6 A 0.3 A 6 A 4 A 0.1 A 0.05 A V-11 250 VAC 11 A 1.5 A 6 A 2 A 8 VDC 30 VDC 125 VDC 250 VDC 11 A 6 A 0.6 A 0.3 A 3 A 3 A 0.1 A 0.05 A 6 A 6 A 0.6 A 0.3 A 3 A 3 A 0.1 A 0.05 A V-10 250 VAC 10 A 1.5 A 6 A 2 A 8 VDC 30 VDC 125 VDC 250 VDC 10 A 6 A 0.6 A 0.3 A 3 A 3 A 0.1 A 0.05 A 6 A 6 A 0.6 A 0.3 A 3 A 3 A 0.1 A 0.05 A Rated voltage V-21 V-16 V-15 V-11 V-10 125 VAC 21 A, 1/2 HP 16 A, 1/2 HP 15 A, 1/2 HP 11 A, 1/3 HP 10 A, 1/3 HP 250 VAC 125 VDC 0.6 A 250 VDC 0.3 A Rated voltage V-21 V-16 V-11 250 VAC 20 (4) A 16 (4) A 11 (3) A Rated voltage V-15 V-10 250 VAC 15 A 10 A 250 VDC 0.3 A |
Podobny numer części - V-16-3AR5 |
|
Podobny opis - V-16-3AR5 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |